Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA620KP Datasheet(PDF) 4 Page - Texas Instruments

Part # OPA620KP
Description  OPERATIONAL AMPLIFIER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA620KP Datasheet(HTML) 4 Page - Texas Instruments

  OPA620KP Datasheet HTML 1Page - Texas Instruments OPA620KP Datasheet HTML 2Page - Texas Instruments OPA620KP Datasheet HTML 3Page - Texas Instruments OPA620KP Datasheet HTML 4Page - Texas Instruments OPA620KP Datasheet HTML 5Page - Texas Instruments OPA620KP Datasheet HTML 6Page - Texas Instruments OPA620KP Datasheet HTML 7Page - Texas Instruments OPA620KP Datasheet HTML 8Page - Texas Instruments OPA620KP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
®
OPA620
4
TYPICAL PERFORMANCE CURVES (CONT)
At VCC = ±5VDC, RL = 100Ω, and TA = +25°C, unless otherwise noted.
OPEN-LOOP FREQUENCY RESPONSE
Frequency (Hz)
1k
10k
100k
1M
10M
100M
1G
80
60
40
20
0
-20
Gain
Phase
Phase
Margin
60°
0
–45
–90
–135
–180
A = +1V/V CLOSED-LOOP
SMALL-SIGNAL BANDWIDTH
V
Frequency (Hz)
+4
+2
0
–4
–6
–8
1M
10M
100M
1G
0
–45
–90
–135
–180
–2
A
OL
PM
60°
Gain
Open-Loop Phase
A = +2V/V CLOSED-LOOP
SMALL-SIGNAL BANDWIDTH
V
Frequency (Hz)
+10
+8
+6
+2
0
–2
1M
10M
100M
1G
0
–45
–90
–135
–180
+4
A
OL
PM
70°
Gain
Open-Loop Phase
A
V = +10V/V CLOSED-LOOP
SMALL-SIGNAL BANDWIDTH
Frequency (Hz)
+24
+22
+20
+16
+14
+12
1M
10M
100M
1G
0
–45
–90
–135
–180
+18
OL
Gain
Open-Loop Phase
A
PM
90°
A = +1V/V CLOSED-LOOP BANDWIDTH
vs OUTPUT VOLTAGE SWING
V
Frequency (Hz)
8
6
0
1M
10M
100M
1G
4
1k
10k
100k
2
R = 50
L
A = +2V/V CLOSED-LOOP BANDWIDTH
vs OUTPUT VOLTAGE SWING
V
Frequency (Hz)
8
6
0
1M
10M
100M
1G
4
1k
10k
100k
2
R = 50
L


Similar Part No. - OPA620KP

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA620KP BURR-BROWN-OPA620KP Datasheet
309Kb / 15P
   Wideband Precision OPERATIONAL AMPLIFIER
More results

Similar Description - OPA620KP

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM725 NSC-LM725 Datasheet
495Kb / 11P
   Operational Amplifier
logo
SG Micro Corp
SGM8142 SGMICRO-SGM8142 Datasheet
291Kb / 10P
   Operational Amplifier
logo
Linear Technology
RH101A LINER-RH101A_15 Datasheet
142Kb / 2P
   Operational Amplifier
RH07 LINER-RH07 Datasheet
113Kb / 4P
   Operational Amplifier
logo
Siemens Semiconductor G...
TCA321 SIEMENS-TCA321 Datasheet
739Kb / 5P
   Operational Amplifier
logo
Linear Technology
OP-05 LINER-OP-05 Datasheet
520Kb / 8P
   Operational Amplifier
RH108A LINER-RH108A Datasheet
141Kb / 4P
   Operational Amplifier
logo
Texas Instruments
LM7332 TI1-LM7332 Datasheet
1Mb / 34P
[Old version datasheet]   Operational Amplifier
OPA606 TI1-OPA606 Datasheet
113Kb / 10P
[Old version datasheet]   OPERATIONAL AMPLIFIER
OPA622 TI1-OPA622 Datasheet
361Kb / 19P
[Old version datasheet]   OPERATIONAL AMPLIFIER
logo
Linear Technology
LT1220 LINER-LT1220_15 Datasheet
271Kb / 12P
   Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com