Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA606KM Datasheet(PDF) 1 Page - Texas Instruments

Part # OPA606KM
Description  OPERATIONAL AMPLIFIER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA606KM Datasheet(HTML) 1 Page - Texas Instruments

  OPA606KM Datasheet HTML 1Page - Texas Instruments OPA606KM Datasheet HTML 2Page - Texas Instruments OPA606KM Datasheet HTML 3Page - Texas Instruments OPA606KM Datasheet HTML 4Page - Texas Instruments OPA606KM Datasheet HTML 5Page - Texas Instruments OPA606KM Datasheet HTML 6Page - Texas Instruments OPA606KM Datasheet HTML 7Page - Texas Instruments OPA606KM Datasheet HTML 8Page - Texas Instruments OPA606KM Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
OPA606
International Airport Industrial Park
Mailing Address: PO Box 11400
Tucson, AZ 85734
Street Address: 6730 S. Tucson Blvd.
Tucson, AZ 85706
Tel: (520) 746-1111
Twx: 910-952-1111
Cable: BBRCORP
Telex: 066-6491
FAX: (520) 889-1510
Immediate Product Info: (800) 548-6132
Wide-Bandwidth
Difet ®
OPERATIONAL AMPLIFIER
FEATURES
q WIDE BANDWIDTH: 13MHz typ
q HIGH SLEW RATE: 35V/
µs typ
q LOW BIAS CURRENT: 10pA max at
TA = +25°C
q LOW OFFSET VOLTAGE: 500
µV max
q LOW DISTORTION: 0.0035% typ at 10kHz
APPLICATIONS
q OPTOELECTRONICS
q DATA ACQUISITION
q TEST EQUIPMENT
q AUDIO AMPLIFIERS
DESCRIPTION
The OPA606 is a wide-bandwidth monolithic
dielectrically-isolated FET (Difet®) operational ampli-
fier featuring a wider bandwidth and lower bias cur-
rent than BIFET® LF156A amplifiers. Bias current is
specified under warmed-up and operating conditions,
as opposed to a junction temperature of +25
°C.
Laser-trimmed thin-film resistors offer improved off-
set voltage and noise performance.
The OPA606 is internally compensated for unity-gain
stability.
Difet®; Burr-Brown Corp.
BIFET®; National Semiconductor Corp.
®
+In
3
+V
CC
7
–V
CC
4
–In
2
Trim
5
Trim
1
Simplified Circuit
V
OUT
6
©1985 Burr-Brown Corporation
PDS-598D
Printed in U.S.A. July, 1995
SBOS143


Similar Part No. - OPA606KM

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA606KM BURR-BROWN-OPA606KM Datasheet
132Kb / 9P
   Wide-Bandwidth Difet OPERATIONAL AMPLIFIER
More results

Similar Description - OPA606KM

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM725 NSC-LM725 Datasheet
495Kb / 11P
   Operational Amplifier
logo
SG Micro Corp
SGM8142 SGMICRO-SGM8142 Datasheet
291Kb / 10P
   Operational Amplifier
logo
Linear Technology
RH101A LINER-RH101A_15 Datasheet
142Kb / 2P
   Operational Amplifier
RH07 LINER-RH07 Datasheet
113Kb / 4P
   Operational Amplifier
logo
Siemens Semiconductor G...
TCA321 SIEMENS-TCA321 Datasheet
739Kb / 5P
   Operational Amplifier
logo
Linear Technology
OP-05 LINER-OP-05 Datasheet
520Kb / 8P
   Operational Amplifier
RH108A LINER-RH108A Datasheet
141Kb / 4P
   Operational Amplifier
logo
Texas Instruments
LM7332 TI1-LM7332 Datasheet
1Mb / 34P
[Old version datasheet]   Operational Amplifier
OPA622 TI1-OPA622 Datasheet
361Kb / 19P
[Old version datasheet]   OPERATIONAL AMPLIFIER
logo
Linear Technology
LT1220 LINER-LT1220_15 Datasheet
271Kb / 12P
   Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com