Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ONET4291TAY Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # ONET4291TAY
Description  4.25-Gbps Transimpedance Amplifier With AGC and RSSI
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ONET4291TAY Datasheet(HTML) 11 Page - Texas Instruments

Back Button ONET4291TAY Datasheet HTML 7Page - Texas Instruments ONET4291TAY Datasheet HTML 8Page - Texas Instruments ONET4291TAY Datasheet HTML 9Page - Texas Instruments ONET4291TAY Datasheet HTML 10Page - Texas Instruments ONET4291TAY Datasheet HTML 11Page - Texas Instruments ONET4291TAY Datasheet HTML 12Page - Texas Instruments ONET4291TAY Datasheet HTML 13Page - Texas Instruments ONET4291TAY Datasheet HTML 14Page - Texas Instruments ONET4291TAY Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
www.ti.com
APPLICATION INFORMATION
S0097-02
6
10
8
7
9
2
3
1
4
5
V
CC
GND
OUT–
OUT+
RSSI
ONET
4291TA
220 W
200 pF
275 pF
C
0 to 2 pF
Optional
NBW
C
0.1 F
2
m
C
0.1 F
1
m
ASSEMBLY RECOMMENDATIONS
ONET4291TA
SLLS670 – SEPTEMBER 2005
Figure 15 shows an application circuit for an ONET4291TA being used in a typical fiber-optic receiver. The
ONET4291TA converts the electrical current generated by the PIN photodiode into a differential output voltage.
The FILTER input provides a dc bias voltage for the PIN that is low-pass filtered by the combination of the
internal 220-
Ω resistor and 200-pF capacitor. Because the voltage drop across the 220-Ω resistor is sensed and
used by the AGC circuit, the photodiode must be connected to a FILTER pad for the AGC to function correctly.
The RSSI output is used to mirror the photodiode average current and must be connected via a resistor to GND.
The voltage gain can be adjusted for the intended application by choosing the external resistor. However, for
proper operation of the ONET4291TA, ensure that the voltage at RSSI never exceeds VCC – 0.65 V. If the RSSI
output is not used, it must be grounded.
The OUT+ and OUT– pads are internally terminated by 50-
Ω pullup resistors to V
CC. The outputs must be
ac-coupled (e.g., using C1 = C2 = 0.1
µF) to the succeeding device. An additional capacitor, C
NBW, which is
differentially connected between the two output pins OUT+ and OUT–, can be used to limit the noise bandwidth
and thus optimize the noise performance.
Figure 15. Basic Application Circuit
When packaging the ONET4291TA, careful attention to parasitics and external components is necessary to
achieve optimal performance. Recommendations that optimize performance include:
1. Minimize total capacitance on the IN pad by using a low-capacitance photodiode and paying attention to
stray capacitances. Place the photodiode close to the ONET4291TA die to minimize the bond wire length
and thus the parasitic inductance.
2. Use identical termination and symmetrical transmission lines at the ac-coupled differential output pins OUT+
and OUT–. A differential capacitor CNBW can be used to limit the noise bandwidth.
3. Use short bond-wire connections for the supply terminals VCC and GND. Supply-voltage filtering is provided
on-chip. Filtering can be improved by using an additional external capacitor.
11
Submit Documentation Feedback


Similar Part No. - ONET4291TAY

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ONET4291TA TI-ONET4291TA Datasheet
960Kb / 16P
[Old version datasheet]   4.25-Gbps Transimpedance Amplifier With AGC and RSSI
More results

Similar Description - ONET4291TAY

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ONET4291T TI1-ONET4291T Datasheet
639Kb / 16P
[Old version datasheet]   4.25-Gbps Transimpedance Amplifier With AGC and RSSI
ONET4291TA TI-ONET4291TA Datasheet
960Kb / 16P
[Old version datasheet]   4.25-Gbps Transimpedance Amplifier With AGC and RSSI
ONET2591TA TI-ONET2591TA Datasheet
949Kb / 15P
[Old version datasheet]   2.5-Gbps Transimpedance Amplifier With AGC and RSSI
ONET2591TA TI1-ONET2591TA_17 Datasheet
951Kb / 16P
[Old version datasheet]   2.5-Gbps Transimpedance Amplifier With AGC and RSSI
ONET8511T TI-ONET8511T Datasheet
315Kb / 14P
[Old version datasheet]   11.3 Gbps Linear Transimpedance Amplifier With AGC and RSSI
ONET9901TA TI-ONET9901TA Datasheet
417Kb / 13P
[Old version datasheet]   10.7-GBPS TRANSIMPEDANCE AMPLIFIER WITH RSSI
ONET2511TA TI1-ONET2511TA Datasheet
455Kb / 12P
[Old version datasheet]   2.5 GBPS TRANSIMPEDANCE AMPLIFIER WITH RSSI
ONET8531T TI1-ONET8531T_17 Datasheet
329Kb / 17P
[Old version datasheet]   11.3 Gbps Limiting Transimpedance Amplifier With RSSI
logo
M/A-COM Technology Solu...
02013-BRF-001-A MA-COM-02013-BRF-001-A Datasheet
151Kb / 2P
   3.2 Gbps Transimpedance Amplifier with AGC
02014-BRF-001-A MA-COM-02014-BRF-001-A Datasheet
115Kb / 2P
   2.5 Gbps Transimpedance Amplifier with AGC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com