Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ONET4291TA Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # ONET4291TA
Description  4.25-Gbps Transimpedance Amplifier With AGC and RSSI
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ONET4291TA Datasheet(HTML) 4 Page - Texas Instruments

  ONET4291TA Datasheet HTML 1Page - Texas Instruments ONET4291TA Datasheet HTML 2Page - Texas Instruments ONET4291TA Datasheet HTML 3Page - Texas Instruments ONET4291TA Datasheet HTML 4Page - Texas Instruments ONET4291TA Datasheet HTML 5Page - Texas Instruments ONET4291TA Datasheet HTML 6Page - Texas Instruments ONET4291TA Datasheet HTML 7Page - Texas Instruments ONET4291TA Datasheet HTML 8Page - Texas Instruments ONET4291TA Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
www.ti.com
BOND PAD ASSIGNMENT
6
10
8
7
9
2
3
1
4
5
M0033-04
GND
GND
GND
OUT
RSSI
GND
OUT+
V
CC
ONET4291TA
SLLS670 – SEPTEMBER 2005
The ONET4291TA is available as a bare die. The locations of the bond pads are shown in the following figure.
BOND PAD DESCRIPTION
PAD
TYPE
DESCRIPTION
NAME
NO.
Bias voltage for photodiode (cathode). This pads connects through an internal 220-
Ω resistor to
FILTER
5
Analog
VCC and a 200-pF filter capacitor to ground (GND). The FILTER pad(s) must be connected to the
photodiode for the AGC to function.
Circuit ground. All GND pads are connected on die. Bonding all pads is optional; however, for
GND
1, 2, 9, 10
Supply
optimum performance a good ground connection is mandatory.
IN
6
Analog input
Data input to TIA (photodiode anode)
OUT+
3
Analog output
Non-inverted data output. On-chip 50-
Ω back-terminated to V
CC.
OUT–
8
Analog output
Inverted data output. On-chip 50-
Ω back-terminated to V
CC.
Analog output current proportional to the input data amplitude. Indicates the strength of the
received signal (RSSI). Must be sunk through an external resistor to ground (GND). The RSSI
RSSI
7
Analog output
gain can be adjusted by choosing the external resistor; however, for proper operation, ensure
that the voltage at the RSSI pad never exceeds VCC – 0.65 V. If the RSSI feature is not used,
this pad must be bonded to ground (GND) to ensure proper operation.
VCC
4
Supply
3.3-V, +10%/–12% supply voltage
4
Submit Documentation Feedback


Similar Part No. - ONET4291TA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ONET4291TA TI-ONET4291TA Datasheet
960Kb / 16P
[Old version datasheet]   4.25-Gbps Transimpedance Amplifier With AGC and RSSI
More results

Similar Description - ONET4291TA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ONET4291T TI1-ONET4291T Datasheet
639Kb / 16P
[Old version datasheet]   4.25-Gbps Transimpedance Amplifier With AGC and RSSI
ONET4291TA TI-ONET4291TA Datasheet
960Kb / 16P
[Old version datasheet]   4.25-Gbps Transimpedance Amplifier With AGC and RSSI
ONET2591TA TI-ONET2591TA Datasheet
949Kb / 15P
[Old version datasheet]   2.5-Gbps Transimpedance Amplifier With AGC and RSSI
ONET2591TA TI1-ONET2591TA_17 Datasheet
951Kb / 16P
[Old version datasheet]   2.5-Gbps Transimpedance Amplifier With AGC and RSSI
ONET8511T TI-ONET8511T Datasheet
315Kb / 14P
[Old version datasheet]   11.3 Gbps Linear Transimpedance Amplifier With AGC and RSSI
ONET9901TA TI-ONET9901TA Datasheet
417Kb / 13P
[Old version datasheet]   10.7-GBPS TRANSIMPEDANCE AMPLIFIER WITH RSSI
ONET2511TA TI1-ONET2511TA Datasheet
455Kb / 12P
[Old version datasheet]   2.5 GBPS TRANSIMPEDANCE AMPLIFIER WITH RSSI
ONET8531T TI1-ONET8531T_17 Datasheet
329Kb / 17P
[Old version datasheet]   11.3 Gbps Limiting Transimpedance Amplifier With RSSI
logo
M/A-COM Technology Solu...
02013-BRF-001-A MA-COM-02013-BRF-001-A Datasheet
151Kb / 2P
   3.2 Gbps Transimpedance Amplifier with AGC
02014-BRF-001-A MA-COM-02014-BRF-001-A Datasheet
115Kb / 2P
   2.5 Gbps Transimpedance Amplifier with AGC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com