Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ONET4291TA Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # ONET4291TA
Description  4.25-Gbps Transimpedance Amplifier With AGC and RSSI
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ONET4291TA Datasheet(HTML) 2 Page - Texas Instruments

  ONET4291TA Datasheet HTML 1Page - Texas Instruments ONET4291TA Datasheet HTML 2Page - Texas Instruments ONET4291TA Datasheet HTML 3Page - Texas Instruments ONET4291TA Datasheet HTML 4Page - Texas Instruments ONET4291TA Datasheet HTML 5Page - Texas Instruments ONET4291TA Datasheet HTML 6Page - Texas Instruments ONET4291TA Datasheet HTML 7Page - Texas Instruments ONET4291TA Datasheet HTML 8Page - Texas Instruments ONET4291TA Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
www.ti.com
BLOCK DIAGRAM
B0066-01
OUT+
OUT–
RSSI
V
CC
FILTER
220 W
200 pF
275 pF
DC Input Current
Cancellation,
AGC, and RSSI
Band-Gap Voltage
Reference and
Bias Current
Generation
GND
R
F
IN
Voltage Amplifier
CML Output Buffer
Transimpedance Amplifier
SIGNAL PATH
ONET4291TA
SLLS670 – SEPTEMBER 2005
The ONET4291TA is a high-performance, 4.25-Gbps transimpedance amplifier consisting of the signal path,
supply filter, a control block for dc input current cancellation, automatic gain control (AGC), received signal
strength indication (RSSI), and a band-gap voltage reference and bias current generation block.
The signal path comprises a transimpedance amplifier stage, a voltage amplifier, and a CML output buffer.
The on-chip filter circuit provides filtered VCC for the photodiode and for the transimpedance amplifier. The dc
input current cancellation and AGC use internal low-pass filters to cancel the dc current on the input and to
adjust the transimpedance amplifier gain. Furthermore, circuitry to monitor the received signal strength is
provided.
A simplified block diagram of the ONET4291TA is shown in Figure 1.
Figure 1. Simplified Block Diagram of the ONET4291TA
The first stage of the signal path is a transimpedance amplifier that takes the photodiode current and converts it
into a voltage signal.
If the input signal current exceeds a certain value, the transimpedance gain is reduced by means of AGC
circuitry.
The second stage is a voltage amplifier that provides additional gain and converts its single-ended input voltage
into a differential data signal.
The third signal-path stage is the output buffer, which provides CML outputs with on-chip, 50-
Ω back-termination
to VCC.
2
Submit Documentation Feedback


Similar Part No. - ONET4291TA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ONET4291TA TI-ONET4291TA Datasheet
960Kb / 16P
[Old version datasheet]   4.25-Gbps Transimpedance Amplifier With AGC and RSSI
More results

Similar Description - ONET4291TA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ONET4291T TI1-ONET4291T Datasheet
639Kb / 16P
[Old version datasheet]   4.25-Gbps Transimpedance Amplifier With AGC and RSSI
ONET4291TA TI-ONET4291TA Datasheet
960Kb / 16P
[Old version datasheet]   4.25-Gbps Transimpedance Amplifier With AGC and RSSI
ONET2591TA TI-ONET2591TA Datasheet
949Kb / 15P
[Old version datasheet]   2.5-Gbps Transimpedance Amplifier With AGC and RSSI
ONET2591TA TI1-ONET2591TA_17 Datasheet
951Kb / 16P
[Old version datasheet]   2.5-Gbps Transimpedance Amplifier With AGC and RSSI
ONET8511T TI-ONET8511T Datasheet
315Kb / 14P
[Old version datasheet]   11.3 Gbps Linear Transimpedance Amplifier With AGC and RSSI
ONET9901TA TI-ONET9901TA Datasheet
417Kb / 13P
[Old version datasheet]   10.7-GBPS TRANSIMPEDANCE AMPLIFIER WITH RSSI
ONET2511TA TI1-ONET2511TA Datasheet
455Kb / 12P
[Old version datasheet]   2.5 GBPS TRANSIMPEDANCE AMPLIFIER WITH RSSI
ONET8531T TI1-ONET8531T_17 Datasheet
329Kb / 17P
[Old version datasheet]   11.3 Gbps Limiting Transimpedance Amplifier With RSSI
logo
M/A-COM Technology Solu...
02013-BRF-001-A MA-COM-02013-BRF-001-A Datasheet
151Kb / 2P
   3.2 Gbps Transimpedance Amplifier with AGC
02014-BRF-001-A MA-COM-02014-BRF-001-A Datasheet
115Kb / 2P
   2.5 Gbps Transimpedance Amplifier with AGC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com