Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS3617-50DGKG4 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS3617-50DGKG4
Description  BATTERY-BACKUP SUPERVISOR FOR RAM RETENTION
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS3617-50DGKG4 Datasheet(HTML) 1 Page - Texas Instruments

  TPS3617-50DGKG4 Datasheet HTML 1Page - Texas Instruments TPS3617-50DGKG4 Datasheet HTML 2Page - Texas Instruments TPS3617-50DGKG4 Datasheet HTML 3Page - Texas Instruments TPS3617-50DGKG4 Datasheet HTML 4Page - Texas Instruments TPS3617-50DGKG4 Datasheet HTML 5Page - Texas Instruments TPS3617-50DGKG4 Datasheet HTML 6Page - Texas Instruments TPS3617-50DGKG4 Datasheet HTML 7Page - Texas Instruments TPS3617-50DGKG4 Datasheet HTML 8Page - Texas Instruments TPS3617-50DGKG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
www.ti.com
FEATURES
DESCRIPTION
APPLICATIONS
VDD
VBAT
PFI
Backup
Battery
RESET
WDI
PFO
VOUT
GND
Rx
Ry
External
Source
0.1
µF
Power
Supply
GND
RESET
I/O
I/O
VCC
Switchover
Capacitor
0.1
µF
TPS3617
TPS3618
Microcontroller
or
Microprocessor
ACTUAL SIZE
3,05 mm x 4,98 mm
VBAT
RESET
WDI
PFO
VOUT
VDD
GND
PFI
MSOP (DGK) Package
(TOP VIEW)
TPS3617
TPS3618
SLVS339D – DECEMBER 2000 – REVISED DECEMBER 2006
BATTERY-BACKUP SUPERVISOR FOR RAM RETENTION
• Supply Current of 40 µA (Max)
The TPS3617 and TPS3618 are battery-backup
supervisors that monitor 5 V supplies. They provide
• Battery Supply Current of 100 nA (Max)
a battery-backup function ideal for applications that
• Precision 5-V Supply Voltage Monitor, Other
require data retention of CMOS RAM during fault
Voltage Options on Request
conditions. When the voltage at VDD drops below a
• Backup-Battery Voltage Can Exceed V
DD
preset threshold (VIT), the active low push-pull
RESET output asserts, and VOUT switches from VDD
• Watchdog Timer With 800-ms Time-Out
to VBAT. When VDD rises above the trip threshold,
• Power-On Reset Generator With Fixed 100-ms
VOUT switches immediately from VBAT to VDD.
Reset Delay Time
The RESET output remains low until the delay time
• Voltage Monitor for Power-Fail or Low-Battery
(td) expires. During power on, RESET is asserted
Monitoring
when the supply voltage (VDD or VBAT) goes higher
than 1.1 V.
• Battery Freshness Seal (TPS3617 Only)
• 8-Pin MSOP Package
The PFI and PFO pins are provided if additional
voltage monitoring is needed. If the voltage at PFI is
• Temperature Range: –40° to +85°C
less than 1.15 V, the push-pull PFO pin will assert
low. When the voltage at PFI exceeds the threshold
voltage, PFO will go high.
• Fax Machines
These devices also feature a watchdog timer pin
• Set-Top Boxes
(WDI) that monitors processor activity and asserts
• Advanced Voice Mail Systems
RESET if the the processor is inactive longer than
• Portable Battery Powered Equipment
the watchdog timeout period. If the watchdog timer is
• Computer Equipment
not used, the WDI pin should be left floating.
• Advanced Modems
The TPS3617 and TPS3618 are available in an 8-pin
• Automotive Systems
MSOP package and are characterized for operation
over a temperature range of –40
°C to +85°C.
• Portable Long-Time Monitoring Equipment
• Point-of-Sale Equipment
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2000–2006, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TPS3617-50DGKG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3617-50 TI1-TPS3617-50 Datasheet
271Kb / 15P
[Old version datasheet]   BATTERY-BACKUP SUPERVISOR FOR RAM RETENTION
More results

Similar Description - TPS3617-50DGKG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3617-50 TI1-TPS3617-50 Datasheet
271Kb / 15P
[Old version datasheet]   BATTERY-BACKUP SUPERVISOR FOR RAM RETENTION
TPS3631-01 TI1-TPS3631-01 Datasheet
469Kb / 19P
[Old version datasheet]   ADJUSTABLE BATTERY-BACKUP SUPERVISOR FOR RAM RETENTION
TPS3613-01 TI1-TPS3613-01 Datasheet
319Kb / 15P
[Old version datasheet]   Adustable battery-backup supervisor for ram retention
TPS3619-33 TI1-TPS3619-33_16 Datasheet
870Kb / 17P
[Old version datasheet]   BACKUP-BATTERY SUPERVISORS FOR RAM RETENTION
TPS3619-33-EP TI1-TPS3619-33-EP_14 Datasheet
625Kb / 18P
[Old version datasheet]   BACKUP-BATTERY SUPERVISORS FOR RAM RETENTION
TPS3610U18 TI-TPS3610U18 Datasheet
543Kb / 26P
[Old version datasheet]   BATTERY-BACKUP SUPERVISORS FOR RAM RETENTION
TPS3619-33 TI-TPS3619-33 Datasheet
337Kb / 18P
[Old version datasheet]   BACKUP-BATTERY SUPERVISORS FOR RAM RETENTION
TPS3610T50 TI1-TPS3610T50 Datasheet
709Kb / 27P
[Old version datasheet]   BATTERY-BACKUP SUPERVISORS FOR RAM RETENTION
TPS3619-33-EP TI1-TPS3619-33-EP Datasheet
618Kb / 18P
[Old version datasheet]   BACKUP-BATTERY SUPERVISORS FOR RAM RETENTION
TPS3610U18 TI1-TPS3610U18_16 Datasheet
1Mb / 27P
[Old version datasheet]   BATTERY-BACKUP SUPERVISORS FOR RAM RETENTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com