Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS3513DRG4 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TPS3513DRG4
Description  PC POWER SUPPLY SUPERVISORS
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS3513DRG4 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS3513DRG4 Datasheet HTML 4Page - Texas Instruments TPS3513DRG4 Datasheet HTML 5Page - Texas Instruments TPS3513DRG4 Datasheet HTML 6Page - Texas Instruments TPS3513DRG4 Datasheet HTML 7Page - Texas Instruments TPS3513DRG4 Datasheet HTML 8Page - Texas Instruments TPS3513DRG4 Datasheet HTML 9Page - Texas Instruments TPS3513DRG4 Datasheet HTML 10Page - Texas Instruments TPS3513DRG4 Datasheet HTML 11Page - Texas Instruments TPS3513DRG4 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
TPS3513
SLVS313B – FEBRUARY 2001 – REVISED SEPTEMBER 2010
www.ti.com
RECOMMENDED OPERATING CONDITIONS
at specified temperature range
MIN
MAX
UNIT
VDD
Supply voltage
4.5
15
V
PSON, VS5, VS33, IS5, IS33
7
V
VS12, IS12
15
VI
Input voltage
VDD + 0.3 V
PGI
V
(max = 7 V)
FPO
15
VO
Output voltage
V
PGO
7
FPO
20
IO(Sink)
Output sink current
mA
PGO
10
tr
Supply voltage rising time
See (1)
1
ms
IO(RI)
Output current
RI
12.5
62.5
µA
TA
Operating free-air temperature range
40
85
°C
(1)
VDD rising and falling slew rate must be less than 14V/ms.
ELECTRICAL CHARACTERISTICS
over recommended operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OVER-VOLTAGE PROTECTION AND OVER-CURRENT PROTECTION
VS33
3.7
3.9
4.1
Overvoltage threshold
VS5
5.7
6.1
6.5
V
VS12
13.2
13.8
14.4
Ratio of current sense sink current to current sense
I(ref)
Resistor at RI = 30 k
Ω, 0.1% resistor
7.6
8
8.4
setting pin (RI) source current
Ilkg
Leakage current (FPO)
V(FPO) = 5 V
5
µA
VOL
Low-level output voltage (FPO)
I(sink) = 20 mA, VDD = 5 V
0.7
V
Noise deglitch time OVP
VDD = 5 V
35
73
110
µs
V(RI)
Current source reference voltage
VDD = 5 V
1.1
1.15
1.2
V
UNDERVOLTAGE LOCKOUT SECTION
Start threshold voltage
4.45
V
Minimum operation voltage after start-up
3.65
V
PGI AND PGO
PGI1
1.10
1.15
1.20
VIT(PGI)
Input threshold voltage
V
PGI2
0.9
0.95
1
VS33
2
2.2
2.4
Undervoltage threshold
VS5
3.3
3.5
3.7
V
VS12
8.5
9
9.5
Input offset voltage for OCP comparators
5
5
mV
Ilkg
Leakage current (PGO)
PGO = 5 V
5
µA
VOL
Low-level output voltage (PGO)
I(sink) = 10 mA, VDD = 4.5 V
0.4
V
Short-circuit protection delay
3.3 V, 5 V
49
75
114
ms
PGI to PGO
VDD = 5 V
200
300
450
td(1)
Delay time
ms
PGI to FPO
3.2
4.8
7.2
PGI to PGO
VDD = 5 V
88
150
225
Noise deglitch time
PGI to FPO
µs
12-V UVP to FPO
PSON CONTROL
II
Input pullup current
PSON = 0 V
120
µA
8
Submit Documentation Feedback
Copyright © 2001–2010, Texas Instruments Incorporated
Product Folder Link(s): TPS3513


Similar Part No. - TPS3513DRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3513DR TI-TPS3513DR Datasheet
266Kb / 15P
[Old version datasheet]   PC POWER SUPPLY SUPERVISORS
More results

Similar Description - TPS3513DRG4

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SG6510X1 FAIRCHILD-SG6510X1 Datasheet
267Kb / 9P
   PC Power Supply Supervisors
logo
List of Unclassifed Man...
SG6513 ETC-SG6513 Datasheet
227Kb / 11P
   PC Power Supply Supervisors
logo
Fairchild Semiconductor
SG6520A FAIRCHILD-SG6520A Datasheet
1,000Kb / 12P
   PC Power Supply Supervisors
logo
Unisonic Technologies
S3515 UTC-S3515 Datasheet
202Kb / 8P
   PC POWER SUPPLY SUPERVISORS
3510 UTC-3510_15 Datasheet
328Kb / 8P
   PC POWER SUPPLY SUPERVISORS
S3515 UTC-S3515_15 Datasheet
202Kb / 8P
   PC POWER SUPPLY SUPERVISORS
logo
Fairchild Semiconductor
SG6516 FAIRCHILD-SG6516 Datasheet
504Kb / 12P
   PC Power Supply Supervisors
logo
Unisonic Technologies
S3525 UTC-S3525 Datasheet
303Kb / 9P
   PC POWER SUPPLY SUPERVISORS
logo
Texas Instruments
TPS3510DR TI-TPS3510DR Datasheet
520Kb / 18P
[Old version datasheet]   PC POWER SUPPLY SUPERVISORS
LP7510 TI-LP7510 Datasheet
2Mb / 12P
[Old version datasheet]   PC POWER SUPPLY SUPERVISORS
TPS3510 TI-TPS3510 Datasheet
221Kb / 13P
[Old version datasheet]   PC POWER SUPPLY SUPERVISORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com