Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS3510D Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TPS3510D
Description  PC POWER SUPPLY SUPERVISORS
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS3510D Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS3510D Datasheet HTML 4Page - Texas Instruments TPS3510D Datasheet HTML 5Page - Texas Instruments TPS3510D Datasheet HTML 6Page - Texas Instruments TPS3510D Datasheet HTML 7Page - Texas Instruments TPS3510D Datasheet HTML 8Page - Texas Instruments TPS3510D Datasheet HTML 9Page - Texas Instruments TPS3510D Datasheet HTML 10Page - Texas Instruments TPS3510D Datasheet HTML 11Page - Texas Instruments TPS3510D Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
TPS3510,TPS3511
PC POWER SUPPLY SUPERVISORS
SLVS312A – JULY 2000 – REVISED DECEMBER 2002
8
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating conditions (unless otherwise noted)
overvoltage protection
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VS33
3.7
3.9
4.1
Overvoltage threshold
VS5
5.7
6.1
6.5
V
Overvoltage threshold
VDD
13.2
13.8
14.4
V
ILKG
Leakage current (FPO)
V(FPO) = 5 V
5
µA
VOL
Low-level output voltage (FPO)
VDD = 5 V, Isink = 20 mA
0.7
V
Noise deglitch time OVP
VDD = 5 V
35
73
110
µs
PGI and PGO
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
V
Inp t threshold oltage (PGI)
PGI1
1.1
1.15
1.2
V
VPGI
Input threshold voltage (PGI)
PGI2
0.9
0.95
1
V
V
Under oltage threshold
VS33
2
2.2
2.4
V
VIT
Undervoltage threshold
VS5
3.3
3.5
3.7
V
ILKG
Leakage current (PGO)
PGO = 5 V
5
µA
VOL
Low-level output voltage (PGO)
VDD = 4 V, Isink = 10 mA
0.4
V
Short-circuit protection delay
3.3 V, 5 V
49
75
114
ms
TP3510
PGI to PGO
200
300
450
td1
Delay time
TP3511
PGI to PGO
VDD = 5 V
100
150
225
ms
td1
Delay time
PGI to FPO
VDD 5 V
3.2
4.8
7.2
ms
PGI to PGO
88
150
225
Noise deglitch time
PGI to FPO
VDD = 5 V
180
296
445
µs
Noise deglitch time
UVP to FPO
VDD 5 V
82
146
220
µs
PSON control
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
II
Input pullup current
PSON = 0 V
120
µA
VIH
High-level input voltage
2.4
V
VIL
Low-level input voltage
1.2
V
tb
Debounce time (PSON)
VDD = 5 V
24
38
57
ms
td2
Delay time (PSON to FPO)
VDD = 5 V
tb+1.1
tb+2.3
tb+4
ms
total device
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IDD
Supply current
PSON = 5 V
1
mA


Similar Part No. - TPS3510D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3510D TI-TPS3510D Datasheet
221Kb / 13P
[Old version datasheet]   PC POWER SUPPLY SUPERVISORS
TPS3510DR TI-TPS3510DR Datasheet
520Kb / 18P
[Old version datasheet]   PC POWER SUPPLY SUPERVISORS
More results

Similar Description - TPS3510D

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SG6510X1 FAIRCHILD-SG6510X1 Datasheet
267Kb / 9P
   PC Power Supply Supervisors
logo
List of Unclassifed Man...
SG6513 ETC-SG6513 Datasheet
227Kb / 11P
   PC Power Supply Supervisors
logo
Fairchild Semiconductor
SG6520A FAIRCHILD-SG6520A Datasheet
1,000Kb / 12P
   PC Power Supply Supervisors
logo
Unisonic Technologies
S3515 UTC-S3515 Datasheet
202Kb / 8P
   PC POWER SUPPLY SUPERVISORS
3510 UTC-3510_15 Datasheet
328Kb / 8P
   PC POWER SUPPLY SUPERVISORS
S3515 UTC-S3515_15 Datasheet
202Kb / 8P
   PC POWER SUPPLY SUPERVISORS
logo
Fairchild Semiconductor
SG6516 FAIRCHILD-SG6516 Datasheet
504Kb / 12P
   PC Power Supply Supervisors
logo
Unisonic Technologies
S3525 UTC-S3525 Datasheet
303Kb / 9P
   PC POWER SUPPLY SUPERVISORS
logo
Texas Instruments
TPS3510DR TI-TPS3510DR Datasheet
520Kb / 18P
[Old version datasheet]   PC POWER SUPPLY SUPERVISORS
LP7510 TI-LP7510 Datasheet
2Mb / 12P
[Old version datasheet]   PC POWER SUPPLY SUPERVISORS
TPS3510 TI-TPS3510 Datasheet
221Kb / 13P
[Old version datasheet]   PC POWER SUPPLY SUPERVISORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com