Electronic Components Datasheet Search |
|
TPS2837 Datasheet(PDF) 1 Page - Texas Instruments |
|
|
TPS2837 Datasheet(HTML) 1 Page - Texas Instruments |
1 / 17 page TPS2832, TPS2833 FAST SYNCHRONOUSBUCK MOSFET DRIVERS WITH DEADTIME CONTROL SLVS195C − FEBRUARY 1999 − REVISED JANUARY 2001 1 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 D Floating Bootstrap or Ground-Reference High-Side Driver D Adaptive Dead-Time Control D 50-ns Max Rise/Fall Times and 100-ns Max Propagation Delay − 3.3-nF Load D Ideal for High-Current Single or Multiphase Power Supplies D 2.4-A Typical Peak Output Current D 4.5-V to 15-V Supply Voltage Range D Internal Schottky Bootstrap Diode D Low Supply Current....3-mA Typical D −40°C to 125°C Operating Virtual Junction Temperature D Available in SOIC Package description The TPS2832 and TPS2833 are MOSFET drivers for synchronous-buck power stages. These devices are ideal for designing a high-performance power supply using switching controllers that do not have MOSFET drivers. The drivers are designed to deliver 2.4-A peak currents into large capacitive loads. The high-side driver can be configured as a ground-reference driver or as a floating bootstrap driver. An adaptive dead-time control circuit eliminates shoot-through currents through the main power FETs during switching transitions and provides high efficiency for the buck regulator. The TPS2832 has a noninverting input. The TPS2833 has an inverting input. The TPS2832/33 drivers, available in 8-terminal SOIC packages, operate over a junction temperature range of − 40 °C to 125°C. AVAILABLE OPTIONS PACKAGED DEVICES TJ SOIC (D) −40 °C to 125°C TPS2832D TPS2833D The D package is available taped and reeled. Add R suffix to device type (e.g., TPS2832DR) Related Synchronous MOSFET Drivers DEVICE NAME ADDITIONAL FEATURES INPUTS TPS2830 ENABLE, SYNC and CROWBAR CMOS Noninverted TPS2831 ENABLE, SYNC and CROWBAR CMOS Inverted TPS2834 ENABLE, SYNC and CROWBAR TTL Noninverted TPS2835 ENABLE, SYNC and CROWBAR TTL Inverted TPS2836 W/O ENABLE, SYNC and CROWBAR TTL Noninverted TPS2837 W/O ENABLE, SYNC and CROWBAR TTL Inverted Copyright 2001, Texas Instruments Incorporated PRODUCTION DATA information is current as of publication date. Products conform to specifications per the terms of Texas Instruments standard warranty. Production processing does not necessarily include testing of all parameters. Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet. D PACKAGE (TOP VIEW) 1 2 3 4 8 7 6 5 IN PGND DT VCC BOOT HIGHDR BOOTLO LOWDR |
Similar Part No. - TPS2837 |
|
Similar Description - TPS2837 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |