Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MJF45H11 Datasheet(PDF) 1 Page - ON Semiconductor

Part # MJF45H11
Description  Complementary Power Transistors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MJF45H11 Datasheet(HTML) 1 Page - ON Semiconductor

  MJF45H11 Datasheet HTML 1Page - ON Semiconductor MJF45H11 Datasheet HTML 2Page - ON Semiconductor MJF45H11 Datasheet HTML 3Page - ON Semiconductor MJF45H11 Datasheet HTML 4Page - ON Semiconductor MJF45H11 Datasheet HTML 5Page - ON Semiconductor MJF45H11 Datasheet HTML 6Page - ON Semiconductor MJF45H11 Datasheet HTML 7Page - ON Semiconductor MJF45H11 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© Semiconductor Components Industries, LLC, 2002
December, 2002 - Rev. 2
1
Publication Order Number:
MJF44H11/D
MJF44H11 (NPN),
MJF45H11 (PNP)
Preferred Devices
Complementary
Power Transistors
For Isolated Package Applications
. . . for general purpose power amplification and switching such as
output or driver stages in applications such as switching regulators,
converters and power amplifiers.
Low Collector-Emitter Saturation Voltage -
VCE(sat) = 1.0 V (Max) @ 8.0 A
Fast Switching Speeds
Complementary Pairs Simplifies Designs
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Collector-Emitter Voltage
VCEO
80
Vdc
Emitter-Base Voltage
VEB
5
Vdc
Collector Current - Continuous
- Peak
IC
10
20
Adc
Total Power Dissipation
@ TC = 25°C
Derate above 25
°C
PD
36
1.67
Watts
W/
°C
Total Power Dissipation
@ TA = 25°C
Derate above 25
°C
PD
2.0
0.016
Watts
W/
°C
Operating and Storage Junction
Temperature Range
TJ, Tstg
- 55 to
150
°C
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Thermal Resistance, Junction to Case
RqJC
3.5
°C/W
Thermal Resistance, Junction to Ambient
RqJA
62.5
°C/W
Device
Package
Shipping
ORDERING INFORMATION
MJF44H11
TO-220
ISOLATED TO-220
CASE 221D
PLASTIC
50 Units/Rail
3
1
2
Preferred devices are recommended choices for future use
and best overall value.
MARKING DIAGRAM
F4xH11
LLYWW
SILICON POWER
TRANSISTORS
10 AMPERES
80 VOLTS
36 WATTS
F4xH11 = Specific Device Code
x
= 4 or 5
LL
= Location Code
Y
= Year
WW
= Work Week
MJF45H11
TO-220
50 Units/Rail
STYLE 2:
PIN 1. BASE
2. COLLECTOR
3. EMITTER
http://onsemi.com


Similar Part No. - MJF45H11

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MJF45H11 ONSEMI-MJF45H11 Datasheet
115Kb / 5P
   SILICON POWER TRANSISTORS 10 AMPERES 80 VOLTS, 36 WATTS
April, 2006 ??Rev. 4
logo
Savantic, Inc.
MJF45H11 SAVANTIC-MJF45H11 Datasheet
205Kb / 3P
   Silicon PNP Power Transistors
logo
ON Semiconductor
MJF45H11 ONSEMI-MJF45H11 Datasheet
157Kb / 5P
   Complementary Power Transistors
April, 2009 ??Rev. 6
logo
Inchange Semiconductor ...
MJF45H11 ISC-MJF45H11 Datasheet
76Kb / 2P
   isc Silicon PNP Power Transistors
logo
Savantic, Inc.
MJF45H11 SAVANTIC-MJF45H11 Datasheet
207Kb / 3P
   Silicon NPN Power Transistors
More results

Similar Description - MJF45H11

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
MJD2955 STMICROELECTRONICS-MJD2955_02 Datasheet
188Kb / 6P
   COMPLEMENTARY POWER TRANSISTORS
logo
ON Semiconductor
2N3773 ONSEMI-2N3773 Datasheet
205Kb / 6P
   COMPLEMENTARY POWER TRANSISTORS
1995 REV 7
MJD2955-1G ONSEMI-MJD2955-1G Datasheet
184Kb / 7P
   Complementary Power Transistors
February, 2012 ??Rev. 12
logo
STMicroelectronics
TIP2955 STMICROELECTRONICS-TIP2955_08 Datasheet
88Kb / 7P
   Complementary power transistors
logo
ON Semiconductor
MJD31 ONSEMI-MJD31_11 Datasheet
135Kb / 10P
   Complementary Power Transistors
February, 2011 ??Rev. 8
MJD31 ONSEMI-MJD31_16 Datasheet
100Kb / 10P
   Complementary Power Transistors
September, 2016 ??Rev. 16
MJD2955 ONSEMI-MJD2955_13 Datasheet
138Kb / 7P
   Complementary Power Transistors
August, 2013 ??Rev. 13
MJD44H11 ONSEMI-MJD44H11_V01 Datasheet
310Kb / 11P
   Complementary Power Transistors
August, 2021 ??Rev. 21
MJD2955 ONSEMI-MJD2955 Datasheet
147Kb / 6P
   Complementary Power Transistors
1997 REV 2
MJD31 ONSEMI-MJD31_05 Datasheet
81Kb / 8P
   Complementary Power Transistors
June, 2005 ??Rev. 6
logo
List of Unclassifed Man...
2N6109 ETC2-2N6109 Datasheet
365Kb / 6P
   Complementary Power Transistors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com