Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS26602PWPR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS26602PWPR
Description  TPS2660x 60-V, 2-A Industrial eFuse with Integrated Reverse Input Polarity Protection
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS26602PWPR Datasheet(HTML) 1 Page - Texas Instruments

  TPS26602PWPR Datasheet HTML 1Page - Texas Instruments TPS26602PWPR Datasheet HTML 2Page - Texas Instruments TPS26602PWPR Datasheet HTML 3Page - Texas Instruments TPS26602PWPR Datasheet HTML 4Page - Texas Instruments TPS26602PWPR Datasheet HTML 5Page - Texas Instruments TPS26602PWPR Datasheet HTML 6Page - Texas Instruments TPS26602PWPR Datasheet HTML 7Page - Texas Instruments TPS26602PWPR Datasheet HTML 8Page - Texas Instruments TPS26602PWPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 45 page
background image
0 V
0 V
-60 V
I_IN
COUT
CdVdT
R2
150
IN
OUT
UVLO
dVdT
RTN
TPS26600
ILIM
OVP
IMON
RIMON
VIN: 4.2V-55V
VOUT
RILIM
FLT
GND
SHDN
MODE
R1
R3
RFLTb
CIN
Copyright © 2016, Texas Instruments Incorporated
Health Monitor
ON/OFF Control
Load Monitor
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
TPS2660
SLVSDG2A – JULY 2016 – REVISED AUGUST 2016
TPS2660x 60-V, 2-A Industrial eFuse with Integrated Reverse Input Polarity Protection
1
1 Features
1
4.2 V to 55 V Operating Voltage, 60-V ABSmax
Integrated Reverse Input Polarity Protection down
to –60 V
Zero Additional Components Required
Integrated Back to Back MOSFETs with 150-mΩ
total RON
0.1 A to 2.23 A Adjustable current limit
(±5% accuracy at 1 A)
Load protection during Surge (IEC 61000-4-5)
with minimum external components
IMON Current Indicator Output (±8.5% accuracy)
Low Quiescent Current, 300 µA in Operating, 20
µA in Shutdown
Adjustable UVLO, OVP Cut Off, Output Slew Rate
Control
Reverse Current Blocking
Fixed 38-V Over Voltage Clamp (TPS26602 only)
Available in Easy-to-Use 16-Pin HTSSOP and 24-
Pin VQFN Packages
Selectable Current-Limiting Fault Response
Options (Auto-Retry, Latch Off, Circuit Breaker
Modes)
UL 2367 Recognition Pending
2 Applications
Programmable Logic Controller
Distributed Control System (DCS)
Control and Automation
Redundant Supply ORing
Industrial Surge Protection
3 Description
The TPS2660x devices are compact, feature rich high
voltage eFuses with a full suite of protection features.
The wide supply input range of 4.2 to 55 V allows
control of many popular DC bus voltages. The device
can withstand and protect the loads from positive and
negative supply voltages up to ± 60 V. Integrated
back to back FETs provide reverse current blocking
feature making the device suitable for systems with
output voltage holdup requirements during power fail
and brownout conditions. Load, source and device
protection are provided with many adjustable features
including
overcurrent,
output
slew
rate
and
overvoltage, undervoltage thresholds. The internal
robust protection control blocks along with the high
voltage rating of the TPS2660x helps to simplify the
system designs for Surge protection.
A shutdown pin provides external control for enabling
and disabling the internal FETs as well as placing the
device in a low current shutdown mode. For system
status monitoring and downstream load control, the
device provides fault and precise current monitor
output. The MODE pin allows flexibility to configure
the device between the three current-limiting fault
responses (circuit breaker, latch off, and Auto-retry
modes).
The devices are available in a 5-mm × 4.4-mm 16-pin
HTSSOP as well as 5-mm x 4-mm 24-pin VQFN
package and are specified over a –40°C to +125°C
temperature range.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TPS26600
TPS26602
HTSSOP (16)
5.00 mm × 4.40 mm
TPS26600
TPS26601
TPS26602
VQFN (24)(2)
5.00 mm × 4.00 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
(2) Preview
Simplified Schematic
Reverse Input Polarity Protection at –60-V Supply


Similar Part No. - TPS26602PWPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS26602PWPR TI1-TPS26602PWPR Datasheet
3Mb / 49P
[Old version datasheet]   60-V, 2-A Industrial eFuse with Integrated Reverse Input Polarity Protection
More results

Similar Description - TPS26602PWPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2660 TI1-TPS2660_17 Datasheet
3Mb / 49P
[Old version datasheet]   60-V, 2-A Industrial eFuse with Integrated Reverse Input Polarity Protection
TPS2662 TI1-TPS2662 Datasheet
185Kb / 5P
[Old version datasheet]   60-V, 800-mA Industrial eFuse with Integrated Reverse Polarity Protection
TPS2662 TI1-TPS2662_18 Datasheet
1Mb / 29P
[Old version datasheet]   60-V, 800-mA Industrial eFuse with Integrated Reverse Polarity Protection
TPS2640 TI-TPS2640 Datasheet
5Mb / 54P
[Old version datasheet]   TPS26400 42-V, 2-A eFuse With Integrated Reverse Input Polarity Protection
TPS2662_1808 TI1-TPS2662_1808 Datasheet
4Mb / 46P
[Old version datasheet]   60-V, 800-mA Industrial eFuse with Integrated Input and Output Reverse Polarity Protection
TPS25947 TI-TPS25947_V01 Datasheet
7Mb / 65P
[Old version datasheet]   TPS25947xx, 2.7 - 23 V, 5.5 A, 28 m廓 True Reverse Current Blocking eFuse with Input Reverse Polarity Protection
TPS25947 TI-TPS25947_V02 Datasheet
6Mb / 71P
[Old version datasheet]   TPS25947xx, 2.7 - 23 V, 5.5 A, 28-m廓 True Reverse Current Blocking eFuse with Input Reverse Polarity Protection
TPS25947 TI-TPS25947 Datasheet
7Mb / 62P
[Old version datasheet]   TPS25947xx, 2.7 - 23 V, 5.5 A, 28 m廓 True Reverse Current Blocking eFuse with Input Reverse Polarity Protection
TPS2521 TI-TPS2521_V01 Datasheet
4Mb / 48P
[Old version datasheet]   TPS2521xx, 2.7 - 5.7 V, 4 A, 31-m廓 True Reverse Current Blocking eFuse with Input Reverse Polarity Protection
TPS2521 TI-TPS2521 Datasheet
4Mb / 47P
[Old version datasheet]   TPS2521xx, 2.7 - 5.7 V, 4 A, 31-m廓 True Reverse Current Blocking eFuse with Input Reverse Polarity Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com