Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BZX55C4V7 Datasheet(PDF) 2 Page - Diode Semiconductor Korea

Part # BZX55C4V7
Description  Silicon planar power zener diodes
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DSK [Diode Semiconductor Korea]
Direct Link  http://www.diode.kr/
Logo DSK - Diode Semiconductor Korea

BZX55C4V7 Datasheet(HTML) 2 Page - Diode Semiconductor Korea

  BZX55C4V7 Datasheet HTML 1Page - Diode Semiconductor Korea BZX55C4V7 Datasheet HTML 2Page - Diode Semiconductor Korea BZX55C4V7 Datasheet HTML 3Page - Diode Semiconductor Korea BZX55C4V7 Datasheet HTML 4Page - Diode Semiconductor Korea  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Test
Current
Test
Current
rzjT@IZT
f=1KHz
rzjK@IZK
f=1KHz
IZT
IR@
TA=25℃
IR@
TA=150℃
@VR
IZK
m A
V
mA
Min.
Max.
Min.
Max.
BZX55C2V4
2.28
2.56
85
600
5.0
-0.090
-0.060
50
100
1.0
1.0
BZX55C2V7
2.5
2.9
85
600
5.0
-0.090
-0.060
10
50
1.0
1.0
BZX55C3V0
2.8
3.2
85
600
5.0
-0.080
-0.050
4.0
40
1.0
1.0
BZX55C3V3
3.1
3.5
85
600
5.0
-0.080
-0.050
2.0
40
1.0
1.0
BZX55C3V6
3.4
3.8
85
600
5.0
-0.080
-0.050
2.0
40
1.0
1.0
BZX55C3V9
3.7
4.1
85
600
5.0
-0.080
-0.050
2.0
40
1.0
1.0
BZX55C4V3
4.0
4.6
75
600
5.0
-0.060
-0.030
1.0
20
1.0
1.0
BZX55C4V7
4.4
5.0
60
600
5.0
-0.050
0.020
0.5
10
1.0
1.0
BZX55C5V1
4.8
5.4
35
550
5.0
-0.020
0.020
0.1
2.0
1.0
1.0
BZX55C5V6
5.2
6.0
25
450
5.0
-0.050
0.050
0.1
2.0
1.0
1.0
BZX55C6V2
5.8
6.6
10
200
5.0
0.030
0.060
0.1
2.0
2.0
1.0
BZX55C6V8
6.4
7.2
8.0
150
5.0
0.030
0.070
0.1
2.0
3.0
1.0
BZX55C7V5
7.0
7.9
7.0
50
5.0
0.030
0.070
0.1
2.0
5.0
1.0
BZX55C8V2
7.7
8.7
7.0
50
5.0
0.030
0.080
0.1
2.0
6.2
1.0
BZX55C9V1
8.5
9.6
10
50
5.0
0.030
0.090
0.1
2.0
6.8
1.0
BZX55C10
9.4
10.6
15
70
5.0
0.030
0.1
0.1
2.0
7.5
1.0
BZX55C11
10.4
11.6
20
70
5.0
0.030
0.11
0.1
2.0
8.2
1.0
BZX55C12
11.4
12.7
20
90
5.0
0.030
0.11
0.1
2.0
9.1
1.0
BZX55C13
12.4
14.1
26
110
5.0
0.030
0.11
0.1
2.0
10
1.0
BZX55C15
13.8
15.6
30
110
5.0
0.030
0.11
0.1
2.0
11
1.0
BZX55C16
15.3
17.1
40
170
5.0
0.030
0.11
0.1
2.0
12
1.0
BZX55C18
16.8
19.1
50
170
5.0
0.030
0.11
0.1
2.0
13
1.0
BZX55C20
18.8
21.2
55
220
5.0
0.030
0.11
0.1
2.0
15
1.0
BZX55C22
20.8
23.3
55
220
5.0
0.040
0.12
0.1
2.0
16
1.0
BZX55C24
22.8
25.6
80
220
5.0
0.040
0.12
0.1
2.0
18
1.0
BZX55C27
25.1
28.9
80
220
5.0
0.040
0.12
0.1
2.0
20
1.0
BZX55C30
28
32
80
220
5.0
0.040
0.12
0.1
2.0
22
1.0
BZX55C33
31
35
80
220
5.0
0.040
0.12
0.1
2.0
24
1.0
BZX55C36
34
38
80
220
5.0
0.040
0.12
0.1
2.0
27
1.0
BZX55C39
37
41
90
500
2.5
0.040
0.12
0.1
5.0
30
0.5
BZX55C43
40
46
90
600
2.5
0.040
0.12
0.1
5.0
33
0.5
BZX55C47
44
50
110
700
2.5
0.040
0.12
0.1
5.0
36
0.5
BZX55C51
48
54
125
700
2.5
0.040
0.12
0.1
10
39
0.5
BZX55C56
52
60
135
1000
2.5
0.040
0.12
0.1
10
43
0.5
BZX55C62
58
66
150
1000
2.5
0.040
0.12
0.1
10
47
0.5
BZX55C68
64
72
200
1000
2.5
0.040
0.12
0.1
10
51
0.5
BZX55C75
70
79
250
1500
2.5
0.040
0.12
0.1
10
56
0.5
Dynamic
Resistance
Temperature
Coefficient
αVZ
%/K
ELECTRICAL CHARACTERISTICS (TA=25℃)
Type
Zener Voltage
Range
VZ@IZT
Reverse Leakage
Current
μA
V
www.diode.kr
Diode Semiconductor Korea


Similar Part No. - BZX55C4V7

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BZX55C4V7 VISHAY-BZX55C4V7 Datasheet
70Kb / 6P
   Silicon Epitaxial Planar Z-Diodes
Rev. 4, 01-Apr-99
logo
Continental Device Indi...
BZX55C4V7 CDIL-BZX55C4V7 Datasheet
104Kb / 4P
   SILIICON PLANAR ZENER DIODES
logo
Vishay Siliconix
BZX55C4V7 VISHAY-BZX55C4V7 Datasheet
137Kb / 8P
   Small Signal Zener Diodes
Rev. 1.5, 05-Jul-07
logo
Zibo Seno Electronic En...
BZX55C4V7 ZSELEC-BZX55C4V7 Datasheet
48Kb / 3P
   500mW ZENER DIODE
logo
Shenzhen Luguang Electr...
BZX55C4V7 LUGUANG-BZX55C4V7 Datasheet
81Kb / 2P
   500mW Hermetically Sealed Glass Zener Voltage Regulators
More results

Similar Description - BZX55C4V7

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
ZMU100 SEMTECH-ZMU100 Datasheet
134Kb / 3P
   SILICON PLANAR POWER ZENER DIODES?
logo
GOOD-ARK Electronics
1N4728 GOOD-ARK-1N4728 Datasheet
34Kb / 3P
   SILICON PLANAR POWER ZENER DIODES
logo
Nanjing International G...
ZM1.5C DGNJDZ-ZM1.5C Datasheet
83Kb / 2P
   Silicon Planar Power Zener Diodes
logo
Chenmko Enterprise Co. ...
MMGZ5221BPT CHENMKO-MMGZ5221BPT Datasheet
120Kb / 5P
   SILICON PLANAR POWER ZENER DIODES
logo
SEMTECH ELECTRONICS LTD...
BZX85C SEMTECH_ELEC-BZX85C Datasheet
254Kb / 3P
   SILICON PLANAR POWER ZENER DIODES
logo
New Jersey Semi-Conduct...
1N957 NJSEMI-1N957 Datasheet
140Kb / 2P
   Silicon Planar Power Zener Diodes
1N4727A NJSEMI-1N4727A Datasheet
164Kb / 2P
   SILICON PLANAR POWER ZENER DIODES
logo
PACELEADER INDUSTRIAL
ZM4728A PACELEADER-ZM4728A Datasheet
179Kb / 3P
   SILICON PLANAR POWER ZENER DIODES
logo
Kingtronics Internation...
1N4727A-1N4761A KINGTRONICS-1N4727A-1N4761A Datasheet
499Kb / 5P
   Silicon Planar Power Zener Diodes
logo
Semtech Corporation
BZV85 SEMTECH-BZV85 Datasheet
277Kb / 3P
   SILICON PLANAR POWER ZENER DIODES???
logo
GOOD-ARK Electronics
ZM4728 GOOD-ARK-ZM4728 Datasheet
35Kb / 3P
   SILICON PLANAR POWER ZENER DIODES
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com