Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA551 Datasheet(PDF) 7 Page - Texas Instruments

Part # OPA551
Description  High-Voltage, High-Current Operational Amplifiers
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA551 Datasheet(HTML) 7 Page - Texas Instruments

Back Button OPA551_16 Datasheet HTML 3Page - Texas Instruments OPA551_16 Datasheet HTML 4Page - Texas Instruments OPA551_16 Datasheet HTML 5Page - Texas Instruments OPA551_16 Datasheet HTML 6Page - Texas Instruments OPA551_16 Datasheet HTML 7Page - Texas Instruments OPA551_16 Datasheet HTML 8Page - Texas Instruments OPA551_16 Datasheet HTML 9Page - Texas Instruments OPA551_16 Datasheet HTML 10Page - Texas Instruments OPA551_16 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
0.1
0.01
0.001
0.0001
Frequency (Hz)
1
100
1k
10k
100k
V
O = 15Vrms
R
L = 3kΩ, 300Ω
G = 3 (OPA551)
G = 5 (OPA552)
10k
1k
100
10
1
10
100
1k
10k
100k
1M
Frequency (Hz)
i
n
e
n
120
100
80
60
40
20
0
1
10
100
1k
10k
100k
1M
10M
Frequency (Hz)
120
100
80
60
40
20
0
1
10
100
1k
10k
100k
1M
10M
Frequency (Hz)
–PSRR
+PSRR
140
120
100
80
60
40
20
0
–20
–40
0
–20
–40
–60
–80
–100
–120
–140
–160
–180
1
10
100
1k
10k
100k
1M
10M
Frequency (Hz)
Phase
Gain
OPA551
140
120
100
80
60
40
20
0
–20
–40
0
–20
–40
–60
–80
–100
–120
–140
–160
–180
1
10
100
1k
10k
100k
1M
10M
Frequency (Hz)
Phase
OPA552
Gain
OPA551, OPA552
www.ti.com
SBOS100B – JULY 1999 – REVISED JANUARY 2016
6.6 Typical Characteristics
At TJ = 25°C, VS = ±30 V and RL = 3 kΩ, unless otherwise noted.
Figure 1. Open-Loop Gain and Phase vs Frequency
Figure 2. Open-Loop Gain and Phase vs Frequency
(OPA551)
(OPA552)
Figure 3. Common-Mode Rejection Ratio vs Frequency
Figure 4. Power-Supply Rejection Ratio vs Frequency
Figure 5. Input Voltage and Current Noise Spectral Density
Figure 6. Total Harmonic Distortion + Noise vs Frequency
vs Frequency
Copyright © 1999–2016, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: OPA551 OPA552


Similar Part No. - OPA551_16

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
OPA5516 KODENSHI-OPA5516 Datasheet
101Kb / 1P
   Pure Green LED Chip
logo
Burr-Brown (TI)
OPA551FA BURR-BROWN-OPA551FA Datasheet
202Kb / 14P
   High-Voltage, High-Current OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA551FA TI-OPA551FA Datasheet
1,019Kb / 24P
[Old version datasheet]   High-Voltage, High-Current OPERATIONAL AMPLIFIERS
OPA551FA TI1-OPA551FA Datasheet
1Mb / 32P
[Old version datasheet]   High-Voltage, High-Current Operational Amplifiers
logo
Burr-Brown (TI)
OPA551FA/500 BURR-BROWN-OPA551FA/500 Datasheet
202Kb / 14P
   High-Voltage, High-Current OPERATIONAL AMPLIFIERS
More results

Similar Description - OPA551_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA551 TI1-OPA551 Datasheet
1Mb / 32P
[Old version datasheet]   High-Voltage, High-Current Operational Amplifiers
OPA552FAKTWTG3 TI-OPA552FAKTWTG3 Datasheet
1Mb / 24P
[Old version datasheet]   High-Voltage, High-Current OPERATIONAL AMPLIFIERS
logo
Burr-Brown (TI)
OPA551 BURR-BROWN-OPA551 Datasheet
202Kb / 14P
   High-Voltage, High-Current OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA551FAKTWT TI1-OPA551FAKTWT Datasheet
1Mb / 24P
[Old version datasheet]   High-Voltage, High-Current OPERATIONAL AMPLIFIERS
OPA551FAKTWT TI-OPA551FAKTWT Datasheet
1,019Kb / 24P
[Old version datasheet]   High-Voltage, High-Current OPERATIONAL AMPLIFIERS
logo
Burr-Brown (TI)
3572AM BURR-BROWN-3572AM Datasheet
489Kb / 6P
   High Current - High Power OPERATIONAL AMPLIFIERS
logo
Texas Instruments
3580 TI1-3580 Datasheet
2Mb / 6P
[Old version datasheet]   High Voltage OPERATIONAL AMPLIFIERS
THS3110 TI-THS3110 Datasheet
934Kb / 28P
[Old version datasheet]   LOW-NOISE, HIGH-VOLTAGE, CURRENT-FEEDBACK, OPERATIONAL AMPLIFIERS
THS3091 TI1-THS3091 Datasheet
770Kb / 45P
[Old version datasheet]   High-voltage, Low-distortion, Current-feedback Operational Amplifiers
THS3095 TI1-THS3095_14 Datasheet
1Mb / 37P
[Old version datasheet]   HIGH-VOLTAGE, LOW-DISTORTION, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com