Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA3690IDRG4 Datasheet(PDF) 8 Page - Texas Instruments

Part # OPA3690IDRG4
Description  Triple, Wideband, Voltage-Feedback OPERATIONAL AMPLIFIER
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA3690IDRG4 Datasheet(HTML) 8 Page - Texas Instruments

Back Button OPA3690IDRG4 Datasheet HTML 4Page - Texas Instruments OPA3690IDRG4 Datasheet HTML 5Page - Texas Instruments OPA3690IDRG4 Datasheet HTML 6Page - Texas Instruments OPA3690IDRG4 Datasheet HTML 7Page - Texas Instruments OPA3690IDRG4 Datasheet HTML 8Page - Texas Instruments OPA3690IDRG4 Datasheet HTML 9Page - Texas Instruments OPA3690IDRG4 Datasheet HTML 10Page - Texas Instruments OPA3690IDRG4 Datasheet HTML 11Page - Texas Instruments OPA3690IDRG4 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 39 page
background image
LoadResistance(W)
100
1000
-60
-65
-70
-75
-80
-85
-90
V =2V
O
PP
f=5MHz
3rd-Harmonic
2nd-Harmonic
SupplyVoltage(±VS)
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
-60
-65
-70
-75
-80
3rd-Harmonic
2nd-Harmonic
V =2V
O
PP
R =100W
L
f=5MHz
Frequency(MHz)
0.1
1
10
20
-40
-50
-60
-70
-80
-90
-100
V =2V
O
PP
R =100W
L
2nd-Harmonic
3rd-Harmonic
OutputVoltageSwing(V
)
PP
0.1
1
5
-60
-65
-70
-75
-80
R
W
L =100
f=5MHz
3rd-Harmonic
2nd-Harmonic
NoninvertingGain(V/V)
1
10
20
-40
-50
-60
-70
-80
-90
3rd-Harmonic
2nd-Harmonic
V =2V
O
PP
R =100W
L
f=5MHz
InvertingGain(V/V)
1
10
20
-40
-50
-60
-70
-80
3rd-Harmonic
2nd-Harmonic
V
O
PP
=2V
R
L =100W
f=5MHz
R
F =1kW
OPA3690
SBOS237G – MARCH 2002 – REVISED MARCH 2010
www.ti.com
TYPICAL CHARACTERISTICS: VS = ±5V (continued)
At TA = +25°C, G = +2, RF = 402Ω, and RL = 100Ω (see Figure 36 for ac performance only), unless otherwise noted.
HARMONIC DISTORTION
5MHz HARMONIC DISTORTION
vs LOAD RESISTANCE
vs SUPPLY VOLTAGE
Figure 7.
Figure 8.
HARMONIC DISTORTION
HARMONIC DISTORTION
vs FREQUENCY
vs OUTPUT VOLTAGE
Figure 9.
Figure 10.
HARMONIC DISTORTION
HARMONIC DISTORTION
vs NONINVERTING GAIN
vs INVERTING GAIN
Figure 11.
Figure 12.
8
Submit Documentation Feedback
Copyright © 2002–2010, Texas Instruments Incorporated
Product Folder Link(s): OPA3690


Similar Part No. - OPA3690IDRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA3690ID TI-OPA3690ID Datasheet
1Mb / 39P
[Old version datasheet]   Triple, Wideband, Voltage-Feedback OPERATIONAL AMPLIFIER with Disable
More results

Similar Description - OPA3690IDRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA3680 TI1-OPA3680 Datasheet
238Kb / 22P
[Old version datasheet]   Triple, Wideband, Voltage-Feedback OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA3680 BURR-BROWN-OPA3680 Datasheet
225Kb / 21P
   Triple, Wideband, Voltage-Feedback OPERATIONAL AMPLIFIER With Disable
logo
Texas Instruments
OPA3681 TI1-OPA3681 Datasheet
401Kb / 22P
[Old version datasheet]   Triple Wideband, Current-Feedback OPERATIONAL AMPLIFIER
OPA3691 TI1-OPA3691 Datasheet
1Mb / 32P
[Old version datasheet]   Triple Wideband, Current-Feedback OPERATIONAL AMPLIFIER
OPA3690ID TI-OPA3690ID Datasheet
1Mb / 39P
[Old version datasheet]   Triple, Wideband, Voltage-Feedback OPERATIONAL AMPLIFIER with Disable
logo
Burr-Brown (TI)
OPA640 BURR-BROWN-OPA640 Datasheet
190Kb / 13P
   Wideband Voltage Feedback OPERATIONAL AMPLIFIER
OPA641 BURR-BROWN-OPA641 Datasheet
106Kb / 13P
   Wideband Voltage Feedback OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA640 TI1-OPA640 Datasheet
139Kb / 14P
[Old version datasheet]   Wideband Voltage Feedback OPERATIONAL AMPLIFIER
OPA680 TI1-OPA680 Datasheet
248Kb / 22P
[Old version datasheet]   Wideband, Voltage Feedback OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA3681 BURR-BROWN-OPA3681 Datasheet
234Kb / 21P
   Triple Wideband, Current-Feedback OPERATIONAL AMPLIFIER With Disable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com