Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LP3945 Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LP3945
Description  Battery Charge Management System
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP3945 Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button LP3945 Datasheet HTML 7Page - National Semiconductor (TI) LP3945 Datasheet HTML 8Page - National Semiconductor (TI) LP3945 Datasheet HTML 9Page - National Semiconductor (TI) LP3945 Datasheet HTML 10Page - National Semiconductor (TI) LP3945 Datasheet HTML 11Page - National Semiconductor (TI) LP3945 Datasheet HTML 12Page - National Semiconductor (TI) LP3945 Datasheet HTML 13Page - National Semiconductor (TI) LP3945 Datasheet HTML 14Page - National Semiconductor (TI) LP3945 Datasheet HTML 15Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
Application Notes (Continued)
CHARGE CURRENT SELECTION
The LP3945 and LP3946 are designed to provide a charge
current ranging from 500 mA to 950 mA, in 50 mA resolution,
to support batteries with different capacity ratings. No exter-
nal resistor is required to set the charge current in the
LP3945 and LP3946. This entirely eliminates design time,
external component board space and stability issue.
The LP3945 uses the I
2C interface to program the charge
current while the LP3946 has a pre-programmed charge
current.
BATTERY VOLTAGE SELECTION
The battery voltage regulation is set to 4.1V during the
manufacturing. The 4.2V option can be selected on LP3945
via the I
2C interface or set at the factory for LP3946.
The Ni-MH charge mode is only available in LP3945.
END OF CHARGE (EOC) CURRENT SELECTION
The EOC thresholds can be programmed to 0.1C, 0.15C and
0.2C in the LP3945. The default value is 0.1C, which pro-
vides the highest energy storage, but at the expense of
longer charging time. On the other hand, 0.2C takes the
least amount of charging time, but yields the least energy
storage. The LP3946 has 0.1C as pre-programmed EOC
threshold. 0.15C and 0.2C options are available upon re-
quest.
No EOC function is available during Ni-MH charge cycle.
User must provide a reliable method for charge termination.
CHARGE CURRENT SENSE DIFFERENTIAL AMPLIFIER
The charge current is monitored across the internal 120 m
current sense resistor. The differential amplifier provides the
analog representation of the charge current. Charge current
can be calculated using the following equation:
Where voltage at Diff Amp output (V
DIFF) is in volt, and
charge current (I
CHG) is in amps.
Monitoring the Diff Amp output during constant voltage cycle
can provide an accurate indication of the battery charge
status and the time remaining to EOC. This feature is par-
ticularly useful during Ni-MH charge cycle. The current
sense circuit is operational in the LDO mode as well. It can
be used to monitor the system current consumption during
testing.
LED CHARGE STATUS INDICATORS
The LP3945 and LP3946 are equipped with two open drain
outputs to drive a green LED and a red LED. These two
LEDs work together in combinations to indicate charge sta-
tus or fault conditions. Table 2 shows all the conditions.
TABLE 2. LED Indicator Summary
Charger Status
RED
LED
GREEN
LED
Charger Off
OFF
OFF
Charging Li Ion Battery*
ON
OFF
Maintenance Mode
OFF
ON
Charging Li Ion Battery after
Passing Maintenance Mode
OFF
ON
Charging Ni-MH in Constant
Voltage Mode
ON
OFF
EN Pin = LOW
OFF
ON
LDO Mode
OFF
OFF
5.6 Hr Safety Timer Flag
ON
ON
*Charging Li Ion battery for the first time after VCHG-IN insertion.
20066514
FIGURE 4. Charge Current Monitoring Circuit (Diff-Amp)
www.national.com
11


Similar Part No. - LP3945

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP3941 TI1-LP3941 Datasheet
1Mb / 34P
[Old version datasheet]   Cellular Phone Power Management Unit
logo
National Semiconductor ...
LP3941A NSC-LP3941A Datasheet
779Kb / 32P
   Cellular Phone Power Management Unit
LP3941LQ-A NSC-LP3941LQ-A Datasheet
779Kb / 32P
   Cellular Phone Power Management Unit
logo
Texas Instruments
LP3941LQ-A TI1-LP3941LQ-A Datasheet
1Mb / 34P
[Old version datasheet]   Cellular Phone Power Management Unit
logo
National Semiconductor ...
LP3941LQA NSC-LP3941LQA Datasheet
779Kb / 32P
   Cellular Phone Power Management Unit
More results

Similar Description - LP3945

ManufacturerPart #DatasheetDescription
logo
Shenzhen Huazhimei Semi...
HM5065 HMSEMI-HM5065 Datasheet
1Mb / 13P
   battery charge management chip
logo
STMicroelectronics
L9961 STMICROELECTRONICS-L9961 Datasheet
2Mb / 63P
   Battery management system solution
October 2022 Rev 1
L9961 STMICROELECTRONICS-L9961_V01 Datasheet
1Mb / 65P
   Battery management system solution
Rev 3 - January 2023
logo
Ultralife Corporation.
URS0010 ULTRALIFE-URS0010 Datasheet
776Kb / 3P
   Battery Management Power System
Rev: B
logo
National Semiconductor ...
LP3918 NSC-LP3918 Datasheet
1Mb / 30P
   Battery Charge Management and Regulator Unit
logo
Texas Instruments
BQ25120 TI1-BQ25120_16 Datasheet
2Mb / 68P
[Old version datasheet]   Highly Integrated Battery Charge Management Solution
logo
Cymbet Corporation
CBC910 CYMBET-CBC910 Datasheet
685Kb / 14P
   Charge Pump and Battery Management ASIC
logo
Texas Instruments
LP3918 TI1-LP3918 Datasheet
909Kb / 39P
[Old version datasheet]   Battery Charge Management and Regulator Unit
logo
Shenzhen Huazhimei Semi...
HM5051 HMSEMI-HM5051 Datasheet
811Kb / 11P
   Ampere Lithium Battery Charge Management IC
logo
Linear Technology
LTC1325 LINER-LTC1325_15 Datasheet
340Kb / 24P
   Microprocessor-Controlled Battery Management System
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com