Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA4137UAE4 Datasheet(PDF) 5 Page - Texas Instruments

Part # OPA4137UAE4
Description  LOW COST FET-INPUT OPERATIONAL AMPLIFIERS MicroAmplifier Series
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA4137UAE4 Datasheet(HTML) 5 Page - Texas Instruments

  OPA4137UAE4 Datasheet HTML 1Page - Texas Instruments OPA4137UAE4 Datasheet HTML 2Page - Texas Instruments OPA4137UAE4 Datasheet HTML 3Page - Texas Instruments OPA4137UAE4 Datasheet HTML 4Page - Texas Instruments OPA4137UAE4 Datasheet HTML 5Page - Texas Instruments OPA4137UAE4 Datasheet HTML 6Page - Texas Instruments OPA4137UAE4 Datasheet HTML 7Page - Texas Instruments OPA4137UAE4 Datasheet HTML 8Page - Texas Instruments OPA4137UAE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
5
®
OPA137, 2137, 4137
TYPICAL PERFORMANCE CURVES (CONT)
At TA = +25°C, VS = ±15V, RL = 10kΩ, connected to ground, unless otherwise noted.
OUTPUT VOLTAGE SWING vs OUTPUT CURRENT
(V+)
(V+) –1
(V+) –2
(V+) –3
(V–) +3
(V–) +2
(V–) +1
(V–)
0
±2
±4
±6
±8
±10
Output Current (mA)
–55°C
–55°C
+25°C
+125°C
+125°C
+25°C
QUIESCENT CURRENT and SHORT-CIRCUIT CURRENT
vs SUPPLY VOLTAGE
Supply Voltage (V)
±230
±220
±210
±200
±190
±180
±170
±160
±70
±60
±50
±40
±30
±20
±10
0
0
±5
±10
±15
±20
±I
SC
I
Q
–I
SC
(I
Q Per Amplifier)
TOTAL HARMONIC DISTORTION + NOISE
vs FREQUENCY
Frequency (Hz)
1
0.1
0.01
100k
100
1k
10k
G = 10
G = 1
V
O = 3.5Vrms
A
OL, CMRR, PSRR vs TEMPERATURE
Temperature (
°C)
95
90
85
80
75
70
65
–75
–50
–25
0
25
50
75
100
125
PSRR
CMRR
V
O = –13.8V to +13.9V
A
OL
QUIESCENT CURRENT and SHORT-CIRCUIT CURRENT
vs TEMPERATURE
Temperature (
°C)
±400
±350
±300
±250
±200
±150
±100
±50
0
±80
±70
±60
±50
±40
±30
±20
±10
0
–75
–50
–25
0
25
50
75
100
125
+I
SC
(I
Q Per Amplifier)
I
Q
–I
SC
MAXIMUM OUTPUT VOLTAGE vs FREQUENCY
Frequency (Hz)
10k
100k
1M
30
25
20
15
10
5
0
Without slew-rate
induced distortion
Maximum output voltage
without visible dynamic
distortion.
V
S = ±5V
C
L = 200pF
V
S = ±15V
C
L = 100pF


Similar Part No. - OPA4137UAE4

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA4137UA BURR-BROWN-OPA4137UA Datasheet
269Kb / 8P
   LOW COST FET-INPUT OPERATIONAL AMPLIFIERS MicroAmplifier ??Series
OPA4137UA BURR-BROWN-OPA4137UA Datasheet
198Kb / 9P
   LOW COST FET-INPUT OPERATIONAL AMPLIFIERS MicroAmplifier ??Series
logo
Texas Instruments
OPA4137UA-2K5 TI1-OPA4137UA-2K5 Datasheet
787Kb / 15P
[Old version datasheet]   LOW COST FET-INPUT OPERATIONAL AMPLIFIERS MicroAmplifier ??Series
logo
Burr-Brown (TI)
OPA4137UA/2K5 BURR-BROWN-OPA4137UA/2K5 Datasheet
198Kb / 9P
   LOW COST FET-INPUT OPERATIONAL AMPLIFIERS MicroAmplifier ??Series
More results

Similar Description - OPA4137UAE4

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA137 BURR-BROWN-OPA137 Datasheet
269Kb / 8P
   LOW COST FET-INPUT OPERATIONAL AMPLIFIERS MicroAmplifier ??Series
OPA4137 BURR-BROWN-OPA4137 Datasheet
198Kb / 9P
   LOW COST FET-INPUT OPERATIONAL AMPLIFIERS MicroAmplifier ??Series
logo
Texas Instruments
OPA137N-250 TI1-OPA137N-250 Datasheet
787Kb / 15P
[Old version datasheet]   LOW COST FET-INPUT OPERATIONAL AMPLIFIERS MicroAmplifier ??Series
logo
Burr-Brown (TI)
OPA342 BURR-BROWN-OPA342 Datasheet
234Kb / 10P
   Low Cost, Low Power, Rail-to-Rail OPERATIONAL AMPLIFIERS MicroAmplifier ??Series
OPA342 BURR-BROWN-OPA342_06 Datasheet
322Kb / 13P
   Low-Cost, Low-Power, Rail-to-Rail OPERATIONAL AMPLIFIERS MicroAmplifier ??Series
logo
Analog Devices
ADTL082 AD-ADTL082_07 Datasheet
298Kb / 12P
   Low Cost JFET Input Operational Amplifiers
REV. B
ADTL082ARMZ AD-ADTL082ARMZ Datasheet
299Kb / 12P
   Low Cost JFET Input Operational Amplifiers
REV. B
ADTL082 AD-ADTL082 Datasheet
184Kb / 6P
   Low Cost JFET Input Operational Amplifiers
Rev. PrA
logo
Burr-Brown (TI)
OPA237 BURR-BROWN-OPA237_07 Datasheet
1Mb / 19P
   SINGLE-SUPPLY OPERATIONAL AMPLIFIERS MicroAmplifier??Series
logo
National Semiconductor ...
OPA237 NSC-OPA237 Datasheet
1Mb / 22P
   SINGLE-SUPPLY OPERATIONAL AMPLIFIERS MicroAmplifier Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com