Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA4354AIDR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # OPA4354AIDR
Description  250-MHz, Rail-to-Rail I/O, CMOS Operational Amplifiers
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA4354AIDR Datasheet(HTML) 1 Page - Texas Instruments

  OPA4354AIDR Datasheet HTML 1Page - Texas Instruments OPA4354AIDR Datasheet HTML 2Page - Texas Instruments OPA4354AIDR Datasheet HTML 3Page - Texas Instruments OPA4354AIDR Datasheet HTML 4Page - Texas Instruments OPA4354AIDR Datasheet HTML 5Page - Texas Instruments OPA4354AIDR Datasheet HTML 6Page - Texas Instruments OPA4354AIDR Datasheet HTML 7Page - Texas Instruments OPA4354AIDR Datasheet HTML 8Page - Texas Instruments OPA4354AIDR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 44 page
background image
OPA354
-In
+In
V
OUT
V+
V-
Copyright © 2016,
Texas Instruments Incorporated
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
Reference
Design
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
OPA354, OPA2354, OPA4354
SBOS233F – MARCH 2002 – REVISED JUNE 2016
OPAx354 250-MHz, Rail-to-Rail I/O, CMOS Operational Amplifiers
1
1 Features
1
Unity-Gain Bandwidth: 250 MHz
Wide Bandwidth: 100-MHz GBW
High Slew Rate: 150 V/µs
Low Noise: 6.5 nV
√Hz
Rail-to-Rail I/O
High Output Current: > 100 mA
Excellent Video Performance:
Diff Gain: 0.02%, Diff Phase: 0.09°
0.1-dB Gain Flatness: 40 MHz
Low Input Bias Current: 3 pA
Quiescent Current: 4.9 mA
Thermal Shutdown
Supply Range: 2.5 V to 5.5 V
MicroSIZE and PowerPAD™ Packages
2 Applications
Video Processing
Ultrasound
Optical Networking, Tunable Lasers
Photodiode Transimpedance Amps
Active Filters
High-Speed Integrators
Analog-to-Digital (A/D) Converter Input Buffers
Digital-to-Analog (D/A) Converter Output
Amplifiers
Barcode Scanners
Communications
3 Description
The OPA354 series of high-speed, voltage-feedback
CMOS operational amplifiers are designed for video
and other applications requiring wide bandwidth.
They are unity-gain stable and can drive large output
currents. Differential gain is 0.02% and differential
phase is 0.09°. Quiescent current is only 4.9 mA per
channel.
The OPA354 series op amps are optimized for
operation on single or dual supplies as low as 2.5 V
(±1.25 V) and up to 5.5 V (±2.75 V). Common-mode
input range extends beyond the supplies. The output
swing is within 100 mV of the rails, supporting wide
dynamic range.
For applications requiring the full 100-mA continuous
output
current,
single
and
dual
8-pin
HSOP
PowerPAD versions are available.
The single version (OPA354) is available in the tiny
5
‑pin SOT-23 and 8-pin HSOP PowerPAD packages.
The dual version (OPA2354) comes in the miniature
8-pin VSSOP and 8-pin HSOP PowerPAD packages.
The quad version (OPA4354) is offered in 14-pin
TSSOP and 14-pin SOIC packages.
Multichannel version feature completely independent
circuitry for lowest crosstalk and freedom from
interaction. All are specified over the extended –40°C
to 125°C temperature range.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
OPA354
HSOP (8)
4.89 mm × 3.90 mm
SOT-23 (5)
2.90 mm × 1.60 mm
OPA2354
VSSOP (8)
3.00 mm × 3.00 mm
HSOP (8)
4.89 mm × 3.90 mm
OPA4354
SOIC (14)
8.65 mm × 3.91 mm
TSSOP (14)
5.00 mm × 4.40 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Simplified Schematic


Similar Part No. - OPA4354AIDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA4354AIDR TI-OPA4354AIDR Datasheet
511Kb / 23P
[Old version datasheet]   250MHz, Rail-to-Rail I/O, CMOS OPERATIONAL AMPLIFIERS
More results

Similar Description - OPA4354AIDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2354-Q1 TI1-OPA2354-Q1 Datasheet
727Kb / 23P
[Old version datasheet]   250 MHz, RAIL-TO-RAIL I/O, CMOS OPERATIONAL AMPLIFIERS
OPA354A-Q1 TI1-OPA354A-Q1 Datasheet
1Mb / 37P
[Old version datasheet]   250-MHz, Rail-to-Rail I/O, CMOS Operational Amplifiers
OPA354-Q1 TI-OPA354-Q1_15 Datasheet
1Mb / 36P
[Old version datasheet]   OPAx354-Q1 250-MHz, Rail-to-Rail I/O, CMOS Operational Amplifiers
OPA4354-Q1 TI-OPA4354-Q1 Datasheet
1Mb / 36P
[Old version datasheet]   OPAx354-Q1 250-MHz, Rail-to-Rail I/O, CMOS Operational Amplifiers
logo
Burr-Brown (TI)
OPA703 BURR-BROWN-OPA703_08 Datasheet
509Kb / 18P
   CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA2703EA-2K5G4 TI-OPA2703EA-2K5G4 Datasheet
894Kb / 19P
[Old version datasheet]   CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
logo
SG Micro Corp
SGM8634 SGMICRO-SGM8634_15 Datasheet
537Kb / 20P
   Rail-to-Rail I/O CMOS Operational Amplifiers
SGM8621 SGMICRO-SGM8621_16 Datasheet
1Mb / 20P
   Rail-to-Rail I/O CMOS Operational Amplifiers
logo
Texas Instruments
OPA703 TI-OPA703 Datasheet
322Kb / 12P
[Old version datasheet]   CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
OPA349 TI1-OPA349_17 Datasheet
1Mb / 24P
[Old version datasheet]   Rail-to-Rail I/O CMOS OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com