Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA355UAG4 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # OPA355UAG4
Description  200MHz, CMOS OPERATIONAL AMPLIFIER WITH SHUTDOWN
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA355UAG4 Datasheet(HTML) 8 Page - Texas Instruments

Back Button OPA355UAG4 Datasheet HTML 4Page - Texas Instruments OPA355UAG4 Datasheet HTML 5Page - Texas Instruments OPA355UAG4 Datasheet HTML 6Page - Texas Instruments OPA355UAG4 Datasheet HTML 7Page - Texas Instruments OPA355UAG4 Datasheet HTML 8Page - Texas Instruments OPA355UAG4 Datasheet HTML 9Page - Texas Instruments OPA355UAG4 Datasheet HTML 10Page - Texas Instruments OPA355UAG4 Datasheet HTML 11Page - Texas Instruments OPA355UAG4 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
OPA355, 2355, 3355
SBOS195D
8
www.ti.com
TYPICAL CHARACTERISTICS (Cont.)
At TA = +25°C, VS = 5V, G = +2, RF = 604Ω, and RL = 150Ω connected to VS/2, unless otherwise noted.
SHUTDOWN CURRENT vs TEMPERATURE
Temperature (
°C)
65
85
105
5
25
45
135
125
–55
–35
–15
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
V
S = 5V
V
S = 3V
V
S = 5.5V
V
S = 2.5V
OUTPUT VOLTAGE SWING vs OUTPUT CURRENT
FOR V
S = 5V
Output Current (mA)
100
50
150
200
250
0
5
4
3
2
1
0
125
°C
125
°C
25
°C
25
°C
–55
°C
–55
°C
Continuous currents above
60mA are not recommended.
SUPPLY CURRENT vs TEMPERATURE
Temperature (
°C)
65
85
105
525
45
135
125
–55
–35
–15
14
12
10
8
6
4
2
0
V
S = 5V
V
S = 3V
V
S = 5.5V
V
S = 2.5V
OUTPUT VOLTAGE SWING vs OUTPUT CURRENT
FOR V
S = 3V
Output Current (mA)
60
30
90
120
150
0
3
2
1
0
125
°C
125
°C
25
°C
25
°C
–55
°C
–55
°C
Continuous currents above
60mA are not recommended.
INPUT BIAS CURRENT vs TEMPERATURE
Temperature (
°C)
65
85
105
5
25
45
135
125
–55
–35
–15
10n
1n
100
10
1
COMPOSITE VIDEO
DIFFERENTIAL GAIN AND PHASE
Number of 150
Ω Loads
3
24
1
0.40
0.35
0.30
0.25
0.20
0.15
0.10
0.05
0
dP
dG


Similar Part No. - OPA355UAG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA355UAG4 TI-OPA355UAG4 Datasheet
1Mb / 26P
[Old version datasheet]   200MHz, CMOS OPERATIONAL AMPLIFIER WITH SHUTDOWN
OPA355UAG4 TI-OPA355UAG4 Datasheet
1Mb / 27P
[Old version datasheet]   200MHz, CMOS OPERATIONAL AMPLIFIER WITH SHUTDOWN
More results

Similar Description - OPA355UAG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA355NA TI1-OPA355NA Datasheet
823Kb / 24P
[Old version datasheet]   200MHz, CMOS OPERATIONAL AMPLIFIER WITH SHUTDOWN
OPA355UA TI-OPA355UA Datasheet
1Mb / 26P
[Old version datasheet]   200MHz, CMOS OPERATIONAL AMPLIFIER WITH SHUTDOWN
OPA355NA TI-OPA355NA Datasheet
1Mb / 27P
[Old version datasheet]   200MHz, CMOS OPERATIONAL AMPLIFIER WITH SHUTDOWN
OPA355 TI-OPA355 Datasheet
538Kb / 18P
[Old version datasheet]   200MHz, CMOS OPERATIONAL AMPLIFIER WITH SHUTDOWN
OPA356 TI-OPA356_07 Datasheet
323Kb / 19P
[Old version datasheet]   200MHz, CMOS OPERATIONAL AMPLIFIER
OPA322 TI1-OPA322_16 Datasheet
1Mb / 38P
[Old version datasheet]   CMOS Operational Amplifier with Shutdown
logo
Burr-Brown (TI)
OPA356 BURR-BROWN-OPA356 Datasheet
263Kb / 13P
   200MHz, CMOS OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA322-Q1 TI1-OPA322-Q1 Datasheet
1Mb / 26P
[Old version datasheet]   CMOS Operational Amplifier With Shutdown
OPA355-Q1 TI-OPA355-Q1 Datasheet
383Kb / 18P
[Old version datasheet]   200-MHz CMOS Operational Amplifier With Shutdown
logo
SG Micro Corp
SGM8924A SGMICRO-SGM8924A Datasheet
293Kb / 8P
   Operational Amplifier with Shutdown
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com