Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA4354AID Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # OPA4354AID
Description  250-MHz, Rail-to-Rail I/O, CMOS Operational Amplifiers
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA4354AID Datasheet(HTML) 9 Page - Texas Instruments

Back Button OPA4354AID Datasheet HTML 5Page - Texas Instruments OPA4354AID Datasheet HTML 6Page - Texas Instruments OPA4354AID Datasheet HTML 7Page - Texas Instruments OPA4354AID Datasheet HTML 8Page - Texas Instruments OPA4354AID Datasheet HTML 9Page - Texas Instruments OPA4354AID Datasheet HTML 10Page - Texas Instruments OPA4354AID Datasheet HTML 11Page - Texas Instruments OPA4354AID Datasheet HTML 12Page - Texas Instruments OPA4354AID Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 44 page
background image
9
OPA354, OPA2354, OPA4354
www.ti.com
SBOS233F – MARCH 2002 – REVISED JUNE 2016
Product Folder Links: OPA354 OPA2354 OPA4354
Submit Documentation Feedback
Copyright © 2002–2016, Texas Instruments Incorporated
Electrical Characteristics: VS = 2.7 V to 5.5 V Single-Supply (continued)
At TA = 25°C, RF = 0 Ω, RL = 1 kΩ, and connected to VS/2, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
(1)
See typical characteristic curves, Output Voltage Swing vs Output Current (Figure 20 and Figure 22).
(2)
Specified by design.
FREQUENCY RESPONSE, continued
Harmonic distortion
Second
harmonic
At G = +1, f = 1 MHz, VO = 2 VPP,
RL = 200 Ω, VCM = 1.5 V
–75
dBc
Third harmonic
At G = +1, f = 1 MHz, VO = 2 VPP,
RL = 200 Ω, VCM = 1.5 V
–83
Differential gain error
NTSC, RL = 150 Ω
0.02%
Differential phase error
NTSC, RL = 150 Ω
0.09
°
Channel-to-channel
crosstalk
OPA2354
f = 5 MHz
–100
dB
OPA4354
–84
OUTPUT
Voltage output swing from rail
VS = 5 V, RL = 1 kΩ, AOL > 94 dB,
at TA = 25°C
0.1
0.3
V
VS = 5 V, RL = 1 kΩ, AOL > 90 dB,
at TA = −40°C to 125°C
0.4
IO
Output current, single, dual, quad(1)(2)
VS = 5 V
100
mA
VS = 3 V
50
mA
Closed-loop output impedance
f < 100 kHz
0.05
Ω
RO
Open-loop output resistance
35
Ω
POWER SUPPLY
VS
Specified voltage
2.7
5
V
Operating voltage
2.5
5.5
IQ
Quiescent current (per amplifier)
At TA = 25°C, VS = 5 V, enabled,
IO = 0
4.9
6
mA
At TA = –40°C to 125°C
7.5
THERMAL SHUTDOWN – JUNCTION TEMPERATURE
Shutdown
160
°C
Reset from shutdown
140
°C
THERMAL RANGE
Specified
–40
125
°C
Operating
–55
150
°C
Storage
–65
150
°C


Similar Part No. - OPA4354AID

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA4354AID TI-OPA4354AID Datasheet
511Kb / 23P
[Old version datasheet]   250MHz, Rail-to-Rail I/O, CMOS OPERATIONAL AMPLIFIERS
OPA4354AIDR TI-OPA4354AIDR Datasheet
511Kb / 23P
[Old version datasheet]   250MHz, Rail-to-Rail I/O, CMOS OPERATIONAL AMPLIFIERS
More results

Similar Description - OPA4354AID

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2354-Q1 TI1-OPA2354-Q1 Datasheet
727Kb / 23P
[Old version datasheet]   250 MHz, RAIL-TO-RAIL I/O, CMOS OPERATIONAL AMPLIFIERS
OPA354A-Q1 TI1-OPA354A-Q1 Datasheet
1Mb / 37P
[Old version datasheet]   250-MHz, Rail-to-Rail I/O, CMOS Operational Amplifiers
OPA354-Q1 TI-OPA354-Q1_15 Datasheet
1Mb / 36P
[Old version datasheet]   OPAx354-Q1 250-MHz, Rail-to-Rail I/O, CMOS Operational Amplifiers
OPA4354-Q1 TI-OPA4354-Q1 Datasheet
1Mb / 36P
[Old version datasheet]   OPAx354-Q1 250-MHz, Rail-to-Rail I/O, CMOS Operational Amplifiers
logo
Burr-Brown (TI)
OPA703 BURR-BROWN-OPA703_08 Datasheet
509Kb / 18P
   CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA2703EA-2K5G4 TI-OPA2703EA-2K5G4 Datasheet
894Kb / 19P
[Old version datasheet]   CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
logo
SG Micro Corp
SGM8634 SGMICRO-SGM8634_15 Datasheet
537Kb / 20P
   Rail-to-Rail I/O CMOS Operational Amplifiers
SGM8621 SGMICRO-SGM8621_16 Datasheet
1Mb / 20P
   Rail-to-Rail I/O CMOS Operational Amplifiers
logo
Texas Instruments
OPA703 TI-OPA703 Datasheet
322Kb / 12P
[Old version datasheet]   CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
OPA349 TI1-OPA349_17 Datasheet
1Mb / 24P
[Old version datasheet]   Rail-to-Rail I/O CMOS OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com