Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA354AIDDAR Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # OPA354AIDDAR
Description  250-MHz, Rail-to-Rail I/O, CMOS Operational Amplifiers
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA354AIDDAR Datasheet(HTML) 6 Page - Texas Instruments

Back Button OPA354AIDDAR Datasheet HTML 2Page - Texas Instruments OPA354AIDDAR Datasheet HTML 3Page - Texas Instruments OPA354AIDDAR Datasheet HTML 4Page - Texas Instruments OPA354AIDDAR Datasheet HTML 5Page - Texas Instruments OPA354AIDDAR Datasheet HTML 6Page - Texas Instruments OPA354AIDDAR Datasheet HTML 7Page - Texas Instruments OPA354AIDDAR Datasheet HTML 8Page - Texas Instruments OPA354AIDDAR Datasheet HTML 9Page - Texas Instruments OPA354AIDDAR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 44 page
background image
6
OPA354, OPA2354, OPA4354
SBOS233F – MARCH 2002 – REVISED JUNE 2016
www.ti.com
Product Folder Links: OPA354 OPA2354 OPA4354
Submit Documentation Feedback
Copyright © 2002–2016, Texas Instruments Incorporated
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
Input pins are diode-clamped to the power-supply rails. Input signals that can swing more than 0.5 V beyond the supply rails must be
current limited to 10 mA or less.
(3)
Short-circuit to ground, one amplifier per package.
7 Specifications
7.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
Voltage
Supply voltage, V+ to V
7.5
V
Signal input terminals(2)
(V
−) − (0.5)
(V+) + 0.5
Current
Signal input terminals(2)
–10
10
mA
Output short circuit(3)
Continuous
Temperature
Operating, TA
–55
150
°C
Junction, TJ
150
Storage, Tstg
–65
150
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
7.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2000
V
Charged-device model (CDM), per JEDEC specification JESD22-C101(2)
±250
7.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VS
Supply voltage, V– to V+
2.5
5.5
V
Specified temperature
–40
125
°C


Similar Part No. - OPA354AIDDAR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA354AIDDAR TI-OPA354AIDDAR Datasheet
511Kb / 23P
[Old version datasheet]   250MHz, Rail-to-Rail I/O, CMOS OPERATIONAL AMPLIFIERS
More results

Similar Description - OPA354AIDDAR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2354-Q1 TI1-OPA2354-Q1 Datasheet
727Kb / 23P
[Old version datasheet]   250 MHz, RAIL-TO-RAIL I/O, CMOS OPERATIONAL AMPLIFIERS
OPA354A-Q1 TI1-OPA354A-Q1 Datasheet
1Mb / 37P
[Old version datasheet]   250-MHz, Rail-to-Rail I/O, CMOS Operational Amplifiers
OPA354-Q1 TI-OPA354-Q1_15 Datasheet
1Mb / 36P
[Old version datasheet]   OPAx354-Q1 250-MHz, Rail-to-Rail I/O, CMOS Operational Amplifiers
OPA4354-Q1 TI-OPA4354-Q1 Datasheet
1Mb / 36P
[Old version datasheet]   OPAx354-Q1 250-MHz, Rail-to-Rail I/O, CMOS Operational Amplifiers
logo
Burr-Brown (TI)
OPA703 BURR-BROWN-OPA703_08 Datasheet
509Kb / 18P
   CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA2703EA-2K5G4 TI-OPA2703EA-2K5G4 Datasheet
894Kb / 19P
[Old version datasheet]   CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
logo
SG Micro Corp
SGM8634 SGMICRO-SGM8634_15 Datasheet
537Kb / 20P
   Rail-to-Rail I/O CMOS Operational Amplifiers
SGM8621 SGMICRO-SGM8621_16 Datasheet
1Mb / 20P
   Rail-to-Rail I/O CMOS Operational Amplifiers
logo
Texas Instruments
OPA703 TI-OPA703 Datasheet
322Kb / 12P
[Old version datasheet]   CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
OPA349 TI1-OPA349_17 Datasheet
1Mb / 24P
[Old version datasheet]   Rail-to-Rail I/O CMOS OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com