Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA348AIDCKT Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # OPA348AIDCKT
Description  1MHz, 45uA, CMOS, Rail-to-Rail OPERATIONAL AMPLIFIERS Value Line
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA348AIDCKT Datasheet(HTML) 7 Page - Texas Instruments

Back Button OPA348AIDCKT Datasheet HTML 3Page - Texas Instruments OPA348AIDCKT Datasheet HTML 4Page - Texas Instruments OPA348AIDCKT Datasheet HTML 5Page - Texas Instruments OPA348AIDCKT Datasheet HTML 6Page - Texas Instruments OPA348AIDCKT Datasheet HTML 7Page - Texas Instruments OPA348AIDCKT Datasheet HTML 8Page - Texas Instruments OPA348AIDCKT Datasheet HTML 9Page - Texas Instruments OPA348AIDCKT Datasheet HTML 10Page - Texas Instruments OPA348AIDCKT Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
1
Frequency (Hz)
10
100
1k
10k
100k
10k
1k
100
10
1k
100
10
1
e
N
i
N
10
Frequency (Hz)
100
1k
10k
100k
1.000
0.100
0.010
0.001
2s/div
10s/div
Load Capacitance (pF)
10
100
1k
10k
60
50
40
30
20
10
0
G = 5V/V, R
= 100k
±
W
FB
10
Load Capacitance (pF)
100
1k
10k
60
50
40
30
20
10
0
G = +1V/V, R = 100kW
L
G = 1V/V, R
= 5kW
-
FB
G = 1V/V, R
= 100k
-
W
FB
OPA348
OPA2348
OPA4348
www.ti.com
SBOS213G – NOVEMBER 2001 – REVISED MARCH 2013
TYPICAL CHARACTERISTICS (continued)
At TA = +25°C, RL = 100kΩ connected to VS / 2 and VOUT = VS / 2, unless otherwise noted.
SMALL-SIGNAL OVERSHOOT
vs LOAD CAPACITANCE
PERCENT OVERSHOOT vs LOAD CAPACITANCE
Figure 13.
Figure 14.
SMALL-SIGNAL STEP RESPONSE
LARGE-SIGNAL STEP RESPONSE
(G = +1V/V, RL = 100kΩ, CL = 100pF)
(G = +1V/V, RL = 100kΩ, CL = 100pF)
Figure 15.
Figure 16.
INPUT CURRENT AND VOLTAGE NOISE
TOTAL HARMONIC DISTORTION + NOISE
SPECTRAL DENSITY vs FREQUENCY
vs FREQUENCY
Figure 17.
Figure 18.
Copyright © 2001–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: OPA348 OPA2348 OPA4348


Similar Part No. - OPA348AIDCKT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA348AIDCKT TI-OPA348AIDCKT Datasheet
318Kb / 14P
[Old version datasheet]   1MHz, 45UA, CMOS, Rail-to-Rail OPERATIONAL AMPLIFIERS
OPA348AIDCKT TI-OPA348AIDCKT Datasheet
318Kb / 17P
[Old version datasheet]   1MHz, 45關A, CMOS, Rail-to-Rail OPERATIONAL AMPLIFIERS
OPA348AIDCKT TI-OPA348AIDCKT Datasheet
472Kb / 19P
[Old version datasheet]   1MHz, 45關A, CMOS, Rail-to-Rail OPERATIONAL AMPLIFIERS
logo
Burr-Brown (TI)
OPA348AIDCKT BURR-BROWN-OPA348AIDCKT Datasheet
501Kb / 19P
   1MHz, 45關A, CMOS, Rail-to-Rail OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA348AIDCKTG4 TI-OPA348AIDCKTG4 Datasheet
318Kb / 17P
[Old version datasheet]   1MHz, 45關A, CMOS, Rail-to-Rail OPERATIONAL AMPLIFIERS
More results

Similar Description - OPA348AIDCKT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA348 TI-OPA348 Datasheet
318Kb / 14P
[Old version datasheet]   1MHz, 45UA, CMOS, Rail-to-Rail OPERATIONAL AMPLIFIERS
OPA348 TI-OPA348_07 Datasheet
472Kb / 19P
[Old version datasheet]   1MHz, 45關A, CMOS, Rail-to-Rail OPERATIONAL AMPLIFIERS
logo
First Silicon Co., Ltd
FC358F FS-FC358F Datasheet
599Kb / 9P
   1MHz, 60uA, Rail-to-Rail I/O CMOS Operational Amplifiers
logo
Texas Instruments
OPA348 TI-OPA348_06 Datasheet
318Kb / 17P
[Old version datasheet]   1MHz, 45關A, CMOS, Rail-to-Rail OPERATIONAL AMPLIFIERS
logo
Burr-Brown (TI)
OPA348 BURR-BROWN-OPA348 Datasheet
501Kb / 19P
   1MHz, 45關A, CMOS, Rail-to-Rail OPERATIONAL AMPLIFIERS
logo
First Silicon Co., Ltd
FC321SOT FS-FC321SOT Datasheet
587Kb / 8P
   1MHz, 60uA, Rail-to-Rail I/O CMOS Operational Amplifiers
logo
E-CMOS Corporation
ECV321 E-CMOS-ECV321 Datasheet
490Kb / 13P
   1MHz, 1.8V, CMOS, Rail-to-Rail Operational Amplifier
logo
Burr-Brown (TI)
OPA349 BURR-BROWN-OPA349 Datasheet
141Kb / 7P
   1mA, Rail-to-Rail, CMOS OPERATIONAL AMPLIFIERS
logo
Texas Instruments
LMV341-Q1 TI1-LMV341-Q1 Datasheet
680Kb / 24P
[Old version datasheet]   RAIL-TO-RAIL OUTPUT CMOS OPERATIONAL AMPLIFIERS
logo
SG Micro Corp
SGM8655 SGMICRO-SGM8655_15 Datasheet
463Kb / 18P
   Rail-to-Rail Output CMOS Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com