Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA348AIDBVRG4 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # OPA348AIDBVRG4
Description  1MHz, 45uA, CMOS, Rail-to-Rail OPERATIONAL AMPLIFIERS Value Line
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA348AIDBVRG4 Datasheet(HTML) 8 Page - Texas Instruments

Back Button OPA348AIDBVRG4 Datasheet HTML 4Page - Texas Instruments OPA348AIDBVRG4 Datasheet HTML 5Page - Texas Instruments OPA348AIDBVRG4 Datasheet HTML 6Page - Texas Instruments OPA348AIDBVRG4 Datasheet HTML 7Page - Texas Instruments OPA348AIDBVRG4 Datasheet HTML 8Page - Texas Instruments OPA348AIDBVRG4 Datasheet HTML 9Page - Texas Instruments OPA348AIDBVRG4 Datasheet HTML 10Page - Texas Instruments OPA348AIDBVRG4 Datasheet HTML 11Page - Texas Instruments OPA348AIDBVRG4 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
-0.5
Common-Mode Voltage (V)
OFFSET VOLTAGE
vs FULL COMMON-MODE VOLTAGE RANGE
0
V-
0.5
1.5
1
2.5
2
3.5
3
4.5
5
4
5.5
2
1.5
1
0.5
0
-0.5
-1
-1.5
-2
V+
5V
0V
G = +1V/V, V = +5V
S
20 s/div
m
Output (Inverted on Scope)
OPA348
OPA2348
OPA4348
SBOS213G – NOVEMBER 2001 – REVISED MARCH 2013
www.ti.com
APPLICATION INFORMATION
COMMON-MODE VOLTAGE RANGE
The OPA348 series op amps are unity-gain stable
and suitable for a wide range of general-purpose
The input common-mode voltage range of the
applications.
OPA348 series extends 200mV beyond the supply
rails. This is achieved with a complementary input
The OPA348 series features wide bandwidth and
stage—an N-channel input differential pair in parallel
unity-gain stability with rail-to-rail input and output for
with a P-channel differential pair. The N-channel pair
increased dynamic range. Figure 19 shows the input
is active for input voltages close to the positive rail,
and output waveforms for the OPA348 in unity-gain
typically (V+) – 1.2V to 300mV above the positive
configuration. Operation is from a single +5V supply
supply, while the P-channel pair is on for inputs from
with a 100k
Ω load connected to VS/2. The input is a
300mV below the negative supply to approximately
5VPP sinusoid. Output voltage is approximately
(V+) – 1.4V. There is a small transition region,
4.98VPP.
typically (V+) – 1.4V to (V+) – 1.2V, in which both
pairs are on. This 200mV transition region, shown in
Power-supply pins should be bypassed with 0.01
μF
Figure 20, can vary ±300mV with process variation.
ceramic capacitors.
Thus, the transition region (both stages on) can range
from (V+) – 1.7V to (V+) – 1.5V on the low end, up to
(V+) – 1.1V to (V+) – 0.9V on the high end. Within the
200mV
transition
region
PSRR,
CMRR,
offset
voltage, offset drift, and THD may be degraded
compared to operation outside this region.
Figure 19. The OPA348 Features Rail-to-Rail
Input/Output
OPERATING VOLTAGE
The OPA348 series op amps are fully specified and
tested from +2.5V to +5.5V. However, supply voltage
may range from +2.1V to +5.5V. Parameters are
tested over the specified supply range—a unique
Figure 20. Behavior of Typical Transition Region
feature of the OPA348 series. In addition, all
at Room Temperature
temperature specifications apply from –40°C to
+125°C. Most behavior remains virtually unchanged
throughout
the
full
operating
voltage
range.
Parameters that vary significantly with operating
voltages or temperature are shown in the Typical
Characteristics.
8
Submit Documentation Feedback
Copyright © 2001–2013, Texas Instruments Incorporated
Product Folder Links: OPA348 OPA2348 OPA4348


Similar Part No. - OPA348AIDBVRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA348AIDBVRG4 TI-OPA348AIDBVRG4 Datasheet
318Kb / 17P
[Old version datasheet]   1MHz, 45關A, CMOS, Rail-to-Rail OPERATIONAL AMPLIFIERS
OPA348AIDBVRG4 TI-OPA348AIDBVRG4 Datasheet
472Kb / 19P
[Old version datasheet]   1MHz, 45關A, CMOS, Rail-to-Rail OPERATIONAL AMPLIFIERS
logo
Burr-Brown (TI)
OPA348AIDBVRG4 BURR-BROWN-OPA348AIDBVRG4 Datasheet
501Kb / 19P
   1MHz, 45關A, CMOS, Rail-to-Rail OPERATIONAL AMPLIFIERS
More results

Similar Description - OPA348AIDBVRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA348 TI-OPA348 Datasheet
318Kb / 14P
[Old version datasheet]   1MHz, 45UA, CMOS, Rail-to-Rail OPERATIONAL AMPLIFIERS
OPA348 TI-OPA348_07 Datasheet
472Kb / 19P
[Old version datasheet]   1MHz, 45關A, CMOS, Rail-to-Rail OPERATIONAL AMPLIFIERS
logo
First Silicon Co., Ltd
FC358F FS-FC358F Datasheet
599Kb / 9P
   1MHz, 60uA, Rail-to-Rail I/O CMOS Operational Amplifiers
logo
Texas Instruments
OPA348 TI-OPA348_06 Datasheet
318Kb / 17P
[Old version datasheet]   1MHz, 45關A, CMOS, Rail-to-Rail OPERATIONAL AMPLIFIERS
logo
Burr-Brown (TI)
OPA348 BURR-BROWN-OPA348 Datasheet
501Kb / 19P
   1MHz, 45關A, CMOS, Rail-to-Rail OPERATIONAL AMPLIFIERS
logo
First Silicon Co., Ltd
FC321SOT FS-FC321SOT Datasheet
587Kb / 8P
   1MHz, 60uA, Rail-to-Rail I/O CMOS Operational Amplifiers
logo
E-CMOS Corporation
ECV321 E-CMOS-ECV321 Datasheet
490Kb / 13P
   1MHz, 1.8V, CMOS, Rail-to-Rail Operational Amplifier
logo
Burr-Brown (TI)
OPA349 BURR-BROWN-OPA349 Datasheet
141Kb / 7P
   1mA, Rail-to-Rail, CMOS OPERATIONAL AMPLIFIERS
logo
Texas Instruments
LMV341-Q1 TI1-LMV341-Q1 Datasheet
680Kb / 24P
[Old version datasheet]   RAIL-TO-RAIL OUTPUT CMOS OPERATIONAL AMPLIFIERS
logo
SG Micro Corp
SGM8655 SGMICRO-SGM8655_15 Datasheet
463Kb / 18P
   Rail-to-Rail Output CMOS Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com