Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA2338UA Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # OPA2338UA
Description  MicroSIZE, Single-Supply CMOS OPERATIONAL AMPLIFIERS
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA2338UA Datasheet(HTML) 10 Page - Texas Instruments

Back Button OPA2338UA Datasheet HTML 6Page - Texas Instruments OPA2338UA Datasheet HTML 7Page - Texas Instruments OPA2338UA Datasheet HTML 8Page - Texas Instruments OPA2338UA Datasheet HTML 9Page - Texas Instruments OPA2338UA Datasheet HTML 10Page - Texas Instruments OPA2338UA Datasheet HTML 11Page - Texas Instruments OPA2338UA Datasheet HTML 12Page - Texas Instruments OPA2338UA Datasheet HTML 13Page - Texas Instruments OPA2338UA Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
OPA337, OPA2337
OPA338, OPA2338
SBOS077B − JUNE 1997 − REVISED MARCH 2005
www.ti.com
10
1/2
OPA2337E
1/2
OPA2337E
ADS7822
12−Bit A/D
C
3
V
+
GND
3
18
4
5
6
7
−IN
+IN
2
C
2
33pF
DCLOCK
Serial
Interface
1000pF
R
1
1.5k
R
4
20k
R
5
20k
R
6
100k
R8
150k
R
9
510k
R7
51k
DOUT
V
REF
V+ = +2.7V to 5V
CS/SHDN
C
1
1000pF
Electret
Microphone(1)
G= 100
Passband 300Hz to 3kHz
R
3
1M
R2
1M
NOTE: (1) Electret microphone
with internal transistor (FET)
powered by R
1.
Figure 6. Low-Power, Single-Supply, Speech Bandpass Filtered Data Acquisition System
0.018
(0.457)
0.026
(0.66)
SOT23−8
(Package Designator: DCN)
For further information on solder
pads for surface−mount packages, consult Application Bulletin SBFA015A.
SOT23−5
(Package Designator: D)
0.0375
(0.9525)
0.0375
(0.9525)
0.075
(1.905)
0.027
(0.686)
Figure 7. Recommended SOT23-5 and SOT23-8 Solder Footprints


Similar Part No. - OPA2338UA

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA2338UA BURR-BROWN-OPA2338UA Datasheet
179Kb / 9P
   MicroSIZE, Single-Supply CMOS OPERATIONAL AMPLIFIERS MicroAmplifier ??Series
More results

Similar Description - OPA2338UA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2337EA3K TI1-OPA2337EA3K Datasheet
1Mb / 25P
[Old version datasheet]   MicroSIZE, Single-Supply CMOS OPERATIONAL AMPLIFIERS MicroAmplifier Series
logo
Burr-Brown (TI)
OPA337 BURR-BROWN-OPA337 Datasheet
179Kb / 9P
   MicroSIZE, Single-Supply CMOS OPERATIONAL AMPLIFIERS MicroAmplifier ??Series
logo
Texas Instruments
OPA338NA250 TI1-OPA338NA250 Datasheet
1Mb / 25P
[Old version datasheet]   MicroSIZE, Single-Supply CMOS OPERATIONAL AMPLIFIERS MicroAmplifier Series
logo
Burr-Brown (TI)
OPA336 BURR-BROWN-OPA336_08 Datasheet
1Mb / 19P
   SINGLE-SUPPLY, microPower CMOS OPERATIONAL AMPLIFIERS CMOS OPERATIONAL AMPLIFIERS
logo
Unisonic Technologies
OPA2336 UTC-OPA2336 Datasheet
168Kb / 6P
   SINGLE-SUPPLY, MICROPOWER CMOS OPERATIONAL AMPLIFIERS
OPA2336 UTC-OPA2336_17 Datasheet
140Kb / 6P
   SINGLE-SUPPLY, MICROPOWER CMOS OPERATIONAL AMPLIFIERS
OPA2336 UTC-OPA2336_15 Datasheet
157Kb / 6P
   SINGLE-SUPPLY MICROPOWER CMOS OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA365-Q1 TI1-OPA365-Q1_16 Datasheet
594Kb / 22P
[Old version datasheet]   Single-Supply Operational Amplifiers
logo
Advanced Monolithic Sys...
AMS386 AMS-AMS386 Datasheet
202Kb / 2P
   Single Supply Operational Amplifiers
logo
Burr-Brown (TI)
OPA734 BURR-BROWN-OPA734_07 Datasheet
607Kb / 23P
   0.05uV/?C max, SINGLE-SUPPLY CMOS OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com