Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA2353UA Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # OPA2353UA
Description  High-Speed, Single-Supply, Rail-to-Rail OPERATIONAL AMPLIFIERS
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA2353UA Datasheet(HTML) 8 Page - Texas Instruments

Back Button OPA2353UA Datasheet HTML 4Page - Texas Instruments OPA2353UA Datasheet HTML 5Page - Texas Instruments OPA2353UA Datasheet HTML 6Page - Texas Instruments OPA2353UA Datasheet HTML 7Page - Texas Instruments OPA2353UA Datasheet HTML 8Page - Texas Instruments OPA2353UA Datasheet HTML 9Page - Texas Instruments OPA2353UA Datasheet HTML 10Page - Texas Instruments OPA2353UA Datasheet HTML 11Page - Texas Instruments OPA2353UA Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
8
OPA353, 2353, 4353
®
APPLICATIONS INFORMATION
OPA353 series op amps are fabricated on a state-of-the-art
0.6 micron CMOS process. They are unity-gain stable and
suitable for a wide range of general purpose applications.
Rail-to-rail input/output make them ideal for driving sam-
pling A/D converters. They are well suited for controlling
the output power in cell phones. These applications often
require high speed and low noise. In addition, the OPA353
series offers a low cost solution for general purpose and
consumer video applications (75
Ω drive capability).
Excellent ac performance makes the OPA353 series well
suited for audio applications. Their bandwidth, slew rate,
low noise (5nV/
√Hz), low THD (0.0006%), and small pack-
age options are ideal for these applications. The class AB
output stage is capable of driving 600
Ω loads connected to
any point between V+ and ground.
Rail-to-rail input and output swing significantly increases
dynamic range, especially in low voltage supply applica-
tions. Figure 1 shows the input and output waveforms for
the OPA353 in unity-gain configuration. Operation is
from a single +5V supply with a 1k
Ω load connected to
VS /2. The input is a 5Vp-p sinusoid. Output voltage is
approximately 4.95Vp-p.
Power supply pins should be bypassed with 0.01
µF ceramic
capacitors.
OPERATING VOLTAGE
OPA353 series op amps are fully specified from +2.7V to
+5.5V. However, supply voltage may range from +2.5V to
+5.5V. Parameters are guaranteed over the specified supply
range—a unique feature of the OPA353 series. In addition,
many specifications apply from –40
°C to +85°C. Most
behavior remains virtually unchanged throughout the full
operating voltage range. Parameters which vary signifi-
cantly with operating voltages or temperature are shown in
the typical performance curves.
RAIL-TO-RAIL INPUT
The guaranteed input common-mode voltage range of the
OPA353 series extends 100mV beyond the supply rails. This
is achieved with a complementary input stage—an
N-channel input differential pair in parallel with a P-channel
differential pair (see Figure 2). The N-channel pair is active
for input voltages close to the positive rail, typically
(V+) – 1.8V to 100mV above the positive supply, while the
P-channel pair is on for inputs from 100mV below the
negative supply to approximately (V+) – 1.8V. There is a
small transition region, typically (V+) – 2V to (V+) – 1.6V, in
which both pairs are on. This 400mV transition region can
vary
±400mV with process variation. Thus, the transition
region (both input stages on) can range from (V+) – 2.4V to
(V+) – 2.0V on the low end, up to (V+) – 1.6V to (V+) – 1.2V
on the high end.
FIGURE 2. Simplified Schematic.
V
BIAS1
V
BIAS2
V
IN+
V
IN
Class AB
Control
Circuitry
V
O
V–
(Ground)
V+
Reference
Current
0
5V
VS = +5, G = +1, RL = 1kΩ
VIN
FIGURE 1. Rail-to-Rail Input and Output.
5V
0
VOUT


Similar Part No. - OPA2353UA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2353UA TI-OPA2353UA Datasheet
220Kb / 13P
[Old version datasheet]   High-Speed, Single-Supply, Rail-to-Rail OPERATIONAL AMPLIFIERS
OPA2353UA TI-OPA2353UA Datasheet
1Mb / 26P
[Old version datasheet]   High-Speed, Single-Supply, Rail-to-Rail PERATIONAL AMPLIFIERS
OPA2353UA TI-OPA2353UA Datasheet
1Mb / 27P
[Old version datasheet]   High-Speed, Single-Supply, Rail-to-Rail OPERATIONAL AMPLIFIERS MicroAmplifier Series
OPA2353UA/2K5 TI-OPA2353UA/2K5 Datasheet
220Kb / 13P
[Old version datasheet]   High-Speed, Single-Supply, Rail-to-Rail OPERATIONAL AMPLIFIERS
OPA2353UA2K5 TI-OPA2353UA2K5 Datasheet
1Mb / 26P
[Old version datasheet]   High-Speed, Single-Supply, Rail-to-Rail PERATIONAL AMPLIFIERS
More results

Similar Description - OPA2353UA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA353 TI-OPA353 Datasheet
220Kb / 13P
[Old version datasheet]   High-Speed, Single-Supply, Rail-to-Rail OPERATIONAL AMPLIFIERS
OPA350UA TI1-OPA350UA Datasheet
1Mb / 28P
[Old version datasheet]   High-Speed, Single-Supply, Rail-to-Rail OPERATIONAL AMPLIFIERS
OPA343 TI1-OPA343_14 Datasheet
862Kb / 16P
[Old version datasheet]   SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
OPA340-EP TI-OPA340-EP Datasheet
600Kb / 17P
[Old version datasheet]   SINGLE-SUPPLY RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
OPA340-EP TI-OPA340-EP_15 Datasheet
550Kb / 19P
[Old version datasheet]   SINGLE-SUPPLY RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
logo
Burr-Brown (TI)
OPA350 BURR-BROWN-OPA350_05 Datasheet
705Kb / 24P
   High-Speed, Single-Supply, Rail-to-Rail OPERATIONAL AMPLIFIERS MicroAmplifierSeries
logo
Texas Instruments
OPA2353EA TI-OPA2353EA Datasheet
1Mb / 27P
[Old version datasheet]   High-Speed, Single-Supply, Rail-to-Rail OPERATIONAL AMPLIFIERS MicroAmplifier Series
OPA2350EA250G4 TI-OPA2350EA250G4 Datasheet
1Mb / 29P
[Old version datasheet]   High-Speed, Single-Supply, Rail-to-Rail OPERATIONAL AMPLIFIERS MicroAmplifierSeries
logo
Burr-Brown (TI)
OPA353 BURR-BROWN-OPA353 Datasheet
192Kb / 11P
   High-Speed, Single-Supply, Rail-to-Rail OPERATIONAL AMPLIFIERS MicroAmplifier ??Series
OPA350 BURR-BROWN-OPA350 Datasheet
205Kb / 11P
   High-Speed, Single-Supply, Rail-to-Rail OPERATIONAL AMPLIFIERS MicroAmplifier ??Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com