Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA244PA Datasheet(PDF) 1 Page - Texas Instruments

Part # OPA244PA
Description  MicroPower, Single-Supply OPERATIONAL AMPLIFIERS
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA244PA Datasheet(HTML) 1 Page - Texas Instruments

  OPA244PA Datasheet HTML 1Page - Texas Instruments OPA244PA Datasheet HTML 2Page - Texas Instruments OPA244PA Datasheet HTML 3Page - Texas Instruments OPA244PA Datasheet HTML 4Page - Texas Instruments OPA244PA Datasheet HTML 5Page - Texas Instruments OPA244PA Datasheet HTML 6Page - Texas Instruments OPA244PA Datasheet HTML 7Page - Texas Instruments OPA244PA Datasheet HTML 8Page - Texas Instruments OPA244PA Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
OPA244
OPA2244
OPA4244
®
© 1999 Burr-Brown Corporation
PDS-1437C
Printed in U.S.A. December, 1999
FEATURES
q MicroSIZE PACKAGES
OPA244 (Single): SOT-23-5
OPA2244 (Dual): MSOP-8
OPA4244 (Quad): TSSOP-14
q MicroPOWER: I
Q = 50µA/channel
q SINGLE SUPPLY OPERATION
q WIDE BANDWIDTH: 430kHz
q WIDE SUPPLY RANGE:
Single Supply: 2.2V to 36V
Dual Supply:
±1.1V to ±18V
DESCRIPTION
The OPA244 (single), OPA2244 (dual), and OPA4244 (quad)
op amps are designed for very low quiescent current
(50
µA/channel), yet achieve excellent bandwidth. Ideal for
battery powered and portable instrumentation, all versions are
offered in micro packages for space-limited applications.
The dual and quad versions feature completely independent
circuitry for lowest crosstalk and freedom from interaction, even
when overdriven or overloaded.
The OPA244 series is easy to use and free from phase
inversion and overload problems found in some other op amps.
These amplifiers are stable in unity gain and excellent perfor-
mance is maintained as they swing to their specified limits.
They can be operated from single (+2.2V to +36V) or dual
supplies (
±1.1V to ±18V). The input common-mode voltage
range includes ground—ideal for many single supply applica-
tions. All versions have similar performance. However, there
are some differences, such as common-mode rejection. All
versions are interchangeable in most applications.
All versions are offered in miniature, surface-mount packages.
OPA244 (single version) comes in the tiny 5-lead SOT-23-5
surface mount, SO-8 surface mount, and 8-pin DIP. OPA2244
(dual version)
is available in the MSOP-8 surface mount,
SO-8 surface-mount, and 8-pin DIP. The OPA4244 (quad)
comes in the TSSOP-14 surface mount. They are fully specified
from –40
°C to +85°C and operate from –55°C to +125°C.
A SPICE Macromodel is available for design analysis.
Micro
Power, Single-Supply
OPERATIONAL AMPLIFIERS
Micro
Amplifier Series
APPLICATIONS
q BATTERY POWERED SYSTEMS
q PORTABLE EQUIPMENT
q PCMCIA CARDS
q BATTERY PACKS AND POWER SUPPLIES
q CONSUMER PRODUCTS
1
2
3
4
8
7
6
5
V+
Out B
–In B
+In B
Out A
–In A
+In A
V–
OPA2244
8-Pin DIP, SO-8, MSOP-8
A
B
1
2
3
5
4
V+
–In
Out
V–
+In
OPA244
SOT-23-5
1
2
3
4
8
7
6
5
NC
V+
Output
NC
NC
–In
+In
V–
OPA244
8-Pin DIP, SO-8
®
OPA4244
OPA244
OPA244
OPA2244
OPA2244
International Airport Industrial Park • Mailing Address: PO Box 11400, Tucson, AZ 85734 • Street Address: 6730 S. Tucson Blvd., Tucson, AZ 85706 • Tel: (520) 746-1111
Twx: 910-952-1111 • Internet: http://www.burr-brown.com/ • Cable: BBRCORP • Telex: 066-6491 • FAX: (520) 889-1510 • Immediate Product Info: (800) 548-6132
1
2
3
4
5
6
7
14
13
12
11
10
9
8
Output D
–Input D
+Input D
–V
+Input C
–Input C
Output C
Output A
–Input A
+Input A
+V
+Input B
–Input B
Output B
OPA4244
TSSOP-14
SBOS088


Similar Part No. - OPA244PA

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA244PA BURR-BROWN-OPA244PA Datasheet
224Kb / 11P
   MicroPower, Single-Supply OPERATIONAL AMPLIFIERS MicroAmplifier ??Series
logo
National Semiconductor ...
OPA244PA NSC-OPA244PA Datasheet
1Mb / 26P
   MicroPower, Single-Supply MicroPower, Single-Supply MicroAmplifier ??Series
OPA244PAG4 NSC-OPA244PAG4 Datasheet
1Mb / 26P
   MicroPower, Single-Supply MicroPower, Single-Supply MicroAmplifier ??Series
More results

Similar Description - OPA244PA

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA241 BURR-BROWN-OPA241 Datasheet
268Kb / 10P
   Single-Supply, MicroPOWER OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA2241PAG4 TI-OPA2241PAG4 Datasheet
985Kb / 21P
[Old version datasheet]   Single-Supply, MicroPOWER OPERATIONAL AMPLIFIERS
logo
Burr-Brown (TI)
OPA251 BURR-BROWN-OPA251 Datasheet
217Kb / 12P
   Single-Supply, MicroPOWER OPERATIONAL AMPLIFIERS
logo
National Semiconductor ...
OPA251 NSC-OPA251 Datasheet
1,005Kb / 21P
   Single-Supply, MicroPOWER OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA2251UA-2K5G4 TI-OPA2251UA-2K5G4 Datasheet
1,004Kb / 21P
[Old version datasheet]   Single-Supply, MicroPOWER OPERATIONAL AMPLIFIERS
OPA241 TI1-OPA241 Datasheet
1Mb / 23P
[Old version datasheet]   Single-Supply, MicroPOWER OPERATIONAL AMPLIFIERS
logo
Burr-Brown (TI)
OPA336 BURR-BROWN-OPA336_08 Datasheet
1Mb / 19P
   SINGLE-SUPPLY, microPower CMOS OPERATIONAL AMPLIFIERS CMOS OPERATIONAL AMPLIFIERS
logo
Analog Devices
OP727 AD-OP727_15 Datasheet
211Kb / 16P
   Precision Micropower Single-Supply Operational Amplifiers
logo
Unisonic Technologies
OPA2336 UTC-OPA2336 Datasheet
168Kb / 6P
   SINGLE-SUPPLY, MICROPOWER CMOS OPERATIONAL AMPLIFIERS
logo
Analog Devices
OP777 AD-OP777_V01 Datasheet
210Kb / 16P
   Precision Micropower Single-Supply Operational Amplifiers
REV.D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com