Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA2244 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # OPA2244
Description  MicroPower, Single-Supply OPERATIONAL AMPLIFIERS
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA2244 Datasheet(HTML) 8 Page - Texas Instruments

Back Button OPA2244 Datasheet HTML 4Page - Texas Instruments OPA2244 Datasheet HTML 5Page - Texas Instruments OPA2244 Datasheet HTML 6Page - Texas Instruments OPA2244 Datasheet HTML 7Page - Texas Instruments OPA2244 Datasheet HTML 8Page - Texas Instruments OPA2244 Datasheet HTML 9Page - Texas Instruments OPA2244 Datasheet HTML 10Page - Texas Instruments OPA2244 Datasheet HTML 11Page - Texas Instruments OPA2244 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
8
®
OPA244, 2244, 4244
TYPICAL PERFORMANCE CURVES (Cont.)
At TA = 25°C, VS = +15V, and RL = 20kΩ connected to Ground, unless otherwise noted.
70%
60%
50%
40%
30%
20%
10%
0%
10
100
1k
10k
Load Capacitance (pF)
G = +1, R
L = ∞
G = +1, R
L = 20kΩ
G = +2, R
L = 20kΩ
G = +3, R
L = 20kΩ
OPA4244
Load Capacitance (pF)
60
50
40
30
20
10
0
100
1k
10k
G = –1
G = –2
G = +3
G = +1
OPA2244
OPA244
40
35
30
25
20
15
10
5
0
100
1k
10k
100k
1M
Frequency(Hz)
MAXIMUM OUTPUT VOLTAGE vs FREQUENCY
V
S = 2.7V
V
S =15V
V
S = 36V
INPUT VOLTAGE AND CURRENT NOISE
SPECTRAL DENSITY vs FREQUENCY
Frequency (Hz)
1000
100
10
1
1
10
100
1k
10k
100k
1000
100
10
1
Voltage Noise
Current Noise
Temperature (
°C)
65
60
55
50
45
40
35
30
25
±40
±35
±30
±25
±20
±15
±10
±5
0
–75
–50
–25
0
25
50
75
100
125
–ISC
+I
SC
I
Q
OPA2244
OPA244
QUIESCENT AND SHORT-CIRCUIT CURRENT vs TEMPERATURE
60
55
50
45
40
35
30
20
–30
–25
–20
–15
+15
+10
+5
0
–75
–50
–25
025
50
75
100
125
Temperature (
°C)
–I
SC
+I
SC
I
Q
OPA4244
SMALL SIGNAL OVERSHOOT vs LOAD CAPACITANCE


Similar Part No. - OPA2244

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA2244 BURR-BROWN-OPA2244 Datasheet
224Kb / 11P
   MicroPower, Single-Supply OPERATIONAL AMPLIFIERS MicroAmplifier ??Series
OPA2244EA BURR-BROWN-OPA2244EA Datasheet
224Kb / 11P
   MicroPower, Single-Supply OPERATIONAL AMPLIFIERS MicroAmplifier ??Series
OPA2244EA/250 BURR-BROWN-OPA2244EA/250 Datasheet
224Kb / 11P
   MicroPower, Single-Supply OPERATIONAL AMPLIFIERS MicroAmplifier ??Series
OPA2244EA/2K5 BURR-BROWN-OPA2244EA/2K5 Datasheet
224Kb / 11P
   MicroPower, Single-Supply OPERATIONAL AMPLIFIERS MicroAmplifier ??Series
logo
National Semiconductor ...
OPA2244EA250 NSC-OPA2244EA250 Datasheet
1Mb / 26P
   MicroPower, Single-Supply MicroPower, Single-Supply MicroAmplifier ??Series
More results

Similar Description - OPA2244

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA241 BURR-BROWN-OPA241 Datasheet
268Kb / 10P
   Single-Supply, MicroPOWER OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA2241PAG4 TI-OPA2241PAG4 Datasheet
985Kb / 21P
[Old version datasheet]   Single-Supply, MicroPOWER OPERATIONAL AMPLIFIERS
logo
Burr-Brown (TI)
OPA251 BURR-BROWN-OPA251 Datasheet
217Kb / 12P
   Single-Supply, MicroPOWER OPERATIONAL AMPLIFIERS
logo
National Semiconductor ...
OPA251 NSC-OPA251 Datasheet
1,005Kb / 21P
   Single-Supply, MicroPOWER OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA2251UA-2K5G4 TI-OPA2251UA-2K5G4 Datasheet
1,004Kb / 21P
[Old version datasheet]   Single-Supply, MicroPOWER OPERATIONAL AMPLIFIERS
OPA241 TI1-OPA241 Datasheet
1Mb / 23P
[Old version datasheet]   Single-Supply, MicroPOWER OPERATIONAL AMPLIFIERS
logo
Burr-Brown (TI)
OPA336 BURR-BROWN-OPA336_08 Datasheet
1Mb / 19P
   SINGLE-SUPPLY, microPower CMOS OPERATIONAL AMPLIFIERS CMOS OPERATIONAL AMPLIFIERS
logo
Analog Devices
OP727 AD-OP727_15 Datasheet
211Kb / 16P
   Precision Micropower Single-Supply Operational Amplifiers
logo
Unisonic Technologies
OPA2336 UTC-OPA2336 Datasheet
168Kb / 6P
   SINGLE-SUPPLY, MICROPOWER CMOS OPERATIONAL AMPLIFIERS
logo
Analog Devices
OP777 AD-OP777_V01 Datasheet
210Kb / 16P
   Precision Micropower Single-Supply Operational Amplifiers
REV.D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com