Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA197ID Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # OPA197ID
Description  36-V, Precision, Rail-to-Rail Input/Output, Low Offset Voltage Operational Amplifiers
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA197ID Datasheet(HTML) 1 Page - Texas Instruments

  OPA197ID Datasheet HTML 1Page - Texas Instruments OPA197ID Datasheet HTML 2Page - Texas Instruments OPA197ID Datasheet HTML 3Page - Texas Instruments OPA197ID Datasheet HTML 4Page - Texas Instruments OPA197ID Datasheet HTML 5Page - Texas Instruments OPA197ID Datasheet HTML 6Page - Texas Instruments OPA197ID Datasheet HTML 7Page - Texas Instruments OPA197ID Datasheet HTML 8Page - Texas Instruments OPA197ID Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 39 page
background image
ADS8864
REF
VIN
P
VIN
M
4:2
HV MUX
+
+
+
Antialiasing
Filter
Gain
Gain
Gain
High-Voltage Level Translation
VCM
High-Voltage Multiplexed Input
Reference Driver
REF3140
RC Filter
OPA625
RC Filter
Analog Inputs
Bridge Sensor
Thermocouple
Current Sensing
Optical Sensor
OPA197
OPA197
OPA197
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
Reference
Design
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. UNLESS OTHERWISE NOTED, this document contains PRODUCTION
DATA.
OPA197, OPA2197, OPA4197
SBOS737A – JANUARY 2016 – REVISED JULY 2016
OPAx197 36-V, Precision, Rail-to-Rail Input/Output, Low Offset Voltage,
Operational Amplifiers
1
1 Features
1
Low Offset Voltage: ±250 µV (max)
Low Offset Voltage Drift: ±2.5 µV/°C (max)
Low Noise: 5.5 nV/
√Hz at 1 kHz
High Common-Mode Rejection: 120 dB (min)
Low Bias Current: ±5 pA (typ)
Rail-to-Rail Input and Output
Wide Bandwidth: 10-MHz GBW
High Slew Rate: 20 V/µs
Low Quiescent Current: 1 mA per Amplifier (typ)
Wide Supply: ±2.25 V to ±18 V, +4.5 V to +36 V
EMI- and RFI-Filtered Inputs
Differential Input Voltage Range to Supply Rail
High Capacitive Load Drive Capability: 1 nF
Industry Standard Packages:
Single in SOIC-8, SOT-5, and VSSOP-8
Dual in SOIC-8 and VSSOP-8
Quad in SOIC-14 and TSSOP-14
2 Applications
Multiplexed Data-Acquisition Systems
Test and Measurement Equipment
High-Resolution ADC Driver Amplifiers
SAR ADC Reference Buffers
Programmable Logic Controllers
High-Side and Low-Side Current Sensing
High Precision Comparators
3 Description
The
OPAx197
family
(OPA197,
OPA2197,
and
OPA4197) is a new generation of 36-V operational
amplifiers.
These devices offer outstanding dc precision and ac
performance, including rail-to-rail input/output, low
offset (±25 µV, typ), low offset drift (±0.25 µV/°C, typ),
and 10-MHz bandwidth.
Unique features such as differential input-voltage
range to the supply rail, high output current (±65 mA),
high capacitive load drive of up to 1 nF, and high
slew rate (20 V/µs) make the OPA197 a robust, high-
performance operational amplifier for high-voltage,
industrial applications.
The OPA197 family of op amps is available in
standard packages and is specified from –40°C to
+125°C.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
OPA197
SOIC (8)
4.90 mm × 3.90 mm
SOT (5)
2.90 mm × 1.60 mm
VSSOP (8)
3.00 mm × 3.00 mm
OPA2197
SOIC (8)
4.90 mm × 3.90 mm
VSSOP (8)
3.00 mm × 3.00 mm
OPA4197
SOIC (14)
8.65 mm x 3.90 mm
TSSOP (14)
5.00 mm x 4.40 mm
(1) For all available packages, see the package option addendum
at the end of the data sheet.
OPA197 in a High-Voltage, Multiplexed, Data-Acquisition System


Similar Part No. - OPA197ID

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA197ID TI1-OPA197ID Datasheet
1Mb / 41P
[Old version datasheet]   Operational Amplifiers
OPA197IDBVR TI1-OPA197IDBVR Datasheet
1Mb / 41P
[Old version datasheet]   Operational Amplifiers
OPA197IDBVT TI1-OPA197IDBVT Datasheet
1Mb / 41P
[Old version datasheet]   Operational Amplifiers
OPA197IDGKR TI1-OPA197IDGKR Datasheet
1Mb / 41P
[Old version datasheet]   Operational Amplifiers
OPA197IDGKT TI1-OPA197IDGKT Datasheet
1Mb / 41P
[Old version datasheet]   Operational Amplifiers
More results

Similar Description - OPA197ID

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA197-Q1 TI-OPA197-Q1_V01 Datasheet
3Mb / 45P
[Old version datasheet]   OPAx197-Q1 36-V, Precision, Rail-to-Rail Input/Output, Low-Offset Voltage, Low-Input Bias Current e-trim??Operational Amplifiers
logo
Analog Devices
OP-184 AD-OP-184 Datasheet
522Kb / 20P
   Precision Rail-to-Rail Input & Output Operational Amplifiers
REV. 0
OP184 AD-OP184 Datasheet
291Kb / 20P
   Precision Rail-to-Rail Input & Output Operational Amplifiers
REV. 0
logo
Rohm
BD5291GWL ROHM-BD5291GWL Datasheet
1Mb / 28P
   Input/Output Rail to Rail Low Input Offset Voltage Operational Amplifier
02.Sep.2022 Rev.001
logo
Texas Instruments
OPA188 TI-OPA188_13 Datasheet
1Mb / 33P
[Old version datasheet]   Precision, Low-Noise, Rail-to-Rail Output,36-V, Zero-Drift Operational Amplifiers
OPA188 TI-OPA188_15 Datasheet
1Mb / 34P
[Old version datasheet]   Precision, Low-Noise, Rail-to-Rail Output, 36-V, Zero-Drift Operational Amplifiers
OPA197-Q1 TI1-OPA197-Q1 Datasheet
2Mb / 40P
[Old version datasheet]   36-V, Precision, Rail-to-Rail Input/Output, Low-Offset Voltage, Low-Input Bias Current Operational Amplifier With e-trim
logo
Analog Devices
OP184 AD-OP184_06 Datasheet
508Kb / 24P
   Precision Rail-to-Rail Input and Output Operational Amplifiers
REV. D
OP284 AD-OP284_15 Datasheet
676Kb / 24P
   Precision Rail-to-Rail Input and Output Operational Amplifiers
OP184 AD-OP184_15 Datasheet
676Kb / 24P
   Precision Rail-to-Rail Input and Output Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com