Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS2459RHBR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2459RHBR
Description  12-V/3.3-V Hot Swap and ORing Controller with I2C and Load Current Monitor for AdvancedMC
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2459RHBR Datasheet(HTML) 1 Page - Texas Instruments

  TPS2459RHBR Datasheet HTML 1Page - Texas Instruments TPS2459RHBR Datasheet HTML 2Page - Texas Instruments TPS2459RHBR Datasheet HTML 3Page - Texas Instruments TPS2459RHBR Datasheet HTML 4Page - Texas Instruments TPS2459RHBR Datasheet HTML 5Page - Texas Instruments TPS2459RHBR Datasheet HTML 6Page - Texas Instruments TPS2459RHBR Datasheet HTML 7Page - Texas Instruments TPS2459RHBR Datasheet HTML 8Page - Texas Instruments TPS2459RHBR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 48 page
background image
15
28
26
10
IN12
EN12
EN3
OREN
TPS2459
16 IN3
17
4
7
20
OUT3
PG12
FLT12
PG3
19
5
21
FLT3
SUM12
SUM3
14
SENP
13
SET
12
SENM
11
PASS
6
BLK
8
OUT12
UDG-09031
GND
3320 W
6810 W
AdvancedMCTM
12 V
3.3 V
422 W
0.005 W
12 V
V
IN
3.3 V
V
IN
Status Outputs
2
3
30
SDA
SCL
A0
Enable
I2C Interface
18
A1
25
A2
{
22 VDD3
{
1
VINT
100 W
TPS2459
www.ti.com
SLUS917E – FEBRUARY 2009 – REVISED MAY 2013
12-V/3.3-V Hot Swap and ORing Controller with I2C™
and Load Current Monitor for AdvancedMC™
Check for Samples: TPS2459
1
FEATURES
APPLICATIONS
23
ATCA AdvancedMC™ Compliant
ATCA Carrier Boards
Full Power Control for an AdvancedMC™
MicroTCA™Power Modules
Module
AdvancedMC™ Slots
Independently Programmable 12-V Current
Systems Using 12-V and 3.3-V Channels
Limit and Fast Trip
Base Stations
3.3-V and 12-V FET ORing Control for
MicroTCA™
DESCRIPTION
12-V Output Shuts Off If 3.3-V Output Shuts
The
TPS2459
hot-plug
controller
performs
all
Off
necessary
power
interface
functions
for
an
AdvancedMC™ (Advanced Mezzanine Card). A fully
Internal 3.3-V Current Limit and ORing
integrated 3.3-V channel provides inrush control,
I2C™ Power Good and Fault Reporting
over-current protection, and FET ORing. A 12-V
I2C™ Programmable Fault Times and Limits
channel provides the same functions using external
FETs and sense resistors. The 3.3-V current limit is
FET Status Bits for 3.3-V and 12-V Channels
factory set to AdvancedMC™ compliant levels while
Load Current Monitors for 12-V and 3.3-V
the 12-V current limit is programmed using external
32-Pin QFN Package
sense
resistors.
The
accurate
current
sense
comparators of the TPS2459 satisfy the narrow
ATCA™ AdvancedMC™ current limit requirements.
TYPICAL APPLICATION
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
AdvancedMC, MicroTCA are trademarks of PCI Industrial Computer Manufacturers Group.
3
I2C is a trademark of Phillips.
PRODUCTION DATA information is current as of publication date.
Copyright © 2009–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TPS2459RHBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2459RHB TI-TPS2459RHB Datasheet
1,000Kb / 44P
[Old version datasheet]   12-V/3.3-V Hot Swap and ORing Controller with I2C??and Load Current Monitor for AdvancedMC?
More results

Similar Description - TPS2459RHBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2459 TI-TPS2459 Datasheet
1,000Kb / 44P
[Old version datasheet]   12-V/3.3-V Hot Swap and ORing Controller with I2C??and Load Current Monitor for AdvancedMC?
TPS2458 TI1-TPS2458_16 Datasheet
1Mb / 29P
[Old version datasheet]   12-V/3.3-V Hot Swap and ORing Controller with Load Current Monitor for AdvancedMC
TPS2458 TI-TPS2458 Datasheet
983Kb / 28P
[Old version datasheet]   12-V/3.3-V Hot Swap and ORing Controller with Load Current Monitor for AdvancedMC?
TPS24740 TI1-TPS24740 Datasheet
2Mb / 61P
[Old version datasheet]   2.5-V to 18-V High Performance Hot Swap and ORing Controller
logo
Analog Devices
ADM1075 AD-ADM1075 Datasheet
745Kb / 52P
   ??8 V Hot Swap Controller and Digital
REV. A
LT4239 AD-LT4239 Datasheet
1Mb / 24P
   High Current Hot Swap Controller with Current Monitor Output
Rev. 0
logo
Linear Technology
LTC4236-1 LINER-LTC4236-1 Datasheet
266Kb / 8P
   Dual Ideal Diode-OR and Single Hot Swap Controller with Current Monitor
LTC4236 LINER-LTC4236 Datasheet
563Kb / 24P
   Dual Ideal Diode-OR and Single Hot Swap Controller with Current Monitor
logo
Maxim Integrated Produc...
MAX5963 MAXIM-MAX5963 Datasheet
295Kb / 20P
   Dual, 7.5V to 76V, Hot-Swap and Diode ORing Controller
Rev 0; 10/08
logo
Allegro MicroSystems
ACS760ELF-20B ALLEGRO-ACS760ELF-20B Datasheet
784Kb / 15P
   12 V High-Side Hot-Swap Hall Effect Based Current Monitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com