Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS2421-2 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2421-2
Description  5-A, 20-V Integrated FET Hot Swap
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2421-2 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS2421-2 Datasheet HTML 6Page - Texas Instruments TPS2421-2 Datasheet HTML 7Page - Texas Instruments TPS2421-2 Datasheet HTML 8Page - Texas Instruments TPS2421-2 Datasheet HTML 9Page - Texas Instruments TPS2421-2 Datasheet HTML 10Page - Texas Instruments TPS2421-2 Datasheet HTML 11Page - Texas Instruments TPS2421-2 Datasheet HTML 12Page - Texas Instruments TPS2421-2 Datasheet HTML 13Page - Texas Instruments TPS2421-2 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 31 page
background image
3.3 V, 1600 µF added while under 3.5
A load, R
RSET = 49.9 k
I
LOAD
VOUT
VCT
PG
3.3 V attempting startup into 1 W,
2200 µF load, retry mode - CT = 0.1 µF
R
RSET = 49.9 k
I
LOAD
VOUT
VCT
EN
3.3 V overload step from 3.8 A to 7.1
A, R
RSET = 49.9 k
I
LOAD
VOUT
VCT
PG
3.3 V overload shorted while under 3.5
A load, R
RSET = 49.9 k
I
LOAD
VOUT
VCT
FLT
10
TPS2421-1, TPS2421-2
SLUS907I – JANUARY 2009 – REVISED JANUARY 2015
www.ti.com
Product Folder Links: TPS2421-1 TPS2421-2
Submit Documentation Feedback
Copyright © 2009–2015, Texas Instruments Incorporated
Typical Characteristics (continued)
Figure 7. 3-V Hard Overload, Load Stepped
From 3.8 A to 7.1 A
Figure 8. 3-V Output Shorted While Under 3.5-A Load
Figure 9. 3 V, 1600
μF Added To 3.5-A Load
Figure 10. 3-V Retry Startup into 1
Ω, 2200-μF Load
Figure 11. Startup Into a Short Circuit Output


Similar Part No. - TPS2421-2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2421-2 TI-TPS2421-2 Datasheet
1Mb / 22P
[Old version datasheet]   3-V to 20-V Integrated FET Hot Swap
TPS2421-2DDA TI-TPS2421-2DDA Datasheet
1Mb / 22P
[Old version datasheet]   3-V to 20-V Integrated FET Hot Swap
More results

Similar Description - TPS2421-2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2421-1 TI-TPS2421-1 Datasheet
1Mb / 22P
[Old version datasheet]   3-V to 20-V Integrated FET Hot Swap
TPS2420 TI1-TPS2420 Datasheet
1Mb / 29P
[Old version datasheet]   3-V to 20-V INTEGRATED FET HOT SWAP CONTROLLER
TPS2420RSAT TI-TPS2420RSAT Datasheet
1Mb / 29P
[Old version datasheet]   3-V to 20-V INTEGRATED FET HOT SWAP CONTROLLER
logo
Maxim Integrated Produc...
MAX15096 MAXIM-MAX15096 Datasheet
678Kb / 15P
   Integrated Hot-Swap/Electronic
Rev 0; 3/14
logo
Linear Technology
LTC4219 LINER-LTC4219 Datasheet
203Kb / 16P
   5A Integrated Hot Swap Controller
LTC4217 LINER-LTC4217_15 Datasheet
248Kb / 18P
   2A Integrated Hot Swap Controller
LTC4217 LINER-LTC4217 Datasheet
185Kb / 18P
   2A Integrated Hot Swap Controller
LTC4232 LINER-LTC4232_15 Datasheet
738Kb / 16P
   5A Integrated Hot Swap Controller
LTC4232-1 LINER-LTC4232-1_15 Datasheet
564Kb / 16P
   5A Integrated Hot Swap Controller
LTC4219 LINER-LTC4219_15 Datasheet
277Kb / 18P
   5A Integrated Hot Swap Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com