Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI2302 Datasheet(PDF) 2 Page - ZP Semiconductor

Part # SI2302
Description  N-Channel Enhancement Mode MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZPSEMI [ZP Semiconductor]
Direct Link  http://zpsemi.com/
Logo ZPSEMI - ZP Semiconductor

SI2302 Datasheet(HTML) 2 Page - ZP Semiconductor

  SI2302 Datasheet HTML 1Page - ZP Semiconductor SI2302 Datasheet HTML 2Page - ZP Semiconductor SI2302 Datasheet HTML 3Page - ZP Semiconductor SI2302 Datasheet HTML 4Page - ZP Semiconductor SI2302 Datasheet HTML 5Page - ZP Semiconductor SI2302 Datasheet HTML 6Page - ZP Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Typical Characteristics
0
2
4
6
8
10
12
14
0
1
2
3
4
5
VDS,Drain-to-Source Voltage(Volts)
0
2
4
6
8
10
12
14
16
0
1
2
3
VGS,Gate-to-Source Voltage(Volts)
Figure 1.Output Characteristics
Figure 2.Transfer Characteristics
22
22.5
23
23.5
24
24.5
25
0
50
100
150
200
Tj.Junction Temperature(℃)
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
0
50
100
150
200
Tj.Junction Temperature(℃)
Figure 3.Breakdown Voltage Variation
Figure 4.Gate Threshold Variation
with Temperature
with Temperature
VGS=2.0V
VGS=2.5,3,3.5,4,4.5,5,6,7V
Tj=125
Tj=25
ID=250uA
ID=250uA
VDS=1.5V
sales@zpsemi.com
www.zpsemi.com
SI2302
2 of 6


Similar Part No. - SI2302

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SI2302 MCC-SI2302 Datasheet
168Kb / 5P
   N-Channel Enhancement Mode Field Effect Transistor
SI2302 MCC-SI2302 Datasheet
266Kb / 5P
   N-Channel Enhancement Mode Field Effect Transistor
logo
Shenzhen Jin Yu Semicon...
SI2302 HTSEMI-SI2302 Datasheet
3Mb / 4P
   20 V N-Channel Enhancement Mode MOSFET
logo
GUANGDONG HOTTECH INDUS...
SI2302 HOTTECH-SI2302 Datasheet
272Kb / 3P
   Plastic-Encapsulate Mosfets
logo
Foshan Blue Rocket Elec...
SI2302 FOSHAN-SI2302 Datasheet
468Kb / 6P
   N- CHANNEL MOSFET in a SOT-23 Plastic Package
More results

Similar Description - SI2302

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
2N7002 CENTRAL-2N7002 Datasheet
80Kb / 2P
   N-CHANNEL ENHANCEMENT-MODE MOSFET
logo
AUK corp
STK0602U AUK-STK0602U Datasheet
261Kb / 5P
   N-Channel Enhancement-Mode MOSFET
STK1828K AUK-STK1828K Datasheet
282Kb / 4P
   N-Channel Enhancement-Mode MOSFET
STK7002 AUK-STK7002 Datasheet
83Kb / 4P
   N-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPN3406 SYNC-POWER-SPN3406 Datasheet
198Kb / 8P
   N-Channel Enhancement Mode MOSFET
logo
General Semiconductor
GFP60N03 GE-GFP60N03 Datasheet
115Kb / 5P
   N-Channel Enhancement-Mode MOSFET
logo
Anpec Electronics Corop...
APM6928 ANPEC-APM6928 Datasheet
153Kb / 9P
   N-Channel Enhancement Mode MOSFET
logo
General Semiconductor
GFB70N03 GE-GFB70N03 Datasheet
102Kb / 5P
   N-Channel Enhancement-Mode MOSFET
logo
Anpec Electronics Corop...
APM3011N ANPEC-APM3011N Datasheet
606Kb / 11P
   N-Channel Enhancement Mode MOSFET
APM2324A ANPEC-APM2324A Datasheet
183Kb / 10P
   N-Channel Enhancement Mode MOSFET
APM9968C ANPEC-APM9968C Datasheet
130Kb / 10P
   N-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com