Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMA3C3.9 Datasheet(PDF) 2 Page - SUNMATE electronic Co., LTD

Part # SMA3C3.9
Description  SURFACE MOUNT SILICON ZENER DIODES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

SMA3C3.9 Datasheet(HTML) 2 Page - SUNMATE electronic Co., LTD

  SMA3C3.9 Datasheet HTML 1Page - SUNMATE electronic Co., LTD SMA3C3.9 Datasheet HTML 2Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2 of 2
ELECTRICAL CHARACTERISTICS Rating at = 25 °C ambient temperature unless otherwise specified
Nominal Zener
Maximum Zener
Maximum Reverse
Maximum DC
TYPE
Voltage
Impedance
Leakage Current
Zener Current
VZ @ IZT
IZT
ZZT @ IZT
ZZK @ IZK
IZK
IR
R
IZM
(V)
(mA)
(
Ω)
(
Ω)
(mA)
(
µA)
(V)
(mA)
3.9
192
4.5
400
1.0
80
1.0
630
4.3
174
4.5
400
1.0
30
1.0
590
4.7
160
4.0
500
1.0
20
1.0
550
5.1
147
3.5
550
1.0
5.0
1.0
520
5.6
134
2.5
600
1.0
5.0
2.0
480
6.2
121
1.5
700
1.0
5.0
3.0
435
6.8
110
2.0
700
1.0
50
4.0
393
7.5
100
2.0
700
0.5
50
5.0
360
8.2
91
2.3
700
0.5
50
6.0
330
9.1
82
2.5
700
0.5
50
7.0
297
10
75
3.5
700
0.3
50
7.6
270
11
68
4.0
700
0.25
50
8.4
225
12
63
4.5
700
0.25
1.0
9.1
246
13
58
4.5
700
0.25
0.5
9.1
208
14
53
5.0
700
0.25
0.5
10.6
193
15
50
5.5
700
0.25
0.5
11.4
180
16
47
5.5
700
0.25
0.5
12.2
169
17
44
6.0
750
0.25
0.5
13.0
159
18
42
6.0
750
0.25
0.5
13.7
150
19
40
7.0
750
0.25
0.5
14.4
142
20
37
7.0
750
0.25
0.5
15.2
135
22
34
8.0
750
0.25
0.5
16.7
123
24
31
9.0
750
0.25
0.5
18.2
112
27
28
10
750
0.25
0.5
20.6
100
28
27
12
750
0.25
0.5
21.0
96
30
25
16
1000
0.25
0.5
22.5
90
33
23
20
1000
0.25
0.5
25.1
82
36
21
22
1000
0.25
0.5
27.4
75
39
19
28
1000
0.25
0.5
29.7
69
43
17
33
1500
0.25
0.5
32.7
63
47
16
38
1500
0.25
0.5
35.6
57
51
15
45
1500
0.25
0.5
38.8
53
56
13
50
2000
0.25
0.5
42.6
48
62
12
55
2000
0.25
0.5
47.1
44
68
11
70
2000
0.25
0.5
51.7
40
75
10
85
2000
0.25
0.5
56.0
36
82
9.1
95
3000
0.25
0.5
62.2
33
91
8.2
115
3000
0.25
0.5
69.2
30
100
7.5
160
3000
0.25
0.5
76.0
27
110
6.8
225
4000
0.25
0.5
83.6
25
120
6.3
300
4500
0.25
0.5
91.2
22
130
5.8
375
5000
0.25
0.5
98.8
21
140
5.3
475
5000
0.25
0.5
106.4
19
150
5.0
550
6000
0.25
0.5
114.0
18
160
4.7
625
6500
0.25
0.5
121.6
17
170
4.4
650
7000
0.25
0.5
130.4
16
180
4.2
700
7000
0.25
0.5
136.8
15
190
4.0
800
8000
0.25
0.5
144.8
14
200
3.7
875
8000
0.25
0.5
152.0
13
Note:
( 1 ) The type number listed have a standard tolerance on the nominal zener voltage of
± 5.0%,
altered the fourth number of type from " 5 " for
± 5.0% tolerance to be " 0 " for ± 10% tolerance.
www.sunmate.tw
SMA3C3.9
SMA3C4.3
SMA3C4.7
SMA3C5.1
SMA3C5.6
SMA3C6.2
SMA3C6.8
SMA3C7.5
SMA3C8.2
SMA3C9.1
SMA3C10
SMA3C11
SMA3C12
SMA3C13
SMA3C14
SMA3C15
SMA3C16
SMA3C17
SMA3C18
SMA3C19
SMA3C20
SMA3C22
SMA3C24
SMA3C27
SMA3C28
SMA3C30
SMA3C33
SMA3C36
SMA3C39
SMA3C43
SMA3C47
SMA3C51
SMA3C56
SMA3C62
SMA3C68
SMA3C75
SMA3C82
SMA3C91
SMA3C100
SMA3C110
SMA3C120
SMA3C130
SMA3C140
SMA3C150
SMA3C160
SMA3C170
SMA3C180
SMA3C190
SMA3C200


Similar Part No. - SMA3C3.9

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
SMA30 LITEON-SMA30 Datasheet
50Kb / 4P
   UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
logo
MIC GROUP RECTIFIERS
SMA30 MIC-SMA30 Datasheet
65Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
SUNMATE electronic Co.,...
SMA30 SUNMATE-SMA30 Datasheet
1Mb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
SMA300 SUNMATE-SMA300 Datasheet
1Mb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
SMA300A SUNMATE-SMA300A Datasheet
1Mb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
More results

Similar Description - SMA3C3.9

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SZ453G EIC-SZ453G Datasheet
28Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Diotec Semiconductor
ZMY3.0G DIOTEC-ZMY3.0G Datasheet
114Kb / 2P
   Surface Mount Silicon-Zener Diodes
logo
Pan Jit International I...
1SMC5334 PANJIT-1SMC5334 Datasheet
48Kb / 3P
   SURFACE MOUNT SILICON ZENER DIODES
1SMC5348 PANJIT-1SMC5348_03 Datasheet
48Kb / 3P
   SURFACE MOUNT SILICON ZENER DIODES
MMSZ5229AS PANJIT-MMSZ5229AS Datasheet
74Kb / 4P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Continental Device Indi...
BZT52C CDIL-BZT52C Datasheet
325Kb / 4P
   SURFACE MOUNT SILICON ZENER DIODES
logo
EIC discrete Semiconduc...
SML4728 EIC-SML4728 Datasheet
34Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
SZ603D EIC-SZ603D Datasheet
43Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Pan Jit International I...
MMBZ5221BW PANJIT-MMBZ5221BW Datasheet
79Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODES
BZX84C2V4W PANJIT-BZX84C2V4W Datasheet
79Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODES
BZT52-C2V4S PANJIT-BZT52-C2V4S Datasheet
78Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com