Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CLL130-0102B2-65AM1C5 Datasheet(PDF) 8 Page - CITIZEN ELECTRONICS CO., LTD.

Part # CLL130-0102B2-65AM1C5
Description  This data sheet is applied to the LED package
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CITIZEN [CITIZEN ELECTRONICS CO., LTD.]
Direct Link  http://ce.citizen.co.jp/e/index.html
Logo CITIZEN - CITIZEN ELECTRONICS CO., LTD.

CLL130-0102B2-65AM1C5 Datasheet(HTML) 8 Page - CITIZEN ELECTRONICS CO., LTD.

Back Button CLL130-0102B2-65AM1C5 Datasheet HTML 4Page - CITIZEN ELECTRONICS CO., LTD. CLL130-0102B2-65AM1C5 Datasheet HTML 5Page - CITIZEN ELECTRONICS CO., LTD. CLL130-0102B2-65AM1C5 Datasheet HTML 6Page - CITIZEN ELECTRONICS CO., LTD. CLL130-0102B2-65AM1C5 Datasheet HTML 7Page - CITIZEN ELECTRONICS CO., LTD. CLL130-0102B2-65AM1C5 Datasheet HTML 8Page - CITIZEN ELECTRONICS CO., LTD. CLL130-0102B2-65AM1C5 Datasheet HTML 9Page - CITIZEN ELECTRONICS CO., LTD. CLL130-0102B2-65AM1C5 Datasheet HTML 10Page - CITIZEN ELECTRONICS CO., LTD. CLL130-0102B2-65AM1C5 Datasheet HTML 11Page - CITIZEN ELECTRONICS CO., LTD. CLL130-0102B2-65AM1C5 Datasheet HTML 12Page - CITIZEN ELECTRONICS CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
6. Reliability
(1) Datails of the tests
(2) Judgement Criteria of Failure for Reliability Test
(Ta=25C)
U defines the upper limit of the specified characteristics. S defines the initial value.
Note : Measurement shall be taken between 2 hours and 24 hours, and the test pieces should be
return to the normal ambient conditions after the completion of each test.
CITIZEN ELECTRONICS CO.,LTD. JAPAN
Name
CLL130-0102B2-65AM1C5
Symbol
CITILED
DATA SHEET
>U X 1.1
<S X 0.7
IF=50mA
Forward Voltage
Total Luminous Flux
7/13
-40 C × 30 minutes – 100 C × 30 minutes, 100 cycle
Thermal Shock Test
IF=50mA
Test Item
Test Condition
Symbol
Measuring Condition
Judgement Criteria for Failure
Measuring Item
High Temperature Storage Test
Moisture-proof Test
100 C × 1000 hours
85 C, 85 %RH for 500 hours
VF
Φv
Continuous Operation Test
Low Temperature Storage Test
IF=50mA Ta=25C × 1000 hours
-40 C × 1000 hours
Reverse Current
IR
VF=5V
> U×2
Ref.CE-P2211 03/13 R1(1113)


Similar Part No. - CLL130-0102B2-65AM1C5

ManufacturerPart #DatasheetDescription
logo
CITIZEN ELECTRONICS CO....
CLL130-0102B2-273M1C5 CITIZEN-CLL130-0102B2-273M1C5 Datasheet
495Kb / 14P
   This data sheet is applied to the LED package
CLL130-0102B2-303M1C5 CITIZEN-CLL130-0102B2-303M1C5 Datasheet
494Kb / 14P
   This data sheet is applied to the LED package
CLL130-0102B2-353M1C5 CITIZEN-CLL130-0102B2-353M1C5 Datasheet
647Kb / 14P
   This data sheet is applied to the LED package
CLL130-0102B2-403M1C5 CITIZEN-CLL130-0102B2-403M1C5 Datasheet
484Kb / 14P
   This data sheet is applied to the LED package
CLL130-0102B2-50AM1C5 CITIZEN-CLL130-0102B2-50AM1C5 Datasheet
478Kb / 14P
   This data sheet is applied to the LED package
More results

Similar Description - CLL130-0102B2-65AM1C5

ManufacturerPart #DatasheetDescription
logo
CITIZEN ELECTRONICS CO....
CLL032-1205A5-273H3D2 CITIZEN-CLL032-1205A5-273H3D2 Datasheet
1Mb / 12P
   This data sheet is applied to the LED package
CLL130-0101C1-273M1F2 CITIZEN-CLL130-0101C1-273M1F2 Datasheet
621Kb / 13P
   This data sheet is applied to the LED package
CLL130-0101B2-353M1C5 CITIZEN-CLL130-0101B2-353M1C5 Datasheet
495Kb / 14P
   This data sheet is applied to the LED package
CLL130-0101B2-65AM1C5 CITIZEN-CLL130-0101B2-65AM1C5 Datasheet
490Kb / 14P
   This data sheet is applied to the LED package
CLL032-1206A5-50KL1A1 CITIZEN-CLL032-1206A5-50KL1A1 Datasheet
377Kb / 12P
   This data sheet is applied to the LED package
CLL620-0101B2-65AM1C5 CITIZEN-CLL620-0101B2-65AM1C5 Datasheet
492Kb / 16P
   This data sheet is applied to the LED package
CLL130-0101C1-28GV1J4 CITIZEN-CLL130-0101C1-28GV1J4 Datasheet
670Kb / 14P
   This data sheet is applied to the LED package
CLL032-1212A5-273M1A2 CITIZEN-CLL032-1212A5-273M1A2 Datasheet
384Kb / 12P
   This data sheet is applied to the LED package
CLL032-1208A5-273M1A2 CITIZEN-CLL032-1208A5-273M1A2 Datasheet
383Kb / 12P
   This data sheet is applied to the LED package
CLL032-1206A5-273M1A2 CITIZEN-CLL032-1206A5-273M1A2 Datasheet
383Kb / 12P
   This data sheet is applied to the LED package
CLL032-1206A5-273H3D2 CITIZEN-CLL032-1206A5-273H3D2 Datasheet
851Kb / 12P
   This data sheet is applied to the LED package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com