Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C106B-35VI Datasheet(PDF) 4 Page - Cypress Semiconductor

Part # CY7C106B-35VI
Description  256K x 4 Static RAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C106B-35VI Datasheet(HTML) 4 Page - Cypress Semiconductor

  CY7C106B-35VI Datasheet HTML 1Page - Cypress Semiconductor CY7C106B-35VI Datasheet HTML 2Page - Cypress Semiconductor CY7C106B-35VI Datasheet HTML 3Page - Cypress Semiconductor CY7C106B-35VI Datasheet HTML 4Page - Cypress Semiconductor CY7C106B-35VI Datasheet HTML 5Page - Cypress Semiconductor CY7C106B-35VI Datasheet HTML 6Page - Cypress Semiconductor CY7C106B-35VI Datasheet HTML 7Page - Cypress Semiconductor CY7C106B-35VI Datasheet HTML 8Page - Cypress Semiconductor CY7C106B-35VI Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
CY7C106B
CY7C1006B
Document #: 38-05037 Rev. **
Page 4 of 10
Capacitance[4]
Parameter
Description
Test Conditions
Max.
Unit
CIN: Addresses
Input Capacitance
TA = 25°C, f = 1 MHz,
VCC = 5.0V
7pF
CIN: Controls
10
pF
COUT
Output Capacitance
10
pF
AC Test Loads and Waveforms
Note:
4.
Tested initially and after any design or process changes that may affect these parameters.
C106B–3
C106B–4
90%
10%
3.0V
GND
90%
10%
ALL INPUT PULSES
5V
OUTPUT
30 pF
INCLUDING
JIG AND
SCOPE
5V
OUTPUT
5 pF
INCLUDING
JIG AND
SCOPE
(a)
(b)
OUTPUT
R1 480
R1 480
R2
255
R2
255
167
Equivalent to:
THÉVENIN EQUIVALENT
1.73V
Rise Time < 1V/ns
Fall Time < 1V/ns


Similar Part No. - CY7C106B-35VI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C106BN CYPRESS-CY7C106BN Datasheet
363Kb / 8P
   256K x 4 Static RAM
CY7C106BN CYPRESS-CY7C106BN Datasheet
349Kb / 8P
   256K x 4 Static RAM
CY7C106BN CYPRESS-CY7C106BN Datasheet
406Kb / 9P
   256K x 4 Static RAM
CY7C106BN-15VC CYPRESS-CY7C106BN-15VC Datasheet
363Kb / 8P
   256K x 4 Static RAM
CY7C106BN-15VC CYPRESS-CY7C106BN-15VC Datasheet
349Kb / 8P
   256K x 4 Static RAM
More results

Similar Description - CY7C106B-35VI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C106BN CYPRESS-CY7C106BN_06 Datasheet
349Kb / 8P
   256K x 4 Static RAM
CY7C106BN CYPRESS-CY7C106BN Datasheet
363Kb / 8P
   256K x 4 Static RAM
CY7C106BN CYPRESS-CY7C106BN_11 Datasheet
406Kb / 9P
   256K x 4 Static RAM
CY7C1016 CYPRESS-CY7C1016 Datasheet
82Kb / 1P
   256K x Static RAM
CY7C197D CYPRESS-CY7C197D Datasheet
239Kb / 8P
   256K (256K x 1) Static RAM
CY62146E CYPRESS-CY62146E_11 Datasheet
463Kb / 14P
   4-Mbit (256K x 16) Static RAM
CY62147EV30 CYPRESS-CY62147EV30_09 Datasheet
394Kb / 13P
   4-Mbit (256K x 16) Static RAM
CY62146EV30 CYPRESS-CY62146EV30_09 Datasheet
456Kb / 13P
   4-Mbit (256K x 16) Static RAM
CY62146ESL CYPRESS-CY62146ESL_08 Datasheet
311Kb / 12P
   4-Mbit (256K x 16) Static RAM
CY62147EV18 CYPRESS-CY62147EV18_10 Datasheet
505Kb / 16P
   4-Mbit (256K x 16) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com