Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1011CV33-15ZC Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # CY7C1011CV33-15ZC
Description  128K x 16 Static RAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1011CV33-15ZC Datasheet(HTML) 2 Page - Cypress Semiconductor

  CY7C1011CV33-15ZC Datasheet HTML 1Page - Cypress Semiconductor CY7C1011CV33-15ZC Datasheet HTML 2Page - Cypress Semiconductor CY7C1011CV33-15ZC Datasheet HTML 3Page - Cypress Semiconductor CY7C1011CV33-15ZC Datasheet HTML 4Page - Cypress Semiconductor CY7C1011CV33-15ZC Datasheet HTML 5Page - Cypress Semiconductor CY7C1011CV33-15ZC Datasheet HTML 6Page - Cypress Semiconductor CY7C1011CV33-15ZC Datasheet HTML 7Page - Cypress Semiconductor CY7C1011CV33-15ZC Datasheet HTML 8Page - Cypress Semiconductor CY7C1011CV33-15ZC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
CY7C1011CV33
Document #: 38-05232 Rev. *B
Page 2 of 11
Selection Guide
-10
-12
-15
Unit
Maximum Access Time
10
12
15
ns
Maximum Operating Current
Comm’l
908580
mA
Ind’l
100
95
90
Maximum CMOS Standby Current Com’l/Ind’l
101010
mA
Pin Configurations
VCC
CE
I/O10
I/O8
I/O9
I/O11
I/O13
I/O12
I/O14
I/O15
VSS
VSS
I/O0
VCC
I/O2
I/O1
I/O3
I/O4
I/O5
I/O6
I/O7
NC
1
44-pin TQFP
(Top View)
WE
VCC
A11
A9
NC
A6
A0
A3
CE
I/O10
I/O8
I/O9
A4
A5
I/O11
I/O13
I/O12
I/O14
I/O15
VSS
A8
A7
OE
VSS
NC
I/O0
BHE
NC
A10
A2
A1
BLE
VCC
I/O2
I/O1
I/O3
I/O4
I/O5
I/O6
I/O7
A15
A14
A13
A
12
NC
NC
NC
3
2
6
5
4
1
D
E
B
A
C
F
G
H
A16
48-ball VFBGA
(Top View)


Similar Part No. - CY7C1011CV33-15ZC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1011CV33-15ZXC CYPRESS-CY7C1011CV33-15ZXC Datasheet
368Kb / 11P
   2-Mbit (128K x 16) Static RAM
CY7C1011CV33-15ZXC CYPRESS-CY7C1011CV33-15ZXC Datasheet
352Kb / 14P
   2-Mbit (128K x 16) Static RAM
More results

Similar Description - CY7C1011CV33-15ZC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1011BV33 CYPRESS-CY7C1011BV33 Datasheet
153Kb / 10P
   128K x 16 Static RAM
CY62136VLL CYPRESS-CY62136VLL Datasheet
218Kb / 12P
   128K x 16 Static RAM
CY62137CV18 CYPRESS-CY62137CV18_02 Datasheet
251Kb / 11P
   128K x 16 Static RAM
CY62137CV18 CYPRESS-CY62137CV18 Datasheet
213Kb / 11P
   128K x 16 Static RAM
logo
Weida Semiconductor, In...
WCMA2016U4B WEIDA-WCMA2016U4B Datasheet
242Kb / 12P
   128K x 16 Static RAM
logo
Cypress Semiconductor
CY62136CV18 CYPRESS-CY62136CV18 Datasheet
204Kb / 12P
   128K x 16 Static RAM
logo
List of Unclassifed Man...
WCMA2016U4X ETC1-WCMA2016U4X Datasheet
297Kb / 11P
   128K x 16 STATIC RAM
logo
Weida Semiconductor, In...
WCMB2016R4X WEIDA-WCMB2016R4X Datasheet
214Kb / 11P
   128K x 16 Static RAM
logo
Cypress Semiconductor
CY62137CV25 CYPRESS-CY62137CV25 Datasheet
227Kb / 13P
   2M (128K x 16) Static RAM
CY62136CV30 CYPRESS-CY62136CV30 Datasheet
213Kb / 13P
   2M (128K x 16) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com