Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

104HFM Datasheet(PDF) 1 Page - SUNMATE electronic Co., LTD

Part # 104HFM
Description  SURFACE MOUNT HIGH EFFICIENCY RECTIFIER DIODES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

104HFM Datasheet(HTML) 1 Page - SUNMATE electronic Co., LTD

  104HFM Datasheet HTML 1Page - SUNMATE electronic Co., LTD 104HFM Datasheet HTML 2Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CURRENT: 1.0 A
HFM101 - HFM108
°
°
Parameter Symbol
symbol
101
HFM
102
HFM
103
HFM
104
HFM
105
HFM
106
HFM
107
HFM
108
Unit
Maximum repetitive peak reverse voltage
VRRM
50
100
200
300
400
600
800
100
Maximum RSM voltage
VRSM
35
70
140
210
280
420
560
700
V
Maximum DC blocking voltage
VDC
50
100
200
300
400
600
800
1000
V
Maximum average forward rectified current
0.375" (9.5mm) lead length at TA = 75
°
C
IF(AV)
A
Peak forward surge current 8.3ms single half sine-wave
superimposed on rated load (JEDEC Method)
IFSM
A
Maximum full load reverse current, full cycle
average,0.375"(9.5mm) lead lengths at TA = 55
°
C
IR(AV)
µA
Typical thermal resistance (Note 2)
θJ
A
°
C/W
Operating junction and storage temperature range
TJ,
TSTG
°
C
Electrical Characteristics Ratings at 25
°
C ambient temperature unless otherwise specified.
Parameter Symbol
symbol
HFM
101
HFM
102
HFM
103
HFM
104
HFM
105
HFM
106
HFM
107
HFM
108
Unit
Maximum instantaneous forward voltage at 1.0A
VF
V
Maximum DC reverse current TA = 25
°
C
at rated DC blocking voltage TA = 100
°
C
IR
µA
Typical reverse recovery time (Note 1)
trr
ns
Typical junction capacitance at 4.0V, 1MHz
CJ
PF
NOTES:
1. IF = 0.5A, IR = 1.0A, IRR = 0.25A
2. Thermal resistance from junction to ambient at 0.375
” (9.5mm) lead length, P.C.B. mounted
75
17
1.0
30
100
50
–50 to +150
1.00
1.30
50
1.85
5.0
50
SURFACE MOUNT HIGH EFFICIENCY RECTIFIER DIODES
VOLTAGE RANGE: 50 - 1000V
!
Glass Passivated Die Construction
!
!
Low Forward Voltage Drop, High Efficiency
!
!
!
Plastic Case Material has UL Flammability
Ideally Suited for Automatic Assembly
Ultra-Fast Recovery Time
Classification Rating 94V-O
Low Power Loss
Features
Maximum Ratings and Electrical Characteristics TA = 25°C unless otherwise specified
Single phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%.
Case: SMA/DO-214AC, Molded Plastic
!
!
Terminals: Solder Plated, Solderable
per MIL-STD-750, Method 2026
!
Polarity: Cathode Band or Cathode Notch
!
Marking: Type Number
!
Weight: 0.064 grams (approx.)
Mechanical Data
A
B
C
D
G
H
E
J
Dim
MinMax
A
2.29
2.92
B
4.00
4.60
C
1.27
1.63
D
0.15
0.31
E
4.80
5.59
G
0.10
0.20
H
0.76
1.52
J
2.01
2.62
All Dimensions in mm
SMA(DO-214AC)
0
V
R
1 of 2
www.sunmate.tw
HFM


Similar Part No. - 104HFM

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
104H HAMMOND-104H Datasheet
123Kb / 1P
   Miniature Audio Epoxy Potted 104 Series
2/7/2021
logo
ATTEND Technology Inc.
104H-TDA0-R01 ATTEND-104H-TDA0-R01 Datasheet
250Kb / 4P
   This specification covers the requirements for product performance, test methods and quality assurance provisions of 104H-TDA0-R01
2017/10/26
logo
Illinois Capacitor, Inc...
104HC1102K2CM6 ILLINOISCAPACITOR-104HC1102K2CM6 Datasheet
894Kb / 4P
   High AC Voltage - High current
104HC2102K2CM6 ILLINOISCAPACITOR-104HC2102K2CM6 Datasheet
837Kb / 4P
   High AC Voltage - High current
104HC3102K2EM8 ILLINOISCAPACITOR-104HC3102K2EM8 Datasheet
1Mb / 4P
   High AC Voltage - High current
More results

Similar Description - 104HFM

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
EC8FS6 SUNMATE-EC8FS6 Datasheet
331Kb / 1P
   SURFACE MOUNT HIGH EFFICIENCY RECTIFIER DIODES
HS3AB SUNMATE-HS3AB Datasheet
450Kb / 2P
   SURFACE MOUNT HIGH EFFICIENCY RECTIFIER DIODES
HFM201 SUNMATE-HFM201 Datasheet
441Kb / 2P
   SURFACE MOUNT HIGH EFFICIENCY RECTIFIER DIODES
SOD1H1 SUNMATE-SOD1H1 Datasheet
501Kb / 2P
   SURFACE MOUNT HIGH EFFICIENCY RECTIFIER DIODES
HFM301 SUNMATE-HFM301 Datasheet
365Kb / 2P
   SURFACE MOUNT HIGH EFFICIENCY RECTIFIER DIODES
HFM501 SUNMATE-HFM501 Datasheet
422Kb / 2P
   SURFACE MOUNT HIGH EFFICIENCY RECTIFIER DIODES
logo
Microdiode Electronics ...
UF07A CHENDA-UF07A Datasheet
87Kb / 2P
   SURFACE MOUNT HIGH EFFICIENCY RECTIFIER
logo
GOOD-ARK Electronics
SE3A GOOD-ARK-SE3A Datasheet
183Kb / 2P
   SURFACE MOUNT HIGH EFFICIENCY RECTIFIER
logo
Shenzhen Yixinwei Techn...
US3A YIXIN-US3A Datasheet
156Kb / 2P
   SURFACE MOUNT HIGH EFFICIENCY RECTIFIER
logo
Microdiode Electronics ...
HFM101-M CHENDA-HFM101-M Datasheet
548Kb / 2P
   SURFACE MOUNT HIGH EFFICIENCY RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com