Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1KSMBJ11 Datasheet(PDF) 3 Page - SUNMATE electronic Co., LTD

Part # 1KSMBJ11
Description  SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

1KSMBJ11 Datasheet(HTML) 3 Page - SUNMATE electronic Co., LTD

  1KSMBJ11 Datasheet HTML 1Page - SUNMATE electronic Co., LTD 1KSMBJ11 Datasheet HTML 2Page - SUNMATE electronic Co., LTD 1KSMBJ11 Datasheet HTML 3Page - SUNMATE electronic Co., LTD 1KSMBJ11 Datasheet HTML 4Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3 of 4
RWM
RWM
Breakdown
Reverse
Stand-Off
Voltage
Voltage
Min. @IT
Breakdown
Voltage
Max. @ IT
Test
Current
Maximum
Clamping
Voltage
@IPP
Peak
Pulse
Current
Reverse
Leakage
@V
V
(V)
VBR MIN(V)
VBR MAX (V)
IT (mA)
VC(V)
IPP(A)
IR(uA)
66.4
70.1
73.8
77.9
90.2
86.1
1.0
1.0
118
113
5.1
5.3
5.0
5.0
73.7
77.8
81.9
86.5
100
95.5
1.0
1.0
131
125
4.6
4.8
5.0
5.0
81.0
85.5
90.0
95.0
110
105
1.0
1.0
144
137
4.2
4.4
5.0
5.0
89.2
94.0
99.0
105
121
116
1.0
1.0
158
152
3.8
3.9
5.0
5.0
97.2
102
108
114
132
126
1.0
1.0
173
165
3.5
3.6
5.0
5.0
105
111
117
124
143
137
1.0
1.0
187
179
3.2
3.4
5.0
5.0
121
128
135
143
165
158
1.0
1.0
215
207
2.8
2.9
5.0
5.0
130
136
144
152
176
168
1.0
1.0
230
219
2.6
2.7
5.0
5.0
138
145
153
162
187
179
1.0
1.0
244
234
2.5
2.6
5.0
5.0
146
154
162
171
198
189
1.0
1.0
258
246
2.3
2.4
5.0
5.0
162
171
180
190
220
210
1.0
1.0
287
274
2.1
2.2
5.0
5.0
175
185
198
209
242
231
1.0
1.0
344
328
1.7
1.8
5.0
5.0
202
214
225
237
275
263
1.0
1.0
360
344
1.7
1.7
5.0
5.0
243
256
270
285
330
315
1.0
1.0
430
414
1.4
1.4
5.0
5.0
284
300
315
333
385
368
1.0
1.0
504
482
1.2
1.2
5.0
5.0
324
342
360
380
440
420
1.0
1.0
574
548
1.0
1.1
5.0
5.0
356
376
396
418
484
462
1.0
1.0
631
602
0.95
1.0
5.0
5.0
TYPE
(BI)
(UNI)
1.0
70.1
45.4
47.8
50.4
53.2
61.6
58.8
1.0
1.0
80.5
77.0
7.5
7.8
5.0
5.0
50.2
53.0
55.8
58.9
68.2
65.1
1.0
1.0
89.0
85.0
6.7
7.1
5.0
5.0
55.1
58.1
61.2
64.6
74.8
71.4
1.0
1.0
98.0
92.0
6.1
6.5
5.0
5.0
60.7
64.1
67.5
71.3
82.5
78.8
1.0
1.0
108
103
5.6
5.8
5.0
5.0
www.sunmate.tw
8.6
5.0
53.6
43.6
48.5
1KSMBJ51A
1KSMBJ56
1KSMBJ56A
1KSMBJ62
1KSMBJ62A
1KSMBJ68
1KSMBJ68A
1KSMBJ75
1KSMBJ75A
1KSMBJ82
1KSMBJ82A
1KSMBJ91
1KSMBJ91A
1KSMBJ100
1KSMBJ100A
1KSMBJ110
1KSMBJ110A
1KSMBJ120
1KSMBJ120A
1KSMBJ130
1KSMBJ130A
1KSMBJ150
1KSMBJ150A
1KSMBJ160
1KSMBJ160A
1KSMBJ170
1KSMBJ170A
1KSMBJ180
1KSMBJ180A
1KSMBJ200
1KSMBJ200A
1KSMBJ220
1KSMBJ220A
1KSMBJ250
1KSMBJ250A
1KSMBJ300
1KSMBJ300A
1KSMBJ350
1KSMBJ350A
1KSMBJ400
1KSMBJ400A
1KSMBJ440
1KSMBJ440A
1KSMBJ51CA
1KSMBJ56C
1KSMBJ56CA
1KSMBJ62C
1KSMBJ62CA
1KSMBJ68C
1KSMBJ68CA
1KSMBJ75C
1KSMBJ75CA
1KSMBJ82C
1KSMBJ82CA
1KSMBJ91C
1KSMBJ91CA
1KSMBJ100C
1KSMBJ100CA
1KSMBJ110C
1KSMBJ110CA
1KSMBJ120C
1KSMBJ120CA
1KSMBJ130C
1KSMBJ130CA
1KSMBJ150C
1KSMBJ150CA
1KSMBJ160C
1KSMBJ160CA
1KSMBJ170C
1KSMBJ170CA
1KSMBJ180C
1KSMBJ180CA
1KSMBJ200C
1KSMBJ200CA
1KSMBJ220C
1KSMBJ220CA
1KSMBJ250C
1KSMBJ250CA
1KSMBJ300C
1KSMBJ300CA
1KSMBJ350C
1KSMBJ350CA
1KSMBJ400C
1KSMBJ400CA
1KSMBJ440C
1KSMBJ440CA


Similar Part No. - 1KSMBJ11

ManufacturerPart #DatasheetDescription
logo
Littelfuse
1KSMBJ11 LITTELFUSE-1KSMBJ11 Datasheet
211Kb / 4P
   Silicon Avalanche Diodes - 1000W Surface Mount Transient Voltage Suppressor
1KSMBJ11 LITTELFUSE-1KSMBJ11 Datasheet
217Kb / 4P
   1000W Surface Mount Transient Voltage Suppressor
1KSMBJ110 LITTELFUSE-1KSMBJ110 Datasheet
211Kb / 4P
   Silicon Avalanche Diodes - 1000W Surface Mount Transient Voltage Suppressor
1KSMBJ110A LITTELFUSE-1KSMBJ110A Datasheet
211Kb / 4P
   Silicon Avalanche Diodes - 1000W Surface Mount Transient Voltage Suppressor
1KSMBJ11A LITTELFUSE-1KSMBJ11A Datasheet
211Kb / 4P
   Silicon Avalanche Diodes - 1000W Surface Mount Transient Voltage Suppressor
More results

Similar Description - 1KSMBJ11

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
P6SMBJ6.8A SUNMATE-P6SMBJ6.8A Datasheet
1Mb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
P6SMAFJ8.0A SUNMATE-P6SMAFJ8.0A Datasheet
718Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
SM4T350A SUNMATE-SM4T350A Datasheet
392Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
SM4T400A SUNMATE-SM4T400A Datasheet
392Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
P6SMAFJ30CA SUNMATE-P6SMAFJ30CA Datasheet
718Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
1SMC7.0A SUNMATE-1SMC7.0A Datasheet
1,004Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
1SMC8.5A SUNMATE-1SMC8.5A Datasheet
1,004Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
1SMC8.5CA SUNMATE-1SMC8.5CA Datasheet
1,004Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
1SMC9.0A SUNMATE-1SMC9.0A Datasheet
1,004Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
1SMC14CA SUNMATE-1SMC14CA Datasheet
1,004Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
SMF26CA SUNMATE-SMF26CA Datasheet
718Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com