Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5962-8606201RA Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # 5962-8606201RA
Description  High-Speed CMOS Logic Octal Inverting Transparent Latch, Three-State Outputs
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

5962-8606201RA Datasheet(HTML) 5 Page - Texas Instruments

  5962-8606201RA Datasheet HTML 1Page - Texas Instruments 5962-8606201RA Datasheet HTML 2Page - Texas Instruments 5962-8606201RA Datasheet HTML 3Page - Texas Instruments 5962-8606201RA Datasheet HTML 4Page - Texas Instruments 5962-8606201RA Datasheet HTML 5Page - Texas Instruments 5962-8606201RA Datasheet HTML 6Page - Texas Instruments 5962-8606201RA Datasheet HTML 7Page - Texas Instruments 5962-8606201RA Datasheet HTML 8Page - Texas Instruments 5962-8606201RA Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
5
Prerequisite For Switching Specifications
PARAMETER
SYMBOL
TEST
CONDITIONS
VCC
(V)
25oC
-40oC TO 85oC
-55oC TO 125oC
UNITS
MIN
TYP
MAX
MIN
MAX
MIN
MAX
HC TYPES
LE Pulse Width
tW
-
2
80
-
-
100
-
120
-
ns
4.5
16
-
-
20
-
24
-
ns
6
14
-
-
17
-
20
-
ns
Set-up Time Data to LE
tSU
-
2
50
-
-
65
-
75
-
ns
4.5
10
-
-
13
-
15
-
ns
6
9
-
-
11
-
13
-
ns
Hold Time, Data to LE
(533)
tH
-
2
35
-
-
45
-
55
-
ns
4.5
7
-
-
9
-
11
-
ns
6
6
-
-
8-7-
ns
Hold Time, Data to LE
(563)
tH
-2
4
-
-
4
-
4
-
ns
4.5
4
-
-
4
-
4
-
ns
6
4
-
-
4-4-
ns
HCT TYPES
LE Pulse Width
tw
-
4.5
16
-
-
20
-
24
-
ns
Set-up Time Data to LE
tw
-
4.5
10
-
-
13
-
15
-
ns
Hold Time, Data to LE (533)
tH
-
4.5
8
-
-
10
-
12
-
ns
Hold Time, Data to LE (563)
tH
-
4.5
5
-
-
5
-
5
-
ns
Switching Specifications Input tr, tf = 6ns
PARAMETER
SYMBOL
TEST
CONDITIONS
VCC (V)
25oC
-40oC TO 85oC
-55oC TO
125oC
UNITS
TYP
MAX
MAX
MAX
HC TYPES
Propagation Delay,
Data to Qn
(HC533)
tPLH, tPHL
CL = 50pF
2
-
165
205
250
ns
4.5
-
33
41
50
ns
6
-
28
35
43
ns
CL = 15pF
5
13
-
-
-
ns
Propagation Delay,
Data to Qn
(HC563)
tPLH, tPHL
CL = 50pF
2
-
150
190
225
ns
4.5
-
30
38
45
ns
6
-
26
33
38
ns
CL = 15pF
5
12
-
-
-
ns
Propagation Delay,
LE to Qn
(HC533)
tPLH, tPHL
CL = 50pF
2
-
175
220
265
ns
4.5
-
35
44
53
ns
6
-
30
37
45
ns
CL = 15pF
5
14
-
-
-
ns
Propagation Delay,
LE to Qn
(HC563)
tPLH, tPHL
CL = 50pF
2
-
165
205
250
ns
4.5
-
33
41
50
ns
6
-
28
35
43
ns
CL = 15pF
5
13
-
-
-
ns
CD54/74HC533, CD54/74HCT533, CD54/74HC563, CD74HCT563


Similar Part No. - 5962-8606201RA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
5962-8606201RA TI-5962-8606201RA Datasheet
286Kb / 14P
[Old version datasheet]   High-Speed CMOS Logic Octal Inverting Transparent Latch, Three-State Outputs
5962-8606201RA TI-5962-8606201RA Datasheet
288Kb / 14P
[Old version datasheet]   High-Speed CMOS Logic Octal Inverting Transparent Latch, Three-State Outputs
More results

Similar Description - 5962-8606201RA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74HC533 TI-CD74HC533 Datasheet
50Kb / 9P
[Old version datasheet]   High Speed CMOS Logic Octal Inverting Transparent Latch, Three-State Outputs
CD54HC533 TI-CD54HC533_07 Datasheet
286Kb / 14P
[Old version datasheet]   High-Speed CMOS Logic Octal Inverting Transparent Latch, Three-State Outputs
CD54HC533 TI-CD54HC533_08 Datasheet
288Kb / 14P
[Old version datasheet]   High-Speed CMOS Logic Octal Inverting Transparent Latch, Three-State Outputs
logo
Harris Corporation
CD74HC373 HARRIS-CD74HC373 Datasheet
50Kb / 8P
   High Speed CMOS Logic Octal Transparent Latch, Three-State Output
logo
Texas Instruments
CD74HC373 TI-CD74HC373 Datasheet
53Kb / 9P
[Old version datasheet]   High Speed CMOS Logic Octal Transparent Latch, Three-State Output
logo
Intersil Corporation
CD54AC573 INTERSIL-CD54AC573 Datasheet
9Kb / 1P
   Octal Transparent Latch Three-State, Non-Inverting
June 1997
CD54AC373 INTERSIL-CD54AC373 Datasheet
9Kb / 1P
   Octal Transparent Latch Three-State, Non-Inverting
June 1997
logo
Integral Corp.
IN74AC533 INTEGRAL-IN74AC533 Datasheet
213Kb / 5P
   Octal 3-State Inverting Transparent Latch High-Speed Silicon-Gate CMOS
logo
IK Semicon Co., Ltd
IN74ACT533 IKSEMICON-IN74ACT533 Datasheet
296Kb / 6P
   Octal 3-State Inverting Transparent Latch High-Speed Silicon-Gate CMOS
logo
KODENSHI_AUK CORP.
KK74AC533 KODENSHI-KK74AC533 Datasheet
338Kb / 6P
   Octal 3-State Inverting Transparent Latch High-Speed Silicon-Gate CMOS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com