Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACS724 Datasheet(PDF) 4 Page - Allegro MicroSystems

Part # ACS724
Description  Automotive-Grade, Galvanically Isolated Current Sensor IC
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ACS724 Datasheet(HTML) 4 Page - Allegro MicroSystems

  ACS724 Datasheet HTML 1Page - Allegro MicroSystems ACS724 Datasheet HTML 2Page - Allegro MicroSystems ACS724 Datasheet HTML 3Page - Allegro MicroSystems ACS724 Datasheet HTML 4Page - Allegro MicroSystems ACS724 Datasheet HTML 5Page - Allegro MicroSystems ACS724 Datasheet HTML 6Page - Allegro MicroSystems ACS724 Datasheet HTML 7Page - Allegro MicroSystems ACS724 Datasheet HTML 8Page - Allegro MicroSystems ACS724 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
Automotive-Grade, Galvanically Isolated Current Sensor IC
With Common-Mode Field Rejection in a Small-Footprint SOIC8 Package
ACS724
4
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
Master Current
Supply
Programming
Control
EEPROM and
Control Logic
Offset
Control
Sensitivity
Control
Temperature
Sensor
Hall
Current
Drive
POR
To All Subcircuits
IP+
IP+
IP–
IP–
VCC
VCC
VIOUT
CBYPASS
0.1 µF
FILTER
RF(int)
GND
CF
Terminal List Table
Number
Name
Description
1, 2
IP+
Terminals for current being sensed; fused internally
3, 4
IP–
Terminals for current being sensed; fused internally
5
GND
Signal ground terminal
6
FILTER
Terminal for external capacitor that sets bandwidth
7
VIOUT
Analog output signal
8
VCC
Device power supply terminal
Functional Block Diagram
Package LC, 8-Pin SOICN
Pin-Out Diagram
IP+
IP+
IP–
IP–
VCC
VIOUT
FILTER
GND
1
2
3
4
8
7
6
5
Pin-Out Diagram and Terminal List Table


Similar Part No. - ACS724

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
ACS724KMA ALLEGRO-ACS724KMA Datasheet
792Kb / 18P
   High-Accuracy, Hall-Effect-Based Current Sensor IC
ACS724LMA ALLEGRO-ACS724LMA Datasheet
762Kb / 23P
   Automotive Grade, High-Accuracy, Hall-Effect-Based Current Sensor IC with Common-Mode Field Rejection in High-Isolation SOIC16 Package
ACS724LMATR-20AB-T ALLEGRO-ACS724LMATR-20AB-T Datasheet
762Kb / 23P
   Automotive Grade, High-Accuracy, Hall-Effect-Based Current Sensor IC with Common-Mode Field Rejection in High-Isolation SOIC16 Package
ACS724LMATR-30AB-T ALLEGRO-ACS724LMATR-30AB-T Datasheet
762Kb / 23P
   Automotive Grade, High-Accuracy, Hall-Effect-Based Current Sensor IC with Common-Mode Field Rejection in High-Isolation SOIC16 Package
ACS724LMATR-30AU-T ALLEGRO-ACS724LMATR-30AU-T Datasheet
762Kb / 23P
   Automotive Grade, High-Accuracy, Hall-Effect-Based Current Sensor IC with Common-Mode Field Rejection in High-Isolation SOIC16 Package
More results

Similar Description - ACS724

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
ACS725 ALLEGRO-ACS725 Datasheet
629Kb / 19P
   Automotive-Grade, Galvanically Isolated Current Sensor IC
ACS723 ALLEGRO-ACS723 Datasheet
686Kb / 22P
   High Accuracy, Galvanically Isolated Current Sensor IC
ACS730 ALLEGRO-ACS730 Datasheet
883Kb / 18P
   1 MHz Bandwidth, Galvanically Isolated Current Sensor IC
ACS722 ALLEGRO-ACS722 Datasheet
692Kb / 22P
   High Accuracy, Galvanically Isolated Current Sensor IC With Small Footprint SOIC8 Package
ACS726 ALLEGRO-ACS726 Datasheet
1Mb / 15P
   Galvanically Isolated Current Sensor IC With Differential Output and Externally Adjustable Gain
ACS732KMA ALLEGRO-ACS732KMA Datasheet
2Mb / 22P
   1 MHz Bandwidth, Galvanically Isolated Current Sensor IC in SOIC-16 Package
ACS732 ALLEGRO-ACS732 Datasheet
2Mb / 37P
   1 MHz Bandwidth, Galvanically Isolated Current Sensor IC in SOIC-16 Package
ACS71240 ALLEGRO-ACS71240 Datasheet
1Mb / 21P
   Automotive-Grade, Galvanically Isolated Current Sensor IC with Common-Mode Field Rejection and Overcurrent Detection in Small Footprint Low-Profile Packages
ACS773 ALLEGRO-ACS773_V01 Datasheet
2Mb / 32P
   High Accuracy, Hall-Effect-Based, 200 kHz Bandwidth, Galvanically Isolated Current Sensor IC with 100 μΩ Current Conductor
August 12, 2021
logo
STMicroelectronics
STGAP1AS STMICROELECTRONICS-STGAP1AS Datasheet
2Mb / 70P
   Automotive galvanically isolated advanced single gate driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com