Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACS715 Datasheet(PDF) 4 Page - Allegro MicroSystems

Part # ACS715
Description  Automotive Grade, Fully Integrated, Hall Effect-Based Linear Current Sensor IC
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ACS715 Datasheet(HTML) 4 Page - Allegro MicroSystems

  ACS715_16 Datasheet HTML 1Page - Allegro MicroSystems ACS715_16 Datasheet HTML 2Page - Allegro MicroSystems ACS715_16 Datasheet HTML 3Page - Allegro MicroSystems ACS715_16 Datasheet HTML 4Page - Allegro MicroSystems ACS715_16 Datasheet HTML 5Page - Allegro MicroSystems ACS715_16 Datasheet HTML 6Page - Allegro MicroSystems ACS715_16 Datasheet HTML 7Page - Allegro MicroSystems ACS715_16 Datasheet HTML 8Page - Allegro MicroSystems ACS715_16 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
Automotive Grade, Fully Integrated, Hall Effect-Based Linear Current Sensor IC
with 2.1 kVRMS Voltage Isolation and a Low-Resistance Current Conductor
ACS715
4
Allegro MicroSystems, LLC
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
www.allegromicro.com
VCC
(Pin 8)
(Pin 7)
VIOUT
GND
(Pin 5)
FILTER
(Pin 6)
IP+
(Pin 1)
IP+
(Pin 2)
IP–
(Pin 3)
IP–
(Pin 4)
Sense
Trim
Signal
Recovery
Sense Temperature
Coefficient Trim
0 Ampere
Offset Adjust
Hall Current
Drive
+5 V
IP+
IP+
IP–
IP–
VCC
VIOUT
FILTER
GND
1
2
3
4
8
7
6
5
Terminal List Table
Number
Name
Description
1 and 2
IP+
Input terminals for current being sampled; fused internally
3 and 4
IP–
Output terminals for current being sampled; fused internally
5
GND
Signal ground terminal
6
FILTER
Terminal for external capacitor that sets bandwidth
7
VIOUT
Analog output signal
8
VCC
Device power supply terminal
Functional Block Diagram
Package LC, 8-Pin SOIC Pin-out Diagram


Similar Part No. - ACS715_16

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
ACS715ELCTR-20A-T ALLEGRO-ACS715ELCTR-20A-T Datasheet
619Kb / 13P
   Automotive Grade, Fully Integrated, Hall Effect-Based Linear Current Sensor with 2.1 kVRMS Voltage Isolation and a Low-Resistance Current Conductor
ACS715ELCTR-30A-T ALLEGRO-ACS715ELCTR-30A-T Datasheet
619Kb / 13P
   Automotive Grade, Fully Integrated, Hall Effect-Based Linear Current Sensor with 2.1 kVRMS Voltage Isolation and a Low-Resistance Current Conductor
ACS715LLCTR-20A-T ALLEGRO-ACS715LLCTR-20A-T Datasheet
619Kb / 13P
   Automotive Grade, Fully Integrated, Hall Effect-Based Linear Current Sensor with 2.1 kVRMS Voltage Isolation and a Low-Resistance Current Conductor
ACS715LLCTR-30A-T ALLEGRO-ACS715LLCTR-30A-T Datasheet
619Kb / 13P
   Automotive Grade, Fully Integrated, Hall Effect-Based Linear Current Sensor with 2.1 kVRMS Voltage Isolation and a Low-Resistance Current Conductor
More results

Similar Description - ACS715_16

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
ACS714 ALLEGRO-ACS714_16 Datasheet
690Kb / 18P
   Automotive Grade, Fully Integrated, Hall Effect-Based Linear Current Sensor IC
ACS712 ALLEGRO-ACS712_V13 Datasheet
642Kb / 14P
   Fully Integrated, Hall Effect-Based Linear Current Sensor IC
ACS713 ALLEGRO-ACS713_16 Datasheet
569Kb / 14P
   Fully Integrated, Hall Effect-Based Linear Current Sensor IC
ACS712 ALLEGRO-ACS712_16 Datasheet
681Kb / 15P
   Fully Integrated, Hall Effect-Based Linear Current Sensor IC
ACS756 ALLEGRO-ACS756_16 Datasheet
632Kb / 11P
   Fully Integrated, Hall Effect-Based Linear Current Sensor IC
ACS764 ALLEGRO-ACS764 Datasheet
387Kb / 22P
   Fully Integrated, Hall-Effect Based Current Sensor IC
ACS758 ALLEGRO-ACS758_13 Datasheet
737Kb / 22P
   Thermally Enhanced, Fully Integrated, Hall Effect-Based Linear Current Sensor IC with 100 Current Conductor
ACS714 ALLEGRO-ACS714_13 Datasheet
690Kb / 18P
   Automotive Grade, Fully Integrated, Hall Effect-Based Linear Current Sensor IC with 2.1 kVRMS Voltage Isolation and a Low-Resistance Current Conductor
ACS758 ALLEGRO-ACS758_16 Datasheet
1Mb / 22P
   Thermally Enhanced, Fully Integrated, Hall Effect-Based Linear Current Sensor IC with 100 關廓 Current Conductor
ACS758XCB ALLEGRO-ACS758XCB Datasheet
594Kb / 16P
   Thermally Enhanced, Fully Integrated, Hall Effect-Based Linear Current Sensor IC with 100 關廓 Current Conductor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com