Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACS712 Datasheet(PDF) 5 Page - Allegro MicroSystems

Part # ACS712
Description  Fully Integrated, Hall Effect-Based Linear Current Sensor IC
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ACS712 Datasheet(HTML) 5 Page - Allegro MicroSystems

  ACS712_16 Datasheet HTML 1Page - Allegro MicroSystems ACS712_16 Datasheet HTML 2Page - Allegro MicroSystems ACS712_16 Datasheet HTML 3Page - Allegro MicroSystems ACS712_16 Datasheet HTML 4Page - Allegro MicroSystems ACS712_16 Datasheet HTML 5Page - Allegro MicroSystems ACS712_16 Datasheet HTML 6Page - Allegro MicroSystems ACS712_16 Datasheet HTML 7Page - Allegro MicroSystems ACS712_16 Datasheet HTML 8Page - Allegro MicroSystems ACS712_16 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
Fully Integrated, Hall Effect-Based Linear Current Sensor IC
with
2.1 kVRMS Isolation and a Low-Resistance Current Conductor
ACS712
5
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
x05B PERFORMANCE CHARACTERISTICS1 T
A = –40°C to 85°C, CF = 1 nF, and VCC = 5 V, unless otherwise specified
Characteristic
Symbol
Test Conditions
Min.
Typ.
Max.
Units
Optimized Accuracy Range
IP
–5
5
A
Sensitivity
Sens
Over full range of IP, TA = 25°C
180
185
190
mV/A
Noise
VNOISE(PP)
Peak-to-peak, TA = 25°C, 185 mV/A programmed Sensitivity,
CF = 47 nF, COUT = open, 2 kHz bandwidth
–21
mV
Zero Current Output Slope
∆VOUT(Q)
TA = –40°C to 25°C
–0.26
mV/°C
TA = 25°C to 150°C
–0.08
mV/°C
Sensitivity Slope
∆Sens
TA = –40°C to 25°C
0.054
mV/A/°C
TA = 25°C to 150°C
–0.008
mV/A/°C
Total Output Error2
ETOT
IP =±5 A, TA = 25°C
±1.5
%
1Device may be operated at higher primary current levels, IP, and ambient temperatures, TA, provided that the Maximum Junction Temperature, TJ(max),
is not exceeded.
2Percentage of IP, with IP = 5 A. Output filtered.
x20A PERFORMANCE CHARACTERISTICS1 T
A = –40°C to 85°C, CF = 1 nF, and VCC = 5 V, unless otherwise specified
Characteristic
Symbol
Test Conditions
Min.
Typ.
Max.
Units
Optimized Accuracy Range
IP
–20
20
A
Sensitivity
Sens
Over full range of IP, TA = 25°C
96
100
104
mV/A
Noise
VNOISE(PP)
Peak-to-peak, TA = 25°C, 100 mV/A programmed Sensitivity,
CF = 47 nF, COUT = open, 2 kHz bandwidth
–11
mV
Zero Current Output Slope
∆VOUT(Q)
TA = –40°C to 25°C
–0.34
mV/°C
TA = 25°C to 150°C
–0.07
mV/°C
Sensitivity Slope
∆Sens
TA = –40°C to 25°C
0.017
mV/A/°C
TA = 25°C to 150°C
–0.004
mV/A/°C
Total Output Error2
ETOT
IP =±20 A, TA = 25°C
±1.5
%
1Device may be operated at higher primary current levels, IP, and ambient temperatures, TA, provided that the Maximum Junction Temperature,
TJ(max), is not exceeded.
2Percentage of IP, with IP = 20 A. Output filtered.
x30A PERFORMANCE CHARACTERISTICS1 T
A = –40°C to 85°C, CF = 1 nF, and VCC = 5 V, unless otherwise specified
Characteristic
Symbol
Test Conditions
Min.
Typ.
Max.
Units
Optimized Accuracy Range
IP
–30
30
A
Sensitivity
Sens
Over full range of IP, TA = 25°C
63
66
69
mV/A
Noise
VNOISE(PP)
Peak-to-peak, TA = 25°C, 66 mV/A programmed Sensitivity,
CF = 47 nF, COUT = open, 2 kHz bandwidth
–7
mV
Zero Current Output Slope
∆VOUT(Q)
TA = –40°C to 25°C
–0.35
mV/°C
TA = 25°C to 150°C
–0.08
mV/°C
Sensitivity Slope
∆Sens
TA = –40°C to 25°C
0.007
mV/A/°C
TA = 25°C to 150°C
–0.002
mV/A/°C
Total Output Error2
ETOT
IP = ±30 A, TA = 25°C
±1.5
%
1Device may be operated at higher primary current levels, IP, and ambient temperatures, TA, provided that the Maximum Junction Temperature,
TJ(max), is not exceeded.
2Percentage of IP, with IP = 30 A. Output filtered.


Similar Part No. - ACS712_16

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
ACS71240 ALLEGRO-ACS71240 Datasheet
1Mb / 21P
   Automotive-Grade, Galvanically Isolated Current Sensor IC with Common-Mode Field Rejection and Overcurrent Detection in Small Footprint Low-Profile Packages
ACS71240KEXBLT-010B3 ALLEGRO-ACS71240KEXBLT-010B3 Datasheet
1Mb / 21P
   Automotive-Grade, Galvanically Isolated Current Sensor IC with Common-Mode Field Rejection and Overcurrent Detection in Small Footprint Low-Profile Packages
ACS71240KEXBLT-010B3-115 ALLEGRO-ACS71240KEXBLT-010B3-115 Datasheet
1Mb / 21P
   Automotive-Grade, Galvanically Isolated Current Sensor IC with Common-Mode Field Rejection and Overcurrent Detection in Small Footprint Low-Profile Packages
ACS71240KEXBLT-010B5-115 ALLEGRO-ACS71240KEXBLT-010B5-115 Datasheet
1Mb / 21P
   Automotive-Grade, Galvanically Isolated Current Sensor IC with Common-Mode Field Rejection and Overcurrent Detection in Small Footprint Low-Profile Packages
ACS71240KEXBLT-010U3-115 ALLEGRO-ACS71240KEXBLT-010U3-115 Datasheet
1Mb / 21P
   Automotive-Grade, Galvanically Isolated Current Sensor IC with Common-Mode Field Rejection and Overcurrent Detection in Small Footprint Low-Profile Packages
More results

Similar Description - ACS712_16

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
ACS712 ALLEGRO-ACS712_V13 Datasheet
642Kb / 14P
   Fully Integrated, Hall Effect-Based Linear Current Sensor IC
ACS713 ALLEGRO-ACS713_16 Datasheet
569Kb / 14P
   Fully Integrated, Hall Effect-Based Linear Current Sensor IC
ACS756 ALLEGRO-ACS756_16 Datasheet
632Kb / 11P
   Fully Integrated, Hall Effect-Based Linear Current Sensor IC
ACS764 ALLEGRO-ACS764 Datasheet
387Kb / 22P
   Fully Integrated, Hall-Effect Based Current Sensor IC
ACS715 ALLEGRO-ACS715_16 Datasheet
796Kb / 15P
   Automotive Grade, Fully Integrated, Hall Effect-Based Linear Current Sensor IC
ACS714 ALLEGRO-ACS714_16 Datasheet
690Kb / 18P
   Automotive Grade, Fully Integrated, Hall Effect-Based Linear Current Sensor IC
ACS758 ALLEGRO-ACS758_13 Datasheet
737Kb / 22P
   Thermally Enhanced, Fully Integrated, Hall Effect-Based Linear Current Sensor IC with 100 Current Conductor
ACS758 ALLEGRO-ACS758_16 Datasheet
1Mb / 22P
   Thermally Enhanced, Fully Integrated, Hall Effect-Based Linear Current Sensor IC with 100 關廓 Current Conductor
ACS758XCB ALLEGRO-ACS758XCB Datasheet
594Kb / 16P
   Thermally Enhanced, Fully Integrated, Hall Effect-Based Linear Current Sensor IC with 100 關廓 Current Conductor
logo
Broadcom Corporation.
ACHS-7121 BOARDCOM-ACHS-7121 Datasheet
827Kb / 14P
   Fully Integrated, Hall Effect-Based Linear Current Sensor IC with 3 kVRMS Isolation and Low-Resistance Current Conductor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com