Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A4962 Datasheet(PDF) 7 Page - Allegro MicroSystems

Part # A4962
Description  Sensorless BLDC Controller
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A4962 Datasheet(HTML) 7 Page - Allegro MicroSystems

Back Button A4962 Datasheet HTML 3Page - Allegro MicroSystems A4962 Datasheet HTML 4Page - Allegro MicroSystems A4962 Datasheet HTML 5Page - Allegro MicroSystems A4962 Datasheet HTML 6Page - Allegro MicroSystems A4962 Datasheet HTML 7Page - Allegro MicroSystems A4962 Datasheet HTML 8Page - Allegro MicroSystems A4962 Datasheet HTML 9Page - Allegro MicroSystems A4962 Datasheet HTML 10Page - Allegro MicroSystems A4962 Datasheet HTML 11Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 42 page
background image
Sensorless BLDC Controller
A4962
7
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
Characteristics
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Logic Inputs & Outputs
Input Low Voltage
VIL
0.8
V
Input High Voltage (except PWM)
VIH
2.0
V
Input High Voltage (PWM)
VIH
2.1
V
Input Hysteresis
VIhys
150
550
mV
Input Pull-down Resistor (PWM, SDI,
SCK)
RPD
30
50
70
Input Pull-down Resistor (STRn)
RPU
30
50
70
Output Low Voltage (SDO)
VOL
IOL = 1 mA
0.2
0.4
V
Output High Voltage (SDO)
VOH
IOL = 1 mA2
2.4
3.0
V
Output Leakage2 (SDO)
IO
0 V < VO < 5.5 V, STRn = 1
–1
1
µA
Output Low Voltage (FAULTn, SPD)
VOL
IOL = 4 mA. FAULTn active
0.2
0.4
V
Output Current Limit (FAULTn, SPD)
IOLIM
0 V < VO < 15 V, FAULTn active
10
17
mA
15 V ≤ VO < 50 V, FAULTn active
2
mA
Output Leakage2 (FAULTn, SPD)
IO
0 V < VO < 12 V, FAULTn inactive
–1
1
µA
12 V ≤ VO < 50 V, FAULTn inactive
1.7
mA
Logic I/O – Timing Parameters
PWM Duty Detect Frequency Range
fPWD
5
1 k
Hz
PWM Brake Time
tBRK
500
µs
Serial Interface – Timing Parameters
Clock High Time
tSCKH
A in Figure 1
50
ns
Clock Low Time
tSCKL
B in Figure 1
50
ns
Strobe Lead Time
tSTLD
C in Figure 1
30
ns
Strobe Lag Time
tSTLG
D in Figure 1
30
ns
Strobe High Time
tSTRH
E in Figure 1
300
ns
Data Out Enable Time
tSDOE
F in Figure 1
40
ns
Data Out Disable Time
tSDOD
G in Figure 1
30
ns
Data Out Valid Time from Clock
Falling
tSDOV
H in Figure 1
40
ns
Data Out Hold Time from Clock
Falling
tSDOH
I in Figure 1
5
ns
Data In Set-up Time to Clock Rising
tSDIS
J in Figure 1
15
ns
Data In Hold Time from Clock Rising
tSDIH
K in Figure 1
10
ns
Motor Start-up Parameters
Hold Duty Cycle
DH
Default power-up value
35.5
37.5
39.5
%
Hold Time
tHOLD
Default power-up value
15.2
16
16.8
ms
Start Speed
fST
Default power-up value
7.6
8
8.4
Hz
ELECTRICAL CHARACTERISTICS (continued): valid at TA= 25°C, VBB = 4.2 V to 28 V (unless noted otherwise)
Contiued on next page...


Similar Part No. - A4962

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A496 ETC2-A496 Datasheet
654Kb / 16P
   MISCELLANEOUS HARDWARE-ACCESSORIES
logo
Allegro MicroSystems
A4960 ALLEGRO-A4960 Datasheet
599Kb / 34P
   The A4960 is a three-phase, sensorless, brushless DC (BLDC) motor controller for use with external N-channel power MOSFETs and is specifically designed for automotive applications.
A4960-A ALLEGRO-A4960-A Datasheet
1Mb / 34P
   Automotive, Sensorless BLDC Controller
A4963 ALLEGRO-A4963 Datasheet
642Kb / 42P
   Sensorless BLDC Controller
A4964 ALLEGRO-A4964 Datasheet
1Mb / 92P
   Sensorless Sinusoidal Drive BLDC Controller
More results

Similar Description - A4962

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A4963 ALLEGRO-A4963 Datasheet
642Kb / 42P
   Sensorless BLDC Controller
logo
Fairchild Semiconductor
ML4425 FAIRCHILD-ML4425 Datasheet
167Kb / 16P
   Sensorless BLDC Motor Controller
logo
Micro Linear Corporatio...
ML4425 MICRO-LINEAR-ML4425 Datasheet
353Kb / 16P
   Sensorless BLDC Motor Controller
logo
Allegro MicroSystems
A4960-A ALLEGRO-A4960-A Datasheet
1Mb / 34P
   Automotive, Sensorless BLDC Controller
logo
Micro Linear Corporatio...
ML4435 MICRO-LINEAR-ML4435 Datasheet
576Kb / 14P
   Sensorless BLDC Motor Controller
logo
Allegro MicroSystems
A4964 ALLEGRO-A4964 Datasheet
1Mb / 92P
   Sensorless Sinusoidal Drive BLDC Controller
logo
Micro Linear Corporatio...
ML4420 MICRO-LINEAR-ML4420 Datasheet
2Mb / 14P
   ENHANCED SENSORLESS BLDC MOTOR CONTROLLER
ML4426 MICRO-LINEAR-ML4426 Datasheet
353Kb / 16P
   Bi-directional Sensorless BLDC Motor Controller
logo
Princeton Technology Co...
PT2434 PTC-PT2434 Datasheet
412Kb / 5P
   3-Phase Sensorless BLDC Motor Controller
logo
Micro Linear Corporatio...
ML4428 MICRO-LINEAR-ML4428 Datasheet
310Kb / 16P
   Sensorless Smart-Start??BLDC PWM Motor Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com