Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A5929 Datasheet(PDF) 1 Page - Allegro MicroSystems

Part # A5929
Description  Automotive Full-Bridge MOSFET Driver
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A5929 Datasheet(HTML) 1 Page - Allegro MicroSystems

  A5929 Datasheet HTML 1Page - Allegro MicroSystems A5929 Datasheet HTML 2Page - Allegro MicroSystems A5929 Datasheet HTML 3Page - Allegro MicroSystems A5929 Datasheet HTML 4Page - Allegro MicroSystems A5929 Datasheet HTML 5Page - Allegro MicroSystems A5929 Datasheet HTML 6Page - Allegro MicroSystems A5929 Datasheet HTML 7Page - Allegro MicroSystems A5929 Datasheet HTML 8Page - Allegro MicroSystems A5929 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
The A5929 is a full-bridge controller for use with n-channel
external power MOSFETs and is specifically designed for
automotive applications.
A unique charge pump regulator provides full (>10 V) gate
drive at battery voltages down to 7 V and allows the A5929
to operate with reduced gate drive at battery voltages down
to 5.5 V. A bootstrap capacitor is used to provide the above
battery supply voltage required for n-channel MOSFETs.
One logic level input is provided for each of the four power
MOSFETs in the full-bridge, allowing motors to be driven
with any PWM scheme defined by an external controller.
The power MOSFETs are protected from cross-conduction
by integrated crossover control.
Motor phase short-to-supply and short-to-ground detection
is provided by independent drain-source voltage monitors
on each MOSFET. Short faults, supply undervoltage, and
chip over-temperature conditions are indicated by a single
open drain fault output.
The A5929 is supplied in a 24-pin TSSOP power pack-
age with an exposed thermal pad (package type LP). This
package is available in lead (Pb) free versions, with 100%
matte-tin lead frame plating (suffix –T).
A5929-DS
• High current Full-Bridge gate drive for n-channel
MOSFETs
• Cross-conduction protection
• 5.5 V to 50 V Supply Voltage Range
• Motor phase short to supply and short to ground
detection
• Undervoltage, overtemperature monitors
• Low Current Sleep Mode
Automotive Full-Bridge MOSFET Driver
Typical Application Diagram
Not to scale
A5929
MCU
A5929
VDD
VBAT
PACKAGE:
24-Pin eTSSOP with exposed thermal pad (suffix LP)
FEATURES AND BENEFITS
DESCRIPTION


Similar Part No. - A5929

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
A59 MACOM-A59 Datasheet
85Kb / 1P
   5 TO 500 MHz CASCADABLE AMPLIFIER
A59 MACOM-A59 Datasheet
377Kb / 2P
   Cascadable Amplifier 5 to 500 MHz
logo
M/A-COM Technology Solu...
A59 MA-COM-A59 Datasheet
1Mb / 2P
   Cascadable Amplifier
A59 MA-COM-A59 Datasheet
635Kb / 3P
   Cascadable Amplifier 5 to 500 MHz
logo
Tyco Electronics
A59-1 MACOM-A59-1 Datasheet
369Kb / 2P
   Cascadable Amplifier 10 to 700 MHz
More results

Similar Description - A5929

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A4940 ALLEGRO-A4940_16 Datasheet
402Kb / 14P
   Automotive Full Bridge MOSFET Driver
A3941 ALLEGRO-A3941_16 Datasheet
401Kb / 21P
   Automotive Full Bridge MOSFET Driver
A3921 ALLEGRO-A3921_16 Datasheet
401Kb / 21P
   Automotive Full Bridge MOSFET Driver
A3924 ALLEGRO-A3924 Datasheet
645Kb / 55P
   Automotive, Full-Bridge MOSFET Driver
A4940 ALLEGRO-A4940 Datasheet
404Kb / 14P
   Automotive Full Bridge MOSFET Driver
A3941 ALLEGRO-A3941 Datasheet
401Kb / 21P
   Automotive Full Bridge MOSFET Driver
A3921 ALLEGRO-A3921 Datasheet
401Kb / 21P
   Automotive Full Bridge MOSFET Driver
A3922 ALLEGRO-A3922 Datasheet
615Kb / 53P
   Automotive, Full-Bridge MOSFET Driver
A3941 ALLEGRO-A3941 Datasheet
524Kb / 20P
   Automotive Full Bridge MOSFET Driver
August 23, 2011
A4990 ALLEGRO-A4990 Datasheet
300Kb / 13P
   Automotive Dual Full Bridge Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com