Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A3998 Datasheet(PDF) 4 Page - Allegro MicroSystems

Part # A3998
Description  Dual DMOS Full Bridge Motor Driver With Serial Port Control and Dual Regulators
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A3998 Datasheet(HTML) 4 Page - Allegro MicroSystems

  A3998_16 Datasheet HTML 1Page - Allegro MicroSystems A3998_16 Datasheet HTML 2Page - Allegro MicroSystems A3998_16 Datasheet HTML 3Page - Allegro MicroSystems A3998_16 Datasheet HTML 4Page - Allegro MicroSystems A3998_16 Datasheet HTML 5Page - Allegro MicroSystems A3998_16 Datasheet HTML 6Page - Allegro MicroSystems A3998_16 Datasheet HTML 7Page - Allegro MicroSystems A3998_16 Datasheet HTML 8Page - Allegro MicroSystems A3998_16 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
Dual DMOS Full Bridge Motor Driver
With Serial Port Control and Dual Regulators
A3998
4
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
ELECTRICAL CHARACTERISTICS1,2 Valid at TJ = 25°C, VBB = 50 V; unless otherwise specified
Characteristics
Symbol
Test Conditions
Min.
Typ.3
Max.
Unit
Load Supply Voltage Range
VBB
Operating
9
50
V
Bridge Output On-Resistance
RDS(on)RG
Source driver, IOUT = –1.5 A
0.5
Ω
Sink driver, IOUT = 1.5 A
0.5
Ω
VBB Pins Supply Current
IBB
VREG regulated, IOUT = 0 mA, outputs on,
PWM = 50 kHz, Duty Cycle = 50%
5
10
mA
IBBS
Standby mode, regulator active
5
mA
VIN Pin Supply Current
IIN
5
8
mA
Control Logic
Logic Inputs Voltage Range
VIO
Operating
3
5.5
V
Logic Input Voltage
VIO(1)
VDD× 0.55
V
VIO(0)
VDD×0.27
V
Logic Pins Input Current (Except
ENB1,ENB2, FRST pins)
IIO
VIN = 0 to 5 V
–20
<1.0
20
μA
ENB1,ENB2, FRST Pins Input Current
IIO(1)
VIN = 3.3 V
66
100
μA
IIO(0)
VIN = 0.8 V
16
40
μA
Input Hysteresis
VIOHYS
200
700
mV
Propagation Delay Time
tpd
PWM change to source on
350
550
1000
ns
PWM change to source off
35
250
ns
PWM change to sink on
350
550
1000
ns
PWM change to sink off
35
250
ns
Crossover Delay
tCOD
300
425
1000
ns
Supply Monitor
Reset Timer
tPOR
70
100
130
ms
RSTN and PMON Pins Output
Voltage
VRST
IOUT = 1 mA
0.5
V
RSTN and PMON Pins Output
Leakage Current
Ileakage
VOUT = 5 V
1
μA
Power Monitor Threshold
VPM(th)
PMON pin, VBB falling
12
13
14
V
Power Monitor Hysteresis
VPMHYS
2
V
Protection Circuits
VIN Pin UVLO Threshold
VINUV(th)
VIN rising
2.8
3
V
VIN Pin UVLO Hysteresis
VINUVHYS
100
mV
VBB Pins UVLO Threshold
VBBUV(th) VBB rising
6.6
7.1
7.6
V
VBB Pins UVLO Hysteresis
VBBUVHYS
0.7
0.9
1.1
V
FB1 Pin UVLO Threshold
VFBUV(th) VFB falling
698
735
772
mV
FB1 Pin UVLO Hysteresis
VFBUVHYS
100
mV
Thermal Shutdown Temperature
TJSD
155
165
175
°C
Thermal Shutdown Hysteresis
TJSDHYS
20
°C
Continued on the next page…


Similar Part No. - A3998_16

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A3998 ALLEGRO-A3998 Datasheet
341Kb / 20P
   Designed to provide the motor driver and power supply requirements for printers and office automation equipment.
More results

Similar Description - A3998_16

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A3916 ALLEGRO-A3916 Datasheet
487Kb / 11P
   Dual DMOS Full-Bridge Motor Driver
AMT49702 ALLEGRO-AMT49702 Datasheet
560Kb / 10P
   Dual DMOS Full-Bridge Motor Driver
logo
STMicroelectronics
L6225 STMICROELECTRONICS-L6225 Datasheet
90Kb / 10P
   DUAL DMOS FULL BRIDGE MOTOR DRIVER
logo
Allegro MicroSystems
A4954 ALLEGRO-A4954 Datasheet
248Kb / 9P
   Dual Full-Bridge DMOS PWM Motor Driver
3965 ALLEGRO-3965 Datasheet
186Kb / 7P
   DMOS DUAL FULL-BRIDGE PWM MOTOR DRIVER
12/4/2002
A4954 ALLEGRO-A4954_16 Datasheet
247Kb / 9P
   Dual Full-Bridge DMOS PWM Motor Driver
A5995 ALLEGRO-A5995 Datasheet
715Kb / 12P
   DMOS Dual Full-Bridge PWM Motor Driver
3974 ALLEGRO-3974 Datasheet
178Kb / 12P
   DMOS DUAL FULL-BRIDGE PWM MOTOR DRIVER
3974 ALLEGRO-3974_1 Datasheet
617Kb / 12P
   DMOS DUAL FULL-BRIDGE PWM MOTOR DRIVER
A3974 ALLEGRO-A3974 Datasheet
470Kb / 12P
   DMOS Dual Full-Bridge PWM Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com