Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BZX84C6V8 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # BZX84C6V8
Description  Zeners
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

BZX84C6V8 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  BZX84C6V8 Datasheet HTML 1Page - Fairchild Semiconductor BZX84C6V8 Datasheet HTML 2Page - Fairchild Semiconductor BZX84C6V8 Datasheet HTML 3Page - Fairchild Semiconductor BZX84C6V8 Datasheet HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
BZX84 Series Rev. C
Electrical Characteristics (continued)
TA = 25°C unless otherwise noted
IZ = 2.0 mA
IZ = 100 µ
µµµA
IZ = 10 mA
V
Z (V)
V
Z (V)
V
Z (V)
Device
Mark
MIN
MAX
Z
Z(Ω
Ω)
MIN
MAX
Z
Z(Ω
Ω)
MIN
MAX
Z
Z(Ω
Ω)
BZX84C 27
BZX84C 30
BZX84C 33
Y10
Y11
Y12
25.1
28
31
28.9
32
35
80
80
80
25
27.8
30.8
28.9
32
35
300
300
325
25.2
28.1
31.1
29.3
32.4
35.4
45
50
55
V
F Foward Voltage = 0.9 V Maximum @ IF = 10 mA for all BZX 84 series
*Capacitance @ VR= 0.0 volts; Frequency = 1.0 megahertz.
D
VZ / Dt @ 5.0 mA(mV/k)
Device
V
R
(V)
I
R
(
µµµµA)
CAP*
(pF)
MIN
MAX
BZX84C 3V3
BZX84C 3V6
BZX84C 3V9
BZX84C 4V3
BZX84C 4V7
BZX84C 5V1
BZX84C 5V6
BZX84C 6V2
BZX84C 6V8
BZX84C 7V5
1.0
1.0
1.0
1.0
2.0
2.0
2.0
4.0
4.0
5.0
5.0
5.0
5.0
5.0
3
2
1
3
2
1
450
450
450
450
260
225
200
185
155
140
- 3.5
- 3.5
- 3.5
- 3.5
- 3.5
- 2.7
- 2.0
+ 0.4
+ 1.2
+ 2.5
0.0
0.0
0.0
0.0
+ 0.2
+ 1.2
+ 2.5
+ 3.7
+ 4.5
+ 5.3
BZX84C 8V2
BZX84C 9V1
BZX84C 10
BZX84C 11
BZX84C 12
BZX84C 13
5.0
6.0
7.0
8.0
8.0
8.0
0.7
0.5
0.2
0.1
0.1
0.1
135
130
130
130
130
120
+ 3.2
+ 3.8
+ 4.5
+ 5.4
+ 6.0
+ 7.0
+ 6.2
+ 7.0
+ 8.0
+ 9.0
+ 10
+ 11
BZX84C 15
BZX84C 16
BZX84C 18
BZX84C 20
BZX84C 22
BZX84C 24
10.5
11.2
12.6
14
15.4
16.8
0.05
0.05
0.05
0.05
0.05
0.05
110
105
100
85
85
80
+ 9.2
+ 10.4
+ 12.4
+ 14.4
+ 16.4
+ 18.4
+ 13
+ 14
+ 16
+ 18
+ 20
+ 22
BZX84C 27
BZX84C 30
BZX84C 33
18.9
21
23.1
0.05
0.05
0.05
70
70
70
+ 21.4
+ 24.4
+ 27.4
+ 25.3
+ 29.4
+ 33.4
Zeners (BZX84C 3V3 - BZX84C 33)
(continued)


Similar Part No. - BZX84C6V8

ManufacturerPart #DatasheetDescription
logo
Guilin Strong Micro-Ele...
BZX84C6V8 GSME-BZX84C6V8 Datasheet
247Kb / 3P
   SOT-23 SURFACE MOUNT ZENER DIODE
logo
Vishay Siliconix
BZX84C6V8 VISHAY-BZX84C6V8 Datasheet
70Kb / 5P
   350 mW Surface Mount Zener Diodes
Rev. 1, 01-Apr-99
logo
Bruckewell Technology L...
BZX84C6V8 BWTECH-BZX84C6V8 Datasheet
287Kb / 2P
   ZENER VOLTAGE REGULATORS
logo
SHENZHEN YONGERJIA INDU...
BZX84C6V8 WINNERJOIN-BZX84C6V8 Datasheet
435Kb / 5P
   Planar Die Construction.
logo
Central Semiconductor C...
BZX84C6V8 CENTRAL-BZX84C6V8 Datasheet
120Kb / 2P
   surface mount silicon Zener diodes
More results

Similar Description - BZX84C6V8

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
1N4370A FAIRCHILD-1N4370A Datasheet
44Kb / 4P
   Zeners
1N4744A FAIRCHILD-1N4744A Datasheet
50Kb / 5P
   Zeners
1N5221B FAIRCHILD-1N5221B_06 Datasheet
193Kb / 4P
   Zeners
1N5985B FAIRCHILD-1N5985B Datasheet
145Kb / 5P
   Zeners
BZX55C2V4 FAIRCHILD-BZX55C2V4_05 Datasheet
148Kb / 5P
   Zeners
MMSZ5226B FAIRCHILD-MMSZ5226B_12 Datasheet
159Kb / 4P
   Zeners
1N746A FAIRCHILD-1N746A Datasheet
51Kb / 3P
   Zeners
BZX79C8V2 FAIRCHILD-BZX79C8V2 Datasheet
47Kb / 5P
   Zeners
MMSZ5226B FAIRCHILD-MMSZ5226B_04 Datasheet
48Kb / 3P
   Zeners
1N4728A FAIRCHILD-1N4728A_05 Datasheet
52Kb / 5P
   Zeners
BZX79C20 FAIRCHILD-BZX79C20 Datasheet
47Kb / 5P
   Zeners
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com