Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A3930 Datasheet(PDF) 1 Page - Allegro MicroSystems

Part # A3930
Description  Automotive 3-Phase BLDC Controller and MOSFET Driver
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A3930 Datasheet(HTML) 1 Page - Allegro MicroSystems

  A3930_16 Datasheet HTML 1Page - Allegro MicroSystems A3930_16 Datasheet HTML 2Page - Allegro MicroSystems A3930_16 Datasheet HTML 3Page - Allegro MicroSystems A3930_16 Datasheet HTML 4Page - Allegro MicroSystems A3930_16 Datasheet HTML 5Page - Allegro MicroSystems A3930_16 Datasheet HTML 6Page - Allegro MicroSystems A3930_16 Datasheet HTML 7Page - Allegro MicroSystems A3930_16 Datasheet HTML 8Page - Allegro MicroSystems A3930_16 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
A3930 and A3931
Description
TheA3930 andA3931 are 3-phase brushless DC (BLDC) motor
controllers for use with N-channel external power MOSFETs.
They incorporate much of the circuitry required to design a
cost effective three-phase motor drive system, and have been
specifically designed for automotive applications.
A key automotive requirement is functionality over a wide
input supply range. A unique charge pump regulator provides
adequate (>10V) gate drive for battery voltages down to 7V,
and allows the device to operate with a reduced gate drive at
battery voltages down to 5.5V. Power dissipation in the charge
pump is minimized by switching from a voltage doubling mode
at low supply voltage to a dropout mode at the nominal running
voltage of 14V.
A bootstrap capacitor is used to provide the above-battery
supply voltage required for N-channel MOSFETs. An internal
charge pump for the high-side drive allows for DC (100% duty
cycle) operation.
Internal fixed-frequency PWM current control circuitry can
be used to regulate the maximum load current. The peak
load current limit is set by the selection of an input reference
voltage and external sensing resistor. The PWM frequency is
set by a user-selected external RC timing network. For added
flexibility, the PWM input can be used to provide speed and
3930-DS Rev. 4
Features and Benefits
▪ High current 3-phase gate drive for N-channel MOSFETs
▪ Synchronous rectification
▪ Cross-conduction protection
▪ Charge pump and top-off charge pump for 100% PWM
▪ Integrated commutation decoder logic
▪ Operation over 5.5 to 50 V supply voltage range
▪ Extensive diagnostics output
▪ Provides +5 V Hall sensor power
▪ Low-current sleep mode
Automotive 3-Phase BLDC Controller and MOSFET Driver
Typical Application
Continued on the next page…
Package: 48 Lead LQFP with exposed
thermal pad (suffix JP)
Approximate Scale 1:1


Similar Part No. - A3930_16

ManufacturerPart #DatasheetDescription
logo
3M Electronics
A3930-0000T 3M-A3930-0000T Datasheet
37Kb / 3P
   100 x 100, PCB Two Row
A3930-0010T 3M-A3930-0010T Datasheet
37Kb / 3P
   100 x 100, PCB Two Row
A3930-2000T 3M-A3930-2000T Datasheet
37Kb / 3P
   100 x 100, PCB Two Row
A3930-2010T 3M-A3930-2010T Datasheet
37Kb / 3P
   100 x 100, PCB Two Row
logo
Allegro MicroSystems
A3930KJP-T ALLEGRO-A3930KJP-T Datasheet
449Kb / 21P
   Automotive 3-Phase BLDC Controller and MOSFET Driver
More results

Similar Description - A3930_16

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A3930 ALLEGRO-A3930 Datasheet
382Kb / 21P
   Automotive 3-Phase BLDC Controller and MOSFET Driver
A3930 ALLEGRO-A3930 Datasheet
449Kb / 21P
   Automotive 3-Phase BLDC Controller and MOSFET Driver
AMT49413 ALLEGRO-AMT49413 Datasheet
626Kb / 21P
   3-Phase BLDC Controller and MOSFET Driver
logo
Melexis Microelectronic...
MLX83203-2 MELEXIS-MLX83203-2 Datasheet
2Mb / 42P
   Automotive 3-Phase BLDC Pre-Driver
logo
Infineon Technologies A...
IMD70XA INFINEON-IMD70XA Datasheet
8Mb / 155P
   BLDC Integrated Controller and Smart 3 Phase Gate Driver
Revision v1.00 2022-04-11
logo
Melexis Microelectronic...
MLX83203 MELEXIS-MLX83203_16 Datasheet
2Mb / 42P
   MLX83203-MLX83202 Automotive 3-Phase BLDC Pre-Driver
logo
Fairchild Semiconductor
FAN8423D3 FAIRCHILD-FAN8423D3 Datasheet
249Kb / 18P
   3-Phase BLDC Motor Driver
KA3080 FAIRCHILD-KA3080 Datasheet
540Kb / 20P
   3-Phase BLDC Motor Driver
FAN8420D3 FAIRCHILD-FAN8420D3 Datasheet
252Kb / 18P
   3-Phase BLDC Motor Driver
KA2822CD FAIRCHILD-KA2822CD Datasheet
456Kb / 14P
   3-Phase BLDC Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com