Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A3930 Datasheet(PDF) 7 Page - Allegro MicroSystems

Part # A3930
Description  Automotive 3-Phase BLDC Controller and MOSFET Driver
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A3930 Datasheet(HTML) 7 Page - Allegro MicroSystems

Back Button A3930_16 Datasheet HTML 3Page - Allegro MicroSystems A3930_16 Datasheet HTML 4Page - Allegro MicroSystems A3930_16 Datasheet HTML 5Page - Allegro MicroSystems A3930_16 Datasheet HTML 6Page - Allegro MicroSystems A3930_16 Datasheet HTML 7Page - Allegro MicroSystems A3930_16 Datasheet HTML 8Page - Allegro MicroSystems A3930_16 Datasheet HTML 9Page - Allegro MicroSystems A3930_16 Datasheet HTML 10Page - Allegro MicroSystems A3930_16 Datasheet HTML 11Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
Automotive 3-Phase BLDC Controller
and MOSFET Driver
A3930 and
A3931
7
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
Thermal Characteristics
Power Dissipation versus Ambient Temperature
THERMAL CHARACTERISTICS may require derating at maximum conditions, see Applications Information section
Characteristic
Symbol
Test Conditions*
Value Units
Package Thermal Resistance
RθJA
4-layer PCB, based on JEDEC standard
23
ºC/W
2-layer PCB, with 3 in.2 of copper area each side connected
by thermal vias
44
ºC/W
Die-to-Exposed Pad Thermal Resis-
tance
RθJP
2
ºC/W
*Additional thermal information available on Allegro Web site.
50
75
100
125
150
25
AMBIENT TEMPERATURE IN °C
6.0
5.0
0
1.0
2.0
3.0
4.0
R
JA =
23°C/W
R
JA = 44°C/W


Similar Part No. - A3930_16

ManufacturerPart #DatasheetDescription
logo
3M Electronics
A3930-0000T 3M-A3930-0000T Datasheet
37Kb / 3P
   100 x 100, PCB Two Row
A3930-0010T 3M-A3930-0010T Datasheet
37Kb / 3P
   100 x 100, PCB Two Row
A3930-2000T 3M-A3930-2000T Datasheet
37Kb / 3P
   100 x 100, PCB Two Row
A3930-2010T 3M-A3930-2010T Datasheet
37Kb / 3P
   100 x 100, PCB Two Row
logo
Allegro MicroSystems
A3930KJP-T ALLEGRO-A3930KJP-T Datasheet
449Kb / 21P
   Automotive 3-Phase BLDC Controller and MOSFET Driver
More results

Similar Description - A3930_16

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A3930 ALLEGRO-A3930 Datasheet
382Kb / 21P
   Automotive 3-Phase BLDC Controller and MOSFET Driver
A3930 ALLEGRO-A3930 Datasheet
449Kb / 21P
   Automotive 3-Phase BLDC Controller and MOSFET Driver
AMT49413 ALLEGRO-AMT49413 Datasheet
626Kb / 21P
   3-Phase BLDC Controller and MOSFET Driver
logo
Melexis Microelectronic...
MLX83203-2 MELEXIS-MLX83203-2 Datasheet
2Mb / 42P
   Automotive 3-Phase BLDC Pre-Driver
logo
Infineon Technologies A...
IMD70XA INFINEON-IMD70XA Datasheet
8Mb / 155P
   BLDC Integrated Controller and Smart 3 Phase Gate Driver
Revision v1.00 2022-04-11
logo
Melexis Microelectronic...
MLX83203 MELEXIS-MLX83203_16 Datasheet
2Mb / 42P
   MLX83203-MLX83202 Automotive 3-Phase BLDC Pre-Driver
logo
Fairchild Semiconductor
FAN8423D3 FAIRCHILD-FAN8423D3 Datasheet
249Kb / 18P
   3-Phase BLDC Motor Driver
KA3080 FAIRCHILD-KA3080 Datasheet
540Kb / 20P
   3-Phase BLDC Motor Driver
FAN8420D3 FAIRCHILD-FAN8420D3 Datasheet
252Kb / 18P
   3-Phase BLDC Motor Driver
KA2822CD FAIRCHILD-KA2822CD Datasheet
456Kb / 14P
   3-Phase BLDC Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com