Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A3921 Datasheet(PDF) 8 Page - Allegro MicroSystems

Part # A3921
Description  Automotive Full Bridge MOSFET Driver
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A3921 Datasheet(HTML) 8 Page - Allegro MicroSystems

Back Button A3921_16 Datasheet HTML 4Page - Allegro MicroSystems A3921_16 Datasheet HTML 5Page - Allegro MicroSystems A3921_16 Datasheet HTML 6Page - Allegro MicroSystems A3921_16 Datasheet HTML 7Page - Allegro MicroSystems A3921_16 Datasheet HTML 8Page - Allegro MicroSystems A3921_16 Datasheet HTML 9Page - Allegro MicroSystems A3921_16 Datasheet HTML 10Page - Allegro MicroSystems A3921_16 Datasheet HTML 11Page - Allegro MicroSystems A3921_16 Datasheet HTML 12Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
Automotive Full Bridge MOSFET Driver
A3921
8
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
In some applications a safety resistor is added between the gate
and source of each FET in the bridge. When a high-side FET is
held in the on-state, the current through the associated high-side
gate-source resistor (RGSH) is provided by the high-side drive and
therefore appears as a static resistive load on the top-off charge
pump. The minimum value of RGSH for which the top-off charge
pump can provide current is shown in the Electrical Characteris-
tics table.
GLA and GLB Pins
These are the low-side gate drive outputs for
the external N-channel MOSFETs. External resistors between the
gate drive output and the gate connection to the FET (as close as
possible to the FET) can be used to control the slew rate seen at
the gate, thereby providing some control of the di/dt and dv/dt of
the SA and SB outputs. GLx going high turns on the upper half of
the drive, sourcing current to the gate of the low-side FET in the
external power bridge, turning it on. GLx going low turns on the
lower half of the drive, sinking current from the external FET gate
circuit to the LSS pin, turning off the FET.
SA and SB Pins
Directly connected to the motor, these terminals
sense the voltages switched across the load. These terminals are
also connected to the negative side of the bootstrap capacitors
and are the negative supply connections for the floating high-side
drives. The discharge current from the high-side FET gate capaci-
tance flows through these connections, which should have low
impedance circuit connections to the FET bridge.
GHA and GHB Pins
These terminals are the high-side gate
drive outputs for the external N-channel FETs. External resistors
between the gate drive output and the gate connection to the FET
(as close as possible to the FET) can be used to control the slew
rate seen at the gate, thereby controlling the di/dt and dv/dt of the
SA and SB outputs. GHx going high turns on the upper half of
the drive, sourcing current to the gate of the high-side FET in the
external motor-driving bridge, turning it on. GHx going low turns
on the lower half of the drive, sinking current from the external
FET gate circuit to the corresponding Sx pin, turning off the FET.
CA and CB Pins
These are the high-side connections for the
bootstrap capacitors and are the positive supply for the high-side
gate drives. The bootstrap capacitors are charged to approxi-
mately VREG when the associated output Sx terminal is low.
When the Sx output swings high, the charge on the bootstrap
capacitor causes the voltage at the corresponding Cx terminal to
rise with the output to provide the boosted gate voltage needed
for the high-side FETs.
LSS Pin
This is the low-side return path for discharge of the
capacitance on the FET gates. It should be tied directly to the
common sources of the low-side external FETs through an inde-
pendent low impedance connection.
RDEAD Pin
This pin controls internal generation of dead time
during FET switching.
• When a resistor greater than 3 kΩ is connected between
RDEAD and AGND, cross-conduction is prevented by the gate
drive circuits, which introduce a dead time, tDEAD, between
switching one FET off and the complementary FET on. The
dead time is derived from the resistor value connected between
the RDEAD and AGND pins.
• When RDEAD is connected directly to V5, cross-conduction is
prevented by the gate drive circuits. In this case, tDEAD defaults
to a value of 6 μs typical.
Logic Control Inputs
Four low-voltage level digital inputs provide control for the
gate drives. These logic inputs all have a nominal hysteresis of
500 mV to improve noise performance. They are used together
to provide fast decay or slow decay with high-side or low-side
recirculation. They also provide brake, coast, and sleep modes as
defined in tables 1 and 2.
PWMH and PWML Pins
These inputs can be used to control
current in the power bridge. PWMH provides high-side chopping
and PWML provides low-side chopping. When used together
they control the power bridge in fast decay mode. The PWM
options are provided in table 2.
• Setting PWMH low turns off active high-side drives. This
provides high-side–chopped slow-decay PWM.
• Setting PWML low turns off active low-side drives. This
provides low-side–chopped slow-decay PWM.
• PWMH and PWML may also be connected together and driven
with a single PWM signal. This provides fast-decay PWM.
PHASE Pin
The state of the PHASE pin determines the positive
direction of load current (see table 1). The PHASE pin can also
be used as a PWM input when full four-quadrant control (fast
decay synchronous rectification) is required (see table 2).
SR Pin
This enables or disables synchronous rectification. When
SR is high, synchronous rectification is enabled during the PWM
off time. PWM off time is present when there is a low on either


Similar Part No. - A3921_16

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A3921 ALLEGRO-A3921 Datasheet
401Kb / 21P
   Automotive Full Bridge MOSFET Driver
More results

Similar Description - A3921_16

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A4940 ALLEGRO-A4940_16 Datasheet
402Kb / 14P
   Automotive Full Bridge MOSFET Driver
A3941 ALLEGRO-A3941_16 Datasheet
401Kb / 21P
   Automotive Full Bridge MOSFET Driver
A5929 ALLEGRO-A5929 Datasheet
536Kb / 17P
   Automotive Full-Bridge MOSFET Driver
A3924 ALLEGRO-A3924 Datasheet
645Kb / 55P
   Automotive, Full-Bridge MOSFET Driver
A4940 ALLEGRO-A4940 Datasheet
404Kb / 14P
   Automotive Full Bridge MOSFET Driver
A3941 ALLEGRO-A3941 Datasheet
401Kb / 21P
   Automotive Full Bridge MOSFET Driver
A3921 ALLEGRO-A3921 Datasheet
401Kb / 21P
   Automotive Full Bridge MOSFET Driver
A3922 ALLEGRO-A3922 Datasheet
615Kb / 53P
   Automotive, Full-Bridge MOSFET Driver
A3941 ALLEGRO-A3941 Datasheet
524Kb / 20P
   Automotive Full Bridge MOSFET Driver
August 23, 2011
A4990 ALLEGRO-A4990 Datasheet
300Kb / 13P
   Automotive Dual Full Bridge Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com