Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS2343 Datasheet(PDF) 11 Page - Texas Instruments

Part # TPS2343
Description  DUAL SLOT PCI-X 2.0 HOT PLUG POWER CONTROLLER
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2343 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS2343 Datasheet HTML 7Page - Texas Instruments TPS2343 Datasheet HTML 8Page - Texas Instruments TPS2343 Datasheet HTML 9Page - Texas Instruments TPS2343 Datasheet HTML 10Page - Texas Instruments TPS2343 Datasheet HTML 11Page - Texas Instruments TPS2343 Datasheet HTML 12Page - Texas Instruments TPS2343 Datasheet HTML 13Page - Texas Instruments TPS2343 Datasheet HTML 14Page - Texas Instruments TPS2343 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 40 page
background image
TPS2343
SLUS644B − FEBRUARY 2005 − MAY 2005
11
www.ti.com
TERMINAL FUNCTIONS
TERMINAL
I/O
DESCRIPTION
NUMBER
NAME
I/O
DESCRIPTION
19
P12VOB
O
This output delivers 12-V power to slot B when enabled and is pulled to PWRGND by an internal
FET when PWRRNB is false or FAULTB is true.
20
M12VINB
I
Connect this power input to −12-V power to drive slot B. This input must be connected to M12VINA.
Connect a 0.1-
µF capacitor from this pin to PWRGND.
21
M12VOB
O
This output delivers −12-V power to slot B when enabled and is pulled to PWRGND by an internal
FET when PWRRNB is false or FAULTB is true. Turn-on of −12-V power tracks turn-on of 12-V
power and is controlled by the capacitor on P12VGB.
22
MISET
I/O
This pin programs current limit for 12-V, 5-V, 3.3-V, and −12-V main supplies. MISET does not con-
trol 3.3VAUX or VIO current limit. The recommended resistor from MISET to ANAGND is 6.04 kΩ
±1%. Increasing the value of this resistor raises the current-limit thresholds for the supplies listed
above proportionately. MISET resistor is 12 k
Ω maximum.
23
ANAGND1
GND
Ground for low-level signals including the current sense circuits and the voltage reference.
24
PCIXCAP1B
O
This pin indicates bit 1 of the PCIXCAPB state.
25
DIGGND2
GND
This pin is the ground return for the digital circuits in the TPS2343.
26
PCIXCAP2B
O
This pin indicates bit 2 of the PCIXCAPB state.
27
FAULTB
O
This is an open-drain output that is low if there is a fault on the main power to slot B. This pin has
an internal 100-k
Ω pull-up resistor to DIGVCC.
28
AUXFLTB
O
This open-drain output is low if there is a fault on VAUX power to slot B. This pin has an internal
100-k
Ω pull-up resistor to DIGVCC and hysteresis.
29
OUTUVB
O
This open-drain output is low if slot B outputs are below normal operating range. This pin has an
internal 100-k
Ω pull-up resistor to DIGVCC.
30
PCIXCAP3B
O
This pin indicates bit 3 of the PCIXCAPB state.
31
PCIXCAPB
I
This pin is the input to a 5-level A/D converter that determines the speed and mode of the inserted
B slot card based on the impedance from this pin to ANAGND. The operation of this pin meets the
specifications of the PCI−X Local Bus Specification, revision 2.0.
32
PWROFFB
O
This output is low when all of the slot B power outputs are discharged.
33
PWRENB
I
This pin enables main power for slot B when high. This pin has an internal 100-k
Ω pull-up resistor
to DIGVCC and hysteresis. When low, FAULTB is clearded and OUTUVB is asserted.
34
SWB
I
This input enables 3.3-V VAUX power to slot B. When low, AUXFLTB is cleared. This pin has an
internal 100-k
Ω pull-up resistor to 3VAUXI and hysteresis.
35
ATTLEDB
O
This output is an open-drain power output that directly drives the slot B attention indicator LED. This
pin indicates the slot B LED attention indicator output signal from ALEDENB. This signal pulls low
with up to 24 mA of drive when asserted and is pulled high by an on-chip 100-k
Ω resistor to V5IN
when deasserted.
36
PWRLEDB
O
This open-drain active-low power output directly drives the slot B power indicator LED. This pin
indicates the slot B power LED output from PLEDENB. This signal pulls low with up to 24 mA of
drive when asserted and is pulled high by an on-chip 100-k
Ω resistor to V5IN when deasserted.
37
VIOSELB
I
This pin selects 3.3 V VIO for slot B when high, 1.5 V when low.
38
ALEDENB
I
This pin controls ATTLEDB. When this input is high, the LED is on (low).
39
PLEDENB
I
This pin controls PWRLEDB. When this input is high, the LED is on (low).
40
DIGVCC
I
This pin is the 3.3-V main power input to the TPS2343. Bypass this pin to DIGGND with a 0.1-
µF
ceramic capacitor close to the TPS2343.
41
DIGGND1
GND
This pin is the ground return for the digital circuits in the TPS2343.
Osolete Device


Similar Part No. - TPS2343

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2343 TI-TPS2343 Datasheet
670Kb / 39P
[Old version datasheet]   DUAL SLOT PCI-X 2.0 HOT-PLUG POWER CONTROLLER
More results

Similar Description - TPS2343

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2342 TI-TPS2342 Datasheet
847Kb / 53P
[Old version datasheet]   DUAL SLOT PCI-X 2.0 HOT PLUG POWER CONTROLLER
TPS2343 TI-TPS2343 Datasheet
670Kb / 39P
[Old version datasheet]   DUAL SLOT PCI-X 2.0 HOT-PLUG POWER CONTROLLER
TPS2342 TI1-TPS2342_15 Datasheet
818Kb / 52P
[Old version datasheet]   DUAL SLOT PCI-X 2.0 HOT PLUG POWER CONTROLLER
TPS2340A TI-TPS2340A Datasheet
389Kb / 27P
[Old version datasheet]   DUAL-SLOT PCI HOT-PLUG POWER CONTROLLER
logo
Micrel Semiconductor
MIC2593 MICREL-MIC2593_08 Datasheet
225Kb / 26P
   Dual-Slot PCI Hot Plug Controller
MIC2590B MICREL-MIC2590B Datasheet
190Kb / 24P
   Dual-Slot PCI Hot Plug Controller
MIC2590B MICREL-MIC2590B_08 Datasheet
235Kb / 23P
   Dual-Slot PCI Hot Plug Controller
logo
STMicroelectronics
MIC2593 STMICROELECTRONICS-MIC2593 Datasheet
175Kb / 26P
   Dual-Slot PCI Hot Plug Controller
logo
Micrel Semiconductor
MIC2591B MICREL-MIC2591B_05 Datasheet
1Mb / 34P
   Dual-Slot PCI Express Hot-Plug Controller
MIC2342 MICREL-MIC2342 Datasheet
1Mb / 32P
   Dual-Slot PCI Express짰 Hot-Plug Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com