Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS2343 Datasheet(PDF) 3 Page - Texas Instruments

Part # TPS2343
Description  DUAL SLOT PCI-X 2.0 HOT PLUG POWER CONTROLLER
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2343 Datasheet(HTML) 3 Page - Texas Instruments

  TPS2343 Datasheet HTML 1Page - Texas Instruments TPS2343 Datasheet HTML 2Page - Texas Instruments TPS2343 Datasheet HTML 3Page - Texas Instruments TPS2343 Datasheet HTML 4Page - Texas Instruments TPS2343 Datasheet HTML 5Page - Texas Instruments TPS2343 Datasheet HTML 6Page - Texas Instruments TPS2343 Datasheet HTML 7Page - Texas Instruments TPS2343 Datasheet HTML 8Page - Texas Instruments TPS2343 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 40 page
background image
TPS2343
SLUS644B − FEBRUARY 2005 − MAY 2005
3
www.ti.com
SIMPLIFIED BLOCK DIAGRAM
3
2
3VAUXI
To Slot B
+
2.2 V
SQ
Q
R
AUX FAULT
LATCH
2.5 ms
Turn−Off Delay
+
3VAUXA
10 ms
Turn−On Delay
77
PMEA
OVERCURRENT SENSE
63
P12VGA
+
+
66
5VSA
67
5VISA
SQ
Q
R
MAIN
FAULT
LATCH
Thermal
Shutdown
64
P12VINA
62
P12VOA
60
M12VOA
61
M12VINA
OVER−
CURRENT
SENSE
43
42
10
PWRGND1
59
ANAGND2
40
DIGVCC
41
DIGGND1
2.9 V
71
PWRGND2
ALEDENA
47
SWA
23
ANAGND1
25
DIGGND2
+
74
3VSA
75
3VISA
68
VIOSA
69
VIOISA
70
73
3VIOGA
15VIOGA
1
3VAUXGA
56
DIGGND3
Slot A shown
Slot B is identical
+
54
FAULTA
53
48
PWRENA
PLEDENA
50
PCIXCAPA
45
46
PWRLEDA
ATTLEDA
PCIXCAP
Decoder
57
55
51
PCIXCAP1A
PCIXCAP2A
PCIXCAP3A
To Logic
AUXFLTA
78
PMEOA
65
5VGA
22
MISET
100
mA
I−limit
threshold
76
3VGA
44
VIOSELA
49
PWROFFA
52
OUTUVA
P12VOA
5VISA
3VISA
VIOIS
OUTPUTS
LOW
M12VOA
P12VOA
5VISA
3VISA
OUTPUT
UV
In this drawing, circuits related to many functions are oversimplified. See the Application Section of the data
sheet for a more detailed representations of these functions.
Osolete Device


Similar Part No. - TPS2343

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2343 TI-TPS2343 Datasheet
670Kb / 39P
[Old version datasheet]   DUAL SLOT PCI-X 2.0 HOT-PLUG POWER CONTROLLER
More results

Similar Description - TPS2343

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2342 TI-TPS2342 Datasheet
847Kb / 53P
[Old version datasheet]   DUAL SLOT PCI-X 2.0 HOT PLUG POWER CONTROLLER
TPS2343 TI-TPS2343 Datasheet
670Kb / 39P
[Old version datasheet]   DUAL SLOT PCI-X 2.0 HOT-PLUG POWER CONTROLLER
TPS2342 TI1-TPS2342_15 Datasheet
818Kb / 52P
[Old version datasheet]   DUAL SLOT PCI-X 2.0 HOT PLUG POWER CONTROLLER
TPS2340A TI-TPS2340A Datasheet
389Kb / 27P
[Old version datasheet]   DUAL-SLOT PCI HOT-PLUG POWER CONTROLLER
logo
Micrel Semiconductor
MIC2593 MICREL-MIC2593_08 Datasheet
225Kb / 26P
   Dual-Slot PCI Hot Plug Controller
MIC2590B MICREL-MIC2590B Datasheet
190Kb / 24P
   Dual-Slot PCI Hot Plug Controller
MIC2590B MICREL-MIC2590B_08 Datasheet
235Kb / 23P
   Dual-Slot PCI Hot Plug Controller
logo
STMicroelectronics
MIC2593 STMICROELECTRONICS-MIC2593 Datasheet
175Kb / 26P
   Dual-Slot PCI Hot Plug Controller
logo
Micrel Semiconductor
MIC2591B MICREL-MIC2591B_05 Datasheet
1Mb / 34P
   Dual-Slot PCI Express Hot-Plug Controller
MIC2342 MICREL-MIC2342 Datasheet
1Mb / 32P
   Dual-Slot PCI Express짰 Hot-Plug Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com