Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS2211APWPR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2211APWPR
Description  SINGLE-SLOT PC CARD POWER INTERFACE SWITCH FOR PARALLEL PCMCIA CONTROLLERS
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2211APWPR Datasheet(HTML) 5 Page - Texas Instruments

  TPS2211APWPR Datasheet HTML 1Page - Texas Instruments TPS2211APWPR Datasheet HTML 2Page - Texas Instruments TPS2211APWPR Datasheet HTML 3Page - Texas Instruments TPS2211APWPR Datasheet HTML 4Page - Texas Instruments TPS2211APWPR Datasheet HTML 5Page - Texas Instruments TPS2211APWPR Datasheet HTML 6Page - Texas Instruments TPS2211APWPR Datasheet HTML 7Page - Texas Instruments TPS2211APWPR Datasheet HTML 8Page - Texas Instruments TPS2211APWPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
TPS2211A
SINGLESLOT PC CARD POWER INTERFACE SWITCH
FOR PARALLEL PCMCIA CONTROLLERS
SLVS282B − SEPTEMBER 2000 − REVISED JULY 2005
5
WWW.TI.COM
switching characteristics
PARAMETER
TEST CONDITIONS§
MIN
TYP
MAX
UNIT
tr
Rise times, output
VO(AVCC) (5 V)
2.8
tr
Rise times, output
VO(AVPP) (12 V)
6
ms
tf
Fall times, output
VO(AVCC) (5 V)
5
ms
tf
Fall times, output
VO(AVPP) (12 V)
19
VI(VPPD0) to VO(AVPP) (12 V)
ton
7
VI(VPPD0) to VO(AVPP) (12 V)
toff
23
tpd
Propagation delay (see Figure1)
VI(VCCD1) to VO(AVCC) (3.3 V)
ton
2.8
ms
tpd
Propagation delay (see Figure1)
VI(VCCD1) to VO(AVCC) (3.3 V)
toff
12
ms
VI(VCCD0) to VO(AVCC) (5 V)
ton
3.7
VI(VCCD0) to VO(AVCC) (5 V)
toff
13
‡ Switching characteristics are with CL = 150 µF.
§Refer to Parameter Measurement Information
PARAMETER MEASUREMENT INFORMATION
toff
toff
LOAD CIRCUIT
CL
ton
VOLTAGE WAVEFORMS
VI(12V)
GND
50%
90%
VDD
GND
VI(VPPD0)
VO(AVPP)
AVPP
LOAD CIRCUIT
CL
AVCC
VOLTAGE WAVEFORMS
VI(3.3V)
GND
50%
90%
10%
VDD
GND
VI(VCCD1)
VO(AVCC)
10%
ton
50%
50%
(VI(VPPD1) = 0 V)
(VI(VCCD0) = VDD)
Figure 1. Test Circuits and Voltage Waveforms
Table of Timing Diagrams
FIGURE
AVCC Propagation Delay and Rise Time With 1-
µF Load, 3.3-V Switch
2
AVCC Propagation Delay and Fall Time With 1-
µF Load, 3.3-V Switch
3
AVCC Propagation Delay and Rise Time With 150-
µF Load, 3.3-V Switch
4
AVCC Propagation Delay and Fall Time With 150-
µF Load, 3.3-V Switch
5
AVCC Propagation Delay and Rise Time With 1-
µF Load, 5-V Switch
6
AVCC Propagation Delay and Fall Time With 1-
µF Load, 5-V Switch
7
AVCC Propagation Delay and Rise Time With 150-
µF Load, 5-V Switch
8
AVCC Propagation Delay and Fall Time With 150-
µF Load, 5-V Switch
9
AVPP Propagation Delay and Rise Time With 1-
µF Load, 12-V Switch
10
AVPP Propagation Delay and Fall Time With 1-
µF Load, 12-V Switch
11
AVPP Propagation Delay and Rise Time With 150-
µF Load, 12-V Switch
12
AVPP Propagation Delay and Fall Time With 150-
µF Load, 12-V Switch
13


Similar Part No. - TPS2211APWPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2211APWPR TI-TPS2211APWPR Datasheet
454Kb / 19P
[Old version datasheet]   SINGLE-SLOT PC CARD POWER INTERFACE SWITCH FOR PARALLEL PCMCIA CONTROLLERS
TPS2211APWPRG4 TI-TPS2211APWPRG4 Datasheet
454Kb / 19P
[Old version datasheet]   SINGLE-SLOT PC CARD POWER INTERFACE SWITCH FOR PARALLEL PCMCIA CONTROLLERS
More results

Similar Description - TPS2211APWPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2211 TI-TPS2211 Datasheet
323Kb / 22P
[Old version datasheet]   SINGLE-SLOT PC CARD POWER INTERFACE SWITCH FOR PARALLEL PCMCIA CONTROLLERS
TPS2211A TI-TPS2211A Datasheet
454Kb / 19P
[Old version datasheet]   SINGLE-SLOT PC CARD POWER INTERFACE SWITCH FOR PARALLEL PCMCIA CONTROLLERS
TPS2211 TI1-TPS2211_12 Datasheet
661Kb / 23P
[Old version datasheet]   SINGLE-SLOT PC CARD POWER INTERFACE SWITCH FOR PARALLEL PCMCIA CONTROLLERS
TPS2205 TI-TPS2205 Datasheet
463Kb / 28P
[Old version datasheet]   DUAL-SLOT PC CARD POWER-INTERFACE SWITCH FOR PARALLEL PCMCIA CONTROLLERS
TPS2205 TI1-TPS2205_13 Datasheet
1Mb / 33P
[Old version datasheet]   DUAL-SLOT PC CARD POWER-INTERFACE SWITCH FOR PARALLEL PCMCIA CONTROLLERS
TPS2228 TI-TPS2228 Datasheet
175Kb / 23P
[Old version datasheet]   PC CARD POWER-INTERFACE SWITCH FOR PCMCIA CONTROLLERS
TPS2228 TI1-TPS2228_16 Datasheet
1Mb / 34P
[Old version datasheet]   PC CARD POWER-INTERFACE SWITCH FOR PCMCIA CONTROLLERS
TPS2201IDFR TI-TPS2201IDFR Datasheet
922Kb / 25P
[Old version datasheet]   DUAL-SLOT PC CARD POWER-INTERFACE SWITCHES FOR PARALLEL PCMCIA CONTROLLERS
TPS2201 TI-TPS2201 Datasheet
478Kb / 23P
[Old version datasheet]   DUAL-SLOT PC CARD POWER-INTERFACE SWITCHES FOR PARALLEL PCMCIA CONTROLLERS
TPS2214 TI-TPS2214 Datasheet
351Kb / 26P
[Old version datasheet]   DUAL-SLOT PC CARD POWER-INTERFACE SWITCH FOR SERIAL PCMCIA CONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com